Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GAL16V8_R Datasheet(PDF) 3 Page - ATMEL Corporation

Part # GAL16V8_R
Description  Industry-standard architecture Emulates Many 20-pin PALs Low-cost, easy to use software tools
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

GAL16V8_R Datasheet(HTML) 3 Page - ATMEL Corporation

  GAL16V8_R Datasheet HTML 1Page - ATMEL Corporation GAL16V8_R Datasheet HTML 2Page - ATMEL Corporation GAL16V8_R Datasheet HTML 3Page - ATMEL Corporation GAL16V8_R Datasheet HTML 4Page - ATMEL Corporation GAL16V8_R Datasheet HTML 5Page - ATMEL Corporation GAL16V8_R Datasheet HTML 6Page - ATMEL Corporation GAL16V8_R Datasheet HTML 7Page - ATMEL Corporation GAL16V8_R Datasheet HTML 8Page - ATMEL Corporation GAL16V8_R Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3
0425H–PLD–3/11
Atmel ATF16V8C
1.
Absolute maximum ratings*
2.
DC and AC characteristics
Table 2-1.
DC and AC operating conditions
Note:
1. All I
CC parameters measured with outputs open
Temperature under bias . . . . . . . . . . . . . . . . . . . . . . . . -40
C to +85C
*NOTICE:
Stresses beyond those listed under “Absolute
maximum ratings” may cause permanent damage to
the device. This is a stress rating only, and functional
operation of the device at these or any other conditions
beyond those indicated in the operational sections of
this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may
affect device reliability.
Note:
1. Minimum voltage is -0.6V DC, which may undershoot
to -2.0V for pulses of less than 20ns. Maximum out-
put pin voltage is V
CC + 0.75V DC, which may
overshoot to 7.0V for pulses of less than 20ns.
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . . . .-65
C to +150C
Voltage on any pin with respect to ground . . . . . -2.0V to +7.0V
(1)
Voltage on input pins with respect to ground
during programming . . . . . . . . . . . . . . . . . . . . . . . . -2.0V to +14.0V
(1)
Programming voltage with
respect to ground . . . . . . . . . . . . . . . . . . . . . . . . . . . -2.0V to +14.0V
(1)
Commercial
Industrial
Operating temperature (Ambient)
0
C - 70C-40C - 85C
V
CC power supply
5V ± 5%
5V ± 10%
Table 2-2.
DC characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
IL
Input or I/O low leakage current
0
 V
IN  VIL (Max)
-10.0
μA
I
IH
Input or I/O high leakage current
3.5
 V
IN  VCC
10.0
μA
I
CC1
(1)
Power supply current, standby
15MHz, V
CC = Max,
V
IN = 0, VCC, outputs open
Com.
115
mA
Ind.
130
mA
I
PD
Power supply current,
Power-down mode
V
CC = Max, VIN = 0, VCC
Com.
10
100
μA
Ind.
10
105
μA
I
OS
Output short circuit current
V
OUT = 0.5V;
V
CC = 5V; TA = 25°C
-150
mA
V
IL
Input low voltage
Min < V
CC < Max
-0.5
0.8
V
V
IH
Input high voltage
2.0
V
CC + 1
V
V
OL
Output low voltage
V
CC = Min; All outputs
I
OL = 24mA
Com., Ind.
0.5
V
V
OH
Output high voltage
V
CC = Min
I
OL = -4.0mA
2.4
V
I
OL
Output low current
V
CC = Min
Com.
24.0
mA
Ind.
12.0
mA
I
OH
Output high current
V
CC = Min
Com., Ind.
-4.0
mA


Similar Part No. - GAL16V8_R

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
GAL16V8_R ATMEL-GAL16V8_R Datasheet
641Kb / 26P
   Industry-standard Architecture Emulates Mary 20-pin PAL
More results

Similar Description - GAL16V8_R

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF16V8B ATMEL-ATF16V8B Datasheet
641Kb / 26P
   Industry-standard Architecture Emulates Mary 20-pin PAL
logo
Maxim Integrated Produc...
MAX16065EVKIT MAXIM-MAX16065EVKIT Datasheet
2Mb / 22P
   Easy-to-Use GUI Software
Rev 0; 5/11
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B_14 Datasheet
628Kb / 16P
   Industry Standard Architecture
ATF22V10CQ ATMEL-ATF22V10CQ_14 Datasheet
1Mb / 22P
   Industry-standard Architecture
ATF22V10CQZ ATMEL-ATF22V10CQZ_14 Datasheet
1Mb / 19P
   Industry-standard Architecture
ATF20V8B ATMEL-ATF20V8B_14 Datasheet
668Kb / 22P
   Industry-standard Architecture
ATF16LV8C ATMEL-ATF16LV8C_14 Datasheet
224Kb / 15P
   Industry-standard Architecture
ATF16V8CZ ATMEL-ATF16V8CZ_14 Datasheet
596Kb / 26P
   Industry-standard Architecture
ATF20V8BQL ATMEL-ATF20V8BQL_14 Datasheet
668Kb / 22P
   Industry-standard Architecture
ATF22V10C ATMEL-ATF22V10C_14 Datasheet
1Mb / 22P
   Industry-standard Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com