Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACH4518-472 Datasheet(PDF) 3 Page - TDK Electronics

Part # ACH4518-472
Description  3-teminal Filters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACH4518-472 Datasheet(HTML) 3 Page - TDK Electronics

  ACH4518-472 Datasheet HTML 1Page - TDK Electronics ACH4518-472 Datasheet HTML 2Page - TDK Electronics ACH4518-472 Datasheet HTML 3Page - TDK Electronics ACH4518-472 Datasheet HTML 4Page - TDK Electronics ACH4518-472 Datasheet HTML 5Page - TDK Electronics ACH4518-472 Datasheet HTML 6Page - TDK Electronics ACH4518-472 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
• All specifications are subject to change without notice.
(2/6)
001-03 / 20110928 / e9611_ach
ELECTRICAL CHARACTERISTICS
TYPICAL ELECTRICAL CHARACTERISTICS
ATTENUATION vs. FREQUENCY CHARACTERISTICS
(Glass epoxy coated double side mounting PCB)
CIRCUIT DIAGRAM
Part No.
Rated voltage
Edc(V)max.
Rated current
(A)max.
Insulation resistance
(M
Ω)min.
DC resistance
(m
Ω)max.
Guaranteed
attenuation
(dB)
Guaranteed frequency
bandwidth
(MHz)
ACH32C-100-T001
50
6
100
2
–15
2000 to 6000
ACH32C-220-T001
50
6
100
2
–15
1300 to 2500
ACH32C-470-T001
50
6
100
2
–15
650 to 2500
ACH32C-101-T001
50
6
100
2
–20
450 to 1300
ACH32C-331-T001
50
6
100
2
–20
200 to 800
ACH32C-102-T001
50
6
100
2
–25
100 to 350
ACH32C-222-T001
50
6
100
2
–25
55 to 300
ACH32C-103-T001
50
6
100
2
–25
30 to 200
ACH32C-333-T001
50
6
100
2
–25
10 to 300
ACH32C-104-T001
50
6
100
2
–25
3.5 to 200
1
–80
–70
–60
–50
–40
–30
–20
–10
0
10
100
1000
10000
Frequency(MHz)
331
100
1
–80
–70
–60
–50
–40
–30
–20
–10
0
10
100
1000
10000
Frequency(MHz)
220
470
101
1
–80
–70
–60
–50
–40
–30
–20
–10
0
10
100
1000
10000
Frequency(MHz)
104
103
102
1
–80
–70
–60
–50
–40
–30
–20
–10
0
10
100
1000
10000
Frequency(MHz)
333
222
ACH-C Series
L.M.
S.G.
50


Similar Part No. - ACH4518-472

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACH4518-472-TD01 TDK-ACH4518-472-TD01 Datasheet
161Kb / 3P
   3-terminal filters For power line ACH series
20211217
More results

Similar Description - ACH4518-472

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACF3225 TDK-ACF3225 Datasheet
116Kb / 5P
   3-teminal Filters For signal line ACF series
MEM1608D301RT001 TDK-MEM1608D301RT001 Datasheet
167Kb / 3P
   3-terminal Filters
MEA1608LC060T001 TDK-MEA1608LC060T001 Datasheet
163Kb / 3P
   3-terminal Filters
MEA1608LC100T001 TDK-MEA1608LC100T001 Datasheet
164Kb / 3P
   3-terminal Filters
MEA1608LC220T001 TDK-MEA1608LC220T001 Datasheet
163Kb / 3P
   3-terminal Filters
MEA1608LE100TA0G TDK-MEA1608LE100TA0G Datasheet
170Kb / 3P
   3-terminal Filters
MEA1608LE220TA0G TDK-MEA1608LE220TA0G Datasheet
170Kb / 3P
   3-terminal Filters
MEA1608PE360TA0G TDK-MEA1608PE360TA0G Datasheet
166Kb / 3P
   3-terminal Filters
MEA2010LC150T002 TDK-MEA2010LC150T002 Datasheet
162Kb / 3P
   3-terminal Filters
MEA2010PE220T001 TDK-MEA2010PE220T001 Datasheet
168Kb / 3P
   3-terminal Filters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com