Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVR-M1608C180MT6AB Datasheet(PDF) 6 Page - TDK Electronics

Part # AVR-M1608C180MT6AB
Description  Countermeasure for surge voltage and static electricity
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

AVR-M1608C180MT6AB Datasheet(HTML) 6 Page - TDK Electronics

Back Button AVR-M1608C180MT6AB Datasheet HTML 2Page - TDK Electronics AVR-M1608C180MT6AB Datasheet HTML 3Page - TDK Electronics AVR-M1608C180MT6AB Datasheet HTML 4Page - TDK Electronics AVR-M1608C180MT6AB Datasheet HTML 5Page - TDK Electronics AVR-M1608C180MT6AB Datasheet HTML 6Page - TDK Electronics AVR-M1608C180MT6AB Datasheet HTML 7Page - TDK Electronics AVR-M1608C180MT6AB Datasheet HTML 8Page - TDK Electronics AVR-M1608C180MT6AB Datasheet HTML 9Page - TDK Electronics AVR-M1608C180MT6AB Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
(6/11)
002-01 / 20130821 / e9c11_avr.fm
• All specifications are subject to change without notice.
AVRL TYPE
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions L
W
(3) Maximum continuous voltage
(4) Capacitance
(5) Capacitance tolerance
(6) Packaging style
(7) Varistor voltage and TDK internal code
SHAPES AND DIMENSIONS
Dimensions in mm
RECOMMENDED PC BOARD PATTERN
Dimensions in mm
ELECTRICAL CHARACTERISTICS
TERMINOLOGY
AVRL 10 1A 3R3
F
T
A
(1)
(2) (3)
(4)
(5) (6) (7)
04
0.4
0.2mm
06
0.6
0.3mm
10
1.0
0.5mm
16
1.6
0.8mm
1A
10Vdc
1C
16Vdc
1E
25Vdc
1R1
1.1pF
2R2
2.2pF
3R3
3.3pF
6R8
6.8pF
N
±0.3pF
D
±0.5pF
F±1pF
G±2pF
TTaping
Type
L
W
T
B min.
Weight
(mg)typ.
0402
0.4±0.02
0.2±0.02
0.2±0.02
0.07
0.1
0603
0.6±0.03
0.3±0.03
0.3±0.03
0.1
0.2
1005
1.0±0.05
0.5±0.05
0.5±0.05
0.1
1.2
1608
1.6±0.1
0.8±0.1
0.8±0.1
0.2
5
Type
a
b
c
0402
0.2
0.15 to 0.2
0.18 to 0.2
0603
0.25 to 0.35
0.2 to 0.3
0.25 to 0.35
1005
0.3 to 0.5
0.35 to 0.45
0.4 to 0.6
1608
0.6 to 0.8
0.6 to 0.8
0.6 to 0.8
L
B
a
b
b
Part No.
Capacitance
C(pF)
[1MHz, 1Vrms]
Maximum continuous voltage
(Rated voltage)
Vdc(V)
max.
Insulation resistance
Rdc(M
)
[3Vrms]
min.
Varistor voltage
V1mA(V)[DC1mA]
typ.
Packaging quantities
(Taping)
(pieces/reel)
0402 type
AVRL041E1R1NTA
1.1[0.8 to 1.4]
25
10
39
20,000
0603 type
AVRL061E1R1NTA
1.1[0.8 to 1.4]
25
10
39
15,000
1005 type
AVRL101A1R1NTA
1.1[0.8 to 1.4]
10
10
90
10,000
AVRL101A1R1NTB
1.1[0.8 to 1.4]
10
10
39
AVRL101C2R2DTA
2.2[1.7 to 2.7]
16
10
90
AVRL101A3R3FTA
3.3[2.3 to 4.3]
10
10
27
AVRL101A6R8GTA
6.8[4.8 to 8.8]
10
10
27
1608 type
AVRL161A1R1NTA
1.1[0.8 to 1.4]
10
10
90
4,000
AVRL161A1R1NTB
1.1[0.8 to 1.4]
10
10
39
AVRL161A3R3FTA
3.3[2.3 to 4.3]
10
10
27
AVRL161A6R8GTA
6.8[4.8 to 8.8]
10
10
27
Item
Unit
Terminology
Capacitance
C
(pF)
Capacitance measured at 1MHz of oscillator frequency and 1Vrms
of oscillator voltage.
Maximum continuous
voltage (Rated voltage)
Vdc
(V)
Maximum DC voltage that can be applied continuously.
Varistor leakage current: 50µA max.
(Within the range of maximum allowable circuit voltage)
Insulation resistance
Rdc
(M
 )
Insulation resistance appearing across the varistor when specified
voltage is applied.
Varistor voltage
(Breakdown voltage)
V1mA
(V)
Voltage measured across the varistor when DC1mA is applied.


Similar Part No. - AVR-M1608C180MT6AB

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
AVR-M1608C180MT6AB TDK-AVR-M1608C180MT6AB Datasheet
235Kb / 11P
   Chip Varistors Countermeasure for surge voltage and static electricity
AVR-M1608C180MT6AB TDK-AVR-M1608C180MT6AB Datasheet
411Kb / 12P
   Chip varistors ESD/Voltage protection devices
February 2022
More results

Similar Description - AVR-M1608C180MT6AB

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
AVR-M1608C080MTAAB TDK-AVR-M1608C080MTAAB Datasheet
235Kb / 11P
   Countermeasure for surge voltage and static electricity
AVRL101A6R8GTA TDK-AVRL101A6R8GTA Datasheet
240Kb / 12P
   Chip Varistors Countermeasure for surge voltage and static electricity
AVRL101A3R3FTA TDK-AVRL101A3R3FTA Datasheet
235Kb / 11P
   Chip Varistors Countermeasure for surge voltage and static electricity
logo
Rohm
RDS070N03 ROHM-RDS070N03 Datasheet
41Kb / 4P
   Excellent Resistance to damage from static electricity
logo
Asahi Kasei Microsystem...
AK8126B AKM-AK8126B Datasheet
213Kb / 8P
   EMI Countermeasure for Spread Spectrum IC
logo
TDK Electronics
MPZ1608 TDK-MPZ1608 Datasheet
47Kb / 2P
   EMI countermeasure product for power line
logo
Abracon Corporation
ASHEK ABRACON-ASHEK Datasheet
1Mb / 3P
   Electricity, gas and water metering
10.24.14
logo
List of Unclassifed Man...
AN232ISO ETC2-AN232ISO Datasheet
273Kb / 1P
   simple and effective protection against all surges, static electricity and ground loops in your RS232 line.
logo
TDK Electronics
MPZ1005A151ET000 TDK-MPZ1005A151ET000 Datasheet
127Kb / 10P
   For power line GHz noise countermeasure
logo
AMAZING Microelectronic...
AZ3205-01F AMAZING-AZ3205-01F Datasheet
171Kb / 6P
   Transient Voltage Suppressing Device For ESD and Surge Protection
Revision 2017/05/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com