Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACH4518-221 Datasheet(PDF) 6 Page - TDK Electronics

Part # ACH4518-221
Description  3-teminal Filters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACH4518-221 Datasheet(HTML) 6 Page - TDK Electronics

  ACH4518-221 Datasheet HTML 1Page - TDK Electronics ACH4518-221 Datasheet HTML 2Page - TDK Electronics ACH4518-221 Datasheet HTML 3Page - TDK Electronics ACH4518-221 Datasheet HTML 4Page - TDK Electronics ACH4518-221 Datasheet HTML 5Page - TDK Electronics ACH4518-221 Datasheet HTML 6Page - TDK Electronics ACH4518-221 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
• All specifications are subject to change without notice.
(5/6)
001-03 / 20110928 / e9611_ach
ACH4518 TYPE
SHAPES AND DIMENSIONS/CIRCUIT DIAGRAM
RECOMMENDED PC BOARD PATTERN
REFLOW SOLDERING
ELECTRICAL CHARACTERISTICS
TYPICAL ELECTRICAL CHARACTERISTICS
ATTENUATION vs. FREQUENCY CHARACTERISTICS
MEASURING CIRCUIT
Part No.
25dB attenuation
frequency range
(MHz)
Rated
voltage
Edc
(V)max.
Rated
current
(A)max.
DC resistance
(
Ω)max.
[Terminal No.1 to 3]
Insulation
resistance
(M
Ω)min.
[Terminal No.1 to 2/No.2 to 3]
ACH4518-333
6 to 60
50
2.0
0.06
1000
ACH4518-223
9 to 65
50
2.0
0.06
1000
ACH4518-153
11 to 70
50
2.0
0.06
1000
ACH4518-103
15 to 75
50
2.0
0.06
1000
ACH4518-682
20 to 85
50
2.0
0.06
1000
ACH4518-472
25 to 90
50
2.0
0.06
1000
ACH4518-332
35 to 100
50
2.0
0.06
1000
ACH4518-222
40 to 110
50
2.0
0.06
1000
ACH4518-152
50 to 130
50
2.0
0.06
1000
ACH4518-102
65 to 150
50
2.0
0.06
1000
ACH4518-681
75 to 160
50
2.0
0.06
1000
ACH4518-471
95 to 180
50
2.0
0.06
1000
ACH4518-331
115 to 205
50
2.0
0.06
1000
ACH4518-221
150 to 250
50
2.0
0.06
1000
ACH4518-151
190 to 290
50
2.0
0.06
1000
ACH4518-101
235 to 335
50
2.0
0.06
1000
ACH4518-680
290 to 395
50
2.0
0.06
1000
ACH4518-470
360 to 460
50
2.0
0.06
1000
ACH4518-330
450 to 550
50
2.0
0.06
1000
ACH4518-220
530 to 650
50
2.0
0.06
1000
1.75
3.5
1.75
1.0
Resist
Land pattern
Dimensions in mm
4.5
±0.4
Insulation
resin
Terminal
electrode
1.0
0.45
13
2
GND terminal
Ferrite
No polarity
3
1
2
GND
Dimensions in mm
• Dimension without tolerance
is reference value.
60
40
50
30
20
10
0
1000
100
300
10
30
13
Frequency(MHz)
223
333
153 103 682472332222
ACH Series
L.M.
S.G.
50


Similar Part No. - ACH4518-221

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACH4518-221-TD01 TDK-ACH4518-221-TD01 Datasheet
161Kb / 3P
   3-terminal filters For power line ACH series
20211217
More results

Similar Description - ACH4518-221

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACF3225 TDK-ACF3225 Datasheet
116Kb / 5P
   3-teminal Filters For signal line ACF series
MEM1608D301RT001 TDK-MEM1608D301RT001 Datasheet
167Kb / 3P
   3-terminal Filters
MEA1608LC060T001 TDK-MEA1608LC060T001 Datasheet
163Kb / 3P
   3-terminal Filters
MEA1608LC100T001 TDK-MEA1608LC100T001 Datasheet
164Kb / 3P
   3-terminal Filters
MEA1608LC220T001 TDK-MEA1608LC220T001 Datasheet
163Kb / 3P
   3-terminal Filters
MEA1608LE100TA0G TDK-MEA1608LE100TA0G Datasheet
170Kb / 3P
   3-terminal Filters
MEA1608LE220TA0G TDK-MEA1608LE220TA0G Datasheet
170Kb / 3P
   3-terminal Filters
MEA1608PE360TA0G TDK-MEA1608PE360TA0G Datasheet
166Kb / 3P
   3-terminal Filters
MEA2010LC150T002 TDK-MEA2010LC150T002 Datasheet
162Kb / 3P
   3-terminal Filters
MEA2010PE220T001 TDK-MEA2010PE220T001 Datasheet
168Kb / 3P
   3-terminal Filters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com