Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3880 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3880
Description  LM3880/LM3880Q-1 Power Sequencer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3880 Datasheet(HTML) 2 Page - Texas Instruments

  LM3880 Datasheet HTML 1Page - Texas Instruments LM3880 Datasheet HTML 2Page - Texas Instruments LM3880 Datasheet HTML 3Page - Texas Instruments LM3880 Datasheet HTML 4Page - Texas Instruments LM3880 Datasheet HTML 5Page - Texas Instruments LM3880 Datasheet HTML 6Page - Texas Instruments LM3880 Datasheet HTML 7Page - Texas Instruments LM3880 Datasheet HTML 8Page - Texas Instruments LM3880 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
FLAG1
VCC
EN
GND
FLAG3
FLAG2
5
1
2
3
4
6
LM3880, LM3880Q-1
SNVS451I – AUGUST 2006 – REVISED MARCH 2013
www.ti.com
Connection Diagram
Figure 1. Top View
SOT-23–6 Package
PIN DESCRIPTIONS
Pin #
Name
Function
1
VCC
Input supply
2
GND
Ground
3
EN
Precision enable pin
4
FLAG3
Open drain output #3
5
FLAG2
Open drain output #2
6
FLAG1
Open drain output #1
Table 1. Sequence Designator Table
Sequence Number
Flag Order
Power Up
Power Down
1
1 - 2 - 3
3 - 2 - 1
2
1 - 2 - 3
3 - 1 - 2
3
1 - 2 - 3
2 - 3 - 1
4
1 - 2 - 3
2 - 1 - 3
5
1 - 2 - 3
1 - 3 - 2
6
1 - 2 - 3
1 - 2 - 3
Table 2. Timing Designator Table(1)
Timing
td1
td2
td3
td4
td5
td6
Designator
AF
16ms
16ms
16ms
16ms
16ms
16ms
AE
2ms
2ms
2ms
2ms
2ms
2ms
AA
10ms
10ms
10ms
10ms
10ms
10ms
AB
30ms
30ms
30ms
30ms
30ms
30ms
AC
60ms
60ms
60ms
60ms
60ms
60ms
AD
120ms
120ms
120ms
120ms
120ms
120ms
(1)
See timing diagrams for more information
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM3880 LM3880Q-1


Similar Part No. - LM3880

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3880 NSC-LM3880 Datasheet
611Kb / 20P
   Power Sequencer
logo
Texas Instruments
LM3880 TI1-LM3880 Datasheet
844Kb / 20P
[Old version datasheet]   Power Sequencer
LM3880 TI1-LM3880 Datasheet
1Mb / 29P
[Old version datasheet]   Simple Power Sequencer
logo
National Semiconductor ...
LM3880 NSC-LM3880 Datasheet
283Kb / 12P
   Power Sequencer
logo
Texas Instruments
LM3880-Q1 TI1-LM3880-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   Simple Power Sequencer
More results

Similar Description - LM3880

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG7TD43741 RENESAS-SLG7TD43741 Datasheet
2Mb / 16P
   TDK Power Strip Sequencer 1
June 21, 2022
logo
Texas Instruments
LM3881 TI1-LM3881_14 Datasheet
790Kb / 17P
[Old version datasheet]   Power Sequencer
logo
National Semiconductor ...
LM3880 NSC-LM3880_08 Datasheet
283Kb / 12P
   Power Sequencer
LM3881 NSC-LM3881 Datasheet
243Kb / 14P
   Power Sequencer
LM3880 NSC-LM3880 Datasheet
611Kb / 20P
   Power Sequencer
logo
Texas Instruments
LM3880 TI1-LM3880_14 Datasheet
844Kb / 20P
[Old version datasheet]   Power Sequencer
logo
ABLIC Inc.
S-77100 ABLIC-S-77100 Datasheet
2Mb / 40P
   POWER SEQUENCER
Rev.1.0_02
logo
Seiko Instruments Inc
S-77100 SII-S-77100 Datasheet
4Mb / 40P
   POWER SEQUENCER
logo
Texas Instruments
LM3880 TI1-LM3880_16 Datasheet
1Mb / 29P
[Old version datasheet]   Simple Power Sequencer
logo
Dialog Semiconductor
SLG7NT4618 DIALOG-SLG7NT4618 Datasheet
1Mb / 10P
   APL Power Sequencer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com