Electronic Components Datasheet Search |
|
C1608C0G1H030C Datasheet(PDF) 6 Page - TDK Electronics |
|
C1608C0G1H030C Datasheet(HTML) 6 Page - TDK Electronics |
6 / 31 page (5/30) 007-02 / 20110907 / e412_c.fm • All specifications are subject to change without notice. Please read the precautions before using this catalog. • Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications. • For more information about the products of other capacitance or data, please contact us. CAPACITANCE RANGES: CLASS 1 (TEMPERATURE COMPENSATION) TEMPERATURE CHARACTERISTICS: C0G(0±30ppm/°C) Capacitance Dimension L ×W Thickness T(mm) Capacitance tolerance Part No. Rated voltage Edc: 50V Rated voltage Edc: 35V Rated voltage Edc: 25V Rated voltage Edc: 16V 10pF 0402 0.20±0.02 ±0.5pF C0402C0G1C100D(020BA) 0603 0.30±0.03 ±0.5pF C0603C0G1H100D(030BA) C0603C0G1E100D(030BA) 1005 0.50±0.05 ±0.25pF C1005C0G1H100C(050BA) ±0.5pF C1005C0G1H100D(050BA) 1608 0.80±0.10 ±0.25pF C1608C0G1H100C(080AA) ±0.5pF C1608C0G1H100D(080AA) 12pF 0402 0.20±0.02 ±5% C0402C0G1C120J(020BA) 0603 0.30±0.03 ±5% C0603C0G1H120J(030BA) C0603C0G1E120J(030BA) 1005 0.50±0.05 ±5% C1005C0G1H120J(050BA) 1608 0.80±0.10 ±5% C1608C0G1H120J(080AA) 15pF 0402 0.20±0.02 ±5% C0402C0G1C150J(020BA) 0603 0.30±0.03 ±5% C0603C0G1H150J(030BA) C0603C0G1E150J(030BA) 1005 0.50±0.05 ±5% C1005C0G1H150J(050BA) 1608 0.80±0.10 ±5% C1608C0G1H150J(080AA) 18pF 0603 0.30±0.03 ±5% C0603C0G1H180J(030BA) C0603C0G1E180J(030BA) 1005 0.50±0.05 ±5% C1005C0G1H180J(050BA) 1608 0.80±0.10 ±5% C1608C0G1H180J(080AA) 22pF 0603 0.30±0.03 ±5% C0603C0G1H220J(030BA) C0603C0G1E220J(030BA) 1005 0.50±0.05 ±5% C1005C0G1H220J(050BA) 1608 0.80±0.10 ±5% C1608C0G1H220J(080AA) 27pF 0603 0.30±0.03 ±5% C0603C0G1H270J(030BA) C0603C0G1E270J(030BA) 1005 0.50±0.05 ±5% C1005C0G1H270J(050BA) 1608 0.80±0.10 ±5% C1608C0G1H270J(080AA) 33pF 0603 0.30±0.03 ±5% C0603C0G1H330J(030BA) C0603C0G1E330J(030BA) 1005 0.50±0.05 ±5% C1005C0G1H330J(050BA) 1608 0.80±0.10 ±5% C1608C0G1H330J(080AA) 39pF 0603 0.30±0.03 ±5% C0603C0G1H390J(030BA) C0603C0G1E390J(030BA) 1005 0.50±0.05 ±5% C1005C0G1H390J(050BA) 1608 0.80±0.10 ±5% C1608C0G1H390J(080AA) 47pF 0603 0.30±0.03 ±5% C0603C0G1H470J(030BA) C0603C0G1E470J(030BA) 1005 0.50±0.05 ±5% C1005C0G1H470J(050BA) 1608 0.80±0.10 ±5% C1608C0G1H470J(080AA) 56pF 0603 0.30±0.03 ±5% C0603C0G1H560J(030BA) C0603C0G1E560J(030BA) 1005 0.50±0.05 ±5% C1005C0G1H560J(050BA) 1608 0.80±0.10 ±5% C1608C0G1H560J(080AA) 68pF 0603 0.30±0.03 ±5% C0603C0G1H680J(030BA) C0603C0G1E680J(030BA) 1005 0.50±0.05 ±5% C1005C0G1H680J(050BA) 1608 0.80±0.10 ±5% C1608C0G1H680J(080AA) 82pF 0603 0.30±0.03 ±5% C0603C0G1H820J(030BA) C0603C0G1E820J(030BA) 1005 0.50±0.05 ±5% C1005C0G1H820J(050BA) 1608 0.80±0.10 ±5% C1608C0G1H820J(080AA) 100pF 0603 0.30±0.03 ±5% C0603C0G1H101J(030BA) C0603C0G1E101J(030BA) 1005 0.50±0.05 ±5% C1005C0G1H101J(050BA) 1608 0.80±0.10 ±5% C1608C0G1H101J(080AA) 120pF 1005 0.50±0.05 ±5% C1005C0G1H121J(050BA) 1608 0.80±0.10 ±5% C1608C0G1H121J(080AA) 150pF 1005 0.50±0.05 ±5% C1005C0G1H151J(050BA) 1608 0.80±0.10 ±5% C1608C0G1H151J(080AA) 180pF 1005 0.50±0.05 ±5% C1005C0G1H181J(050BA) 1608 0.80±0.10 ±5% C1608C0G1H181J(080AA) 220pF 1005 0.50±0.05 ±5% C1005C0G1H221J(050BA) 1608 0.80±0.10 ±5% C1608C0G1H221J(080AA) 270pF 1005 0.50±0.05 ±5% C1005C0G1H271J(050BA) 1608 0.80±0.10 ±5% C1608C0G1H271J(080AA) 330pF 1005 0.50±0.05 ±5% C1005C0G1H331J(050BA) 1608 0.80±0.10 ±5% C1608C0G1H331J(080AA) 390pF 1005 0.50±0.05 ±5% C1005C0G1H391J(050BA) 1608 0.80±0.10 ±5% C1608C0G1H391J(080AA) 470pF 1005 0.50±0.05 ±5% C1005C0G1H471J(050BA) 1608 0.80±0.10 ±5% C1608C0G1H471J(080AA) 560pF 1005 0.50±0.05 ±5% C1005C0G1H561J(050BA) 1608 0.80±0.10 ±5% C1608C0G1H561J(080AA) 680pF 1005 0.50±0.05 ±5% C1005C0G1H681J(050BA) 1608 0.80±0.10 ±5% C1608C0G1H681J(080AA) 820pF 1005 0.50±0.05 ±5% C1005C0G1H821J(050BA) 1608 0.80±0.10 ±5% C1608C0G1H821J(080AA) |
Similar Part No. - C1608C0G1H030C |
|
Similar Description - C1608C0G1H030C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |