Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C4532X7R2A225M Datasheet(PDF) 4 Page - Texas Instruments

Part # C4532X7R2A225M
Description  LM5020 100V Current Mode PWM Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

C4532X7R2A225M Datasheet(HTML) 4 Page - Texas Instruments

  C4532X7R2A225M Datasheet HTML 1Page - Texas Instruments C4532X7R2A225M Datasheet HTML 2Page - Texas Instruments C4532X7R2A225M Datasheet HTML 3Page - Texas Instruments C4532X7R2A225M Datasheet HTML 4Page - Texas Instruments C4532X7R2A225M Datasheet HTML 5Page - Texas Instruments C4532X7R2A225M Datasheet HTML 6Page - Texas Instruments C4532X7R2A225M Datasheet HTML 7Page - Texas Instruments C4532X7R2A225M Datasheet HTML 8Page - Texas Instruments C4532X7R2A225M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
LM5020
SNVS275F – MAY 2004 – REVISED APRIL 2006
www.ti.com
Electrical Characteristics (continued)
Specifications in standard type face are for TJ= +25°C and those in boldface type apply over the full operating junction
temperature range. Unless otherwise specified: VIN = 48V, VCC = 10V, and RT = 31.6k
Ω.
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CS Sink Impedance (clocked)
35
55
Soft Start
Softstart Current Source
7
10
13
µA
Softstart to COMP Offset
0.35
0.55
0.75
V
Oscillator
Frequency1 (RT = 31.6k)
See(3)
175
200
225
kHz
Frequency2 (RT = 9.76k)
See(3)
560
630
700
kHz
Sync threshold
2.4
3.2
3.8
V
PWM Comparator
Delay to Output
COMP set to 2V,
25
ns
CS stepped 0 to 0.4V,
Time to onset of OUT
transition low
Min Duty Cycle
COMP=0V
0
%
Max Duty Cycle (-1 Device)
75
80
85
%
Max Duty Cycle (-2 Device)
50
%
COMP to PWM Comparator Gain
0.33
COMP Open Circuit Voltage
4.3
5.2
6.1
V
COMP Short Circuit Current
COMP=0V
0.6
1.1
1.5
mA
Slope Compensation
Slope Comp Amplitude
Delta increase at PWM
80
105
130
mV
(LM5020-1 Device Only)
Comparator to CS
Output Section
Output High Saturation
Iout = 50mA, VCC - VOUT
0.25
0.75
V
Output Low Saturation
IOUT = 100mA, VOUT
0.25
0.75
V
Rise Time
Cload = 1nF
18
ns
Fall Time
Cload = 1nF
15
ns
Thermal Shutdown
Tsd
Thermal Shutdown Temp.
165
°C
Thermal Shutdown Hysteresis
25
°C
(3)
Specification applies to the oscillator frequency. The operational frequency of the LM5020-2 devices is divided by two.
4
Submit Documentation Feedback
Copyright © 2004–2006, Texas Instruments Incorporated
Product Folder Links: LM5020


Similar Part No. - C4532X7R2A225M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
C4532X7R2A225M TI1-C4532X7R2A225M Datasheet
570Kb / 30P
[Old version datasheet]   LM3402/LM3402HV 0.5A Constant Current Buck Regulator for Driving High Power LEDs
C4532X7R2A225M TI1-C4532X7R2A225M Datasheet
574Kb / 30P
[Old version datasheet]   LM3404/04HV 1.0A Constant Current Buck Regulator for Driving High Power LEDs
C4532X7R2A225M TI1-C4532X7R2A225M Datasheet
179Kb / 12P
[Old version datasheet]   100V Current Mode PWM Controller
C4532X7R2A225M TI-C4532X7R2A225M Datasheet
368Kb / 12P
[Old version datasheet]   AN-1713 LM5116-12 Evaluation Board
Revised April 2013
logo
TDK Electronics
C4532X7R2A225M230KA TDK-C4532X7R2A225M230KA Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C4532X7R2A225M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5020 TI-LM5020_15 Datasheet
865Kb / 17P
[Old version datasheet]   LM5020 100V Current Mode PWM Controller
logo
National Semiconductor ...
LM5020 NSC-LM5020 Datasheet
229Kb / 12P
   100V Current Mode PWM Controller
LM5020 NSC-LM5020_06 Datasheet
629Kb / 13P
   100V Current Mode PWM Controller
logo
Texas Instruments
SM74202 TI1-SM74202 Datasheet
179Kb / 12P
[Old version datasheet]   100V Current Mode PWM Controller
LM5020 TI1-LM5020_14 Datasheet
899Kb / 19P
[Old version datasheet]   100V Current Mode PWM Controller
logo
National Semiconductor ...
LM5020 NSC-LM5020 Datasheet
229Kb / 12P
   100V Current Mode PWM Controller
logo
Texas Instruments
LM5020 TI1-LM5020 Datasheet
890Kb / 17P
[Old version datasheet]   100V Current Mode PWM Controller
logo
National Semiconductor ...
LM5030 NSC-LM5030_05 Datasheet
642Kb / 12P
   100V Push-Pull Current Mode PWM Controller
LM5030 NSC-LM5030 Datasheet
230Kb / 11P
   100V Push-Pull Current Mode PWM Controller
logo
Texas Instruments
LM5030 TI1-LM5030_15 Datasheet
1Mb / 28P
[Old version datasheet]   100V Push-Pull Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com