Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1608X7R1H224K Datasheet(PDF) 9 Page - TDK Electronics

Part # C1608X7R1H224K
Description  2012 MLCC PRODUCT GUIDE
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C1608X7R1H224K Datasheet(HTML) 9 Page - TDK Electronics

Back Button C1608X7R1H224K Datasheet HTML 5Page - TDK Electronics C1608X7R1H224K Datasheet HTML 6Page - TDK Electronics C1608X7R1H224K Datasheet HTML 7Page - TDK Electronics C1608X7R1H224K Datasheet HTML 8Page - TDK Electronics C1608X7R1H224K Datasheet HTML 9Page - TDK Electronics C1608X7R1H224K Datasheet HTML 10Page - TDK Electronics C1608X7R1H224K Datasheet HTML 11Page - TDK Electronics C1608X7R1H224K Datasheet HTML 12Page - TDK Electronics C1608X7R1H224K Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
©TDK Corporation of America – Contents are subject to change without notice.
8
C SERIES | General Application / X7R, X7S
Capacitance
(pF)
Cap
Code
CGJ2
C1005/CC0402
CGJ3
C1608/CC0603
CGJ4
C2012/CC0805
CGJ5
C3216/CC1206
1H
(50V)
1E
(25V)
1C
(16V)
1H
(50V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
1H
(50V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
Capacitance
(pF)
Cap
Code
C0402
01005
C0603
0201
C1005
0402
C1608
0603
1A
(10V)
1H
(50V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
1H
(50V)
1V
(35V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
0G
(4V)
1H
(50V)
1V
(35V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
0G
(4V)
100
101
150
151
220
221
330
331
470
471
680
681
1,000
102
1,500
152
2,200
222
3,300
332
4,700
472
6,800
682
10,000
103
15,000
153
22,000
223
33,000
333
47,000
473
68,000
683
100,000
104
150,000
154
220,000
224
330,000
334
470,000
474
680,000
684
1,000,000
105
2,200,000
225
4,700,000
475
X7S
X7R


Similar Part No. - C1608X7R1H224K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1608X7R1H224K080AB TDK-C1608X7R1H224K080AB Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
logo
Texas Instruments
C1608X7R1H224K080AB TI-C1608X7R1H224K080AB Datasheet
1Mb / 14P
[Old version datasheet]   LM60440AQEVM Users Guide
February 2020
logo
TDK Electronics
C1608X7R1H224K080AB TDK-C1608X7R1H224K080AB_16 Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C1608X7R1H224K080AB TDK-C1608X7R1H224K080AB_17 Datasheet
238Kb / 3P
   Multilayer Ceramic Chip Capacitors
C1608X7R1H224K080AE TDK-C1608X7R1H224K080AE Datasheet
237Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C1608X7R1H224K

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FCLF-8520 FRONTIER-FCLF-8520 Datasheet
1Mb / 5P
   Product Guide
logo
Samsung semiconductor
K4S640832K SAMSUNG-K4S640832K_07 Datasheet
153Kb / 8P
   SDRAM Product Guide
logo
Bel Fuse Inc.
MAGJACK BEL-MAGJACK Datasheet
1Mb / 4P
   MAGJACK PRODUCT GUIDE
logo
Samsung semiconductor
K4H641638N SAMSUNG-K4H641638N Datasheet
239Kb / 10P
   DDR SDRAM Product Guide
logo
List of Unclassifed Man...
SI4063-B0B-FM ETC2-SI4063-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Pulse A Technitrol Comp...
JK0-0177NL PULSE-JK0-0177NL Datasheet
976Kb / 2P
   LAN Product Guide - Servers
logo
List of Unclassifed Man...
SI4060-B0B-FM ETC2-SI4060-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Advanced Linear Devices
EPRODSEL ALD-EPRODSEL Datasheet
18Kb / 2P
   EPAD짰 PRODUCT SELECTION GUIDE
logo
Samsung semiconductor
K4R881869I-DC SAMSUNG-K4R881869I-DC Datasheet
45Kb / 4P
   Direct RDRAM Product Guide
K4Y54084UF-JC SAMSUNG-K4Y54084UF-JC Datasheet
39Kb / 3P
   XDRTM DRAM Product Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com