Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1005X5R1A474K Datasheet(PDF) 7 Page - TDK Electronics

Part # C1005X5R1A474K
Description  2012 MLCC PRODUCT GUIDE
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C1005X5R1A474K Datasheet(HTML) 7 Page - TDK Electronics

Back Button C1005X5R1A474K Datasheet HTML 3Page - TDK Electronics C1005X5R1A474K Datasheet HTML 4Page - TDK Electronics C1005X5R1A474K Datasheet HTML 5Page - TDK Electronics C1005X5R1A474K Datasheet HTML 6Page - TDK Electronics C1005X5R1A474K Datasheet HTML 7Page - TDK Electronics C1005X5R1A474K Datasheet HTML 8Page - TDK Electronics C1005X5R1A474K Datasheet HTML 9Page - TDK Electronics C1005X5R1A474K Datasheet HTML 10Page - TDK Electronics C1005X5R1A474K Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
©TDK Corporation of America – Contents are subject to change without notice.
6
C SERIES | General Application / X5R
Capacitance
(pF)
Cap
Code
CGJ2
C1005/CC0402
CGJ3
C1608/CC0603
1H
(50V)
1E
(25V)
1C
(16V)
1H
(50V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
1H
(50V)
1E
(25V)
1C
(16V)
1A
(10V)
Capacitance
(pF)
Cap
Code
CGJ2
C1005/CC0402
CGJ3
C1608/CC0603
CGJ4
C2012/CC0805
CGJ5
C3216/CC1206
1H
(50V)
1E
(25V)
1C
(16V)
1H
(50V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
1H
(50V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
Capacitance
(pF)
Cap
Code
C1608
0603
C2012
0805
C3216
1206
1H
(50V)
1V
(35V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
0G
(4V)
1H
(50V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
0G
(4V)
1H
(50V)
1V
(35V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
0G
(4V)
100,000
104
150,000
154
220,000
224
330,000
334
470,000
474
680,000
684
1,000,000
105
1,500,000
155
2,200,000
225
3,300,000
335
4,700,000
475
6,800,000
685
10,000,000
106
15,000,000
156
22,000,000
226
33,000,000
336
47,000,000
476
100,000,000
107
Capacitance
(pF)
Cap
Code
C3225
1210
C4532
1812
C5750
2220
1H
(50V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
1H
(50V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
4,700,000
475
10,000,000
106
15,000,000
156
22,000,000
226
33,000,000
336
47,000,000
476
68,000,000
686
100,000,000
107
X5R


Similar Part No. - C1005X5R1A474K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1005X5R1A474K TDK-C1005X5R1A474K Datasheet
9Mb / 64P
   TDK MLCC PRODUCT LINE
C1005X5R1A474K050BB TDK-C1005X5R1A474K050BB Datasheet
2Mb / 1P
   MULTILAYER CERAMIC CHIP CAPACITORS
C1005X5R1A474K050BB TDK-C1005X5R1A474K050BB Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C1005X5R1A474K

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FCLF-8520 FRONTIER-FCLF-8520 Datasheet
1Mb / 5P
   Product Guide
logo
Samsung semiconductor
K4S640832K SAMSUNG-K4S640832K_07 Datasheet
153Kb / 8P
   SDRAM Product Guide
logo
Bel Fuse Inc.
MAGJACK BEL-MAGJACK Datasheet
1Mb / 4P
   MAGJACK PRODUCT GUIDE
logo
Samsung semiconductor
K4H641638N SAMSUNG-K4H641638N Datasheet
239Kb / 10P
   DDR SDRAM Product Guide
logo
List of Unclassifed Man...
SI4063-B0B-FM ETC2-SI4063-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Pulse A Technitrol Comp...
JK0-0177NL PULSE-JK0-0177NL Datasheet
976Kb / 2P
   LAN Product Guide - Servers
logo
List of Unclassifed Man...
SI4060-B0B-FM ETC2-SI4060-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Advanced Linear Devices
EPRODSEL ALD-EPRODSEL Datasheet
18Kb / 2P
   EPAD짰 PRODUCT SELECTION GUIDE
logo
Samsung semiconductor
K4R881869I-DC SAMSUNG-K4R881869I-DC Datasheet
45Kb / 4P
   Direct RDRAM Product Guide
K4Y54084UF-JC SAMSUNG-K4Y54084UF-JC Datasheet
39Kb / 3P
   XDRTM DRAM Product Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com