Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ5244B Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MMBZ5244B
Description  Zeners
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMBZ5244B Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MMBZ5244B Datasheet HTML 1Page - Fairchild Semiconductor MMBZ5244B Datasheet HTML 2Page - Fairchild Semiconductor MMBZ5244B Datasheet HTML 3Page - Fairchild Semiconductor MMBZ5244B Datasheet HTML 4Page - Fairchild Semiconductor MMBZ5244B Datasheet HTML 5Page - Fairchild Semiconductor MMBZ5244B Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics (continued)
TA = 25°C unless otherwise noted
MMBZ Series Zeners
(continued)
Device
Mark
VZ
(V)
ZZ
(
Ω)
IZT
(mA)
ZZK
(
Ω)
IZK
(mA)
VR
(V)
IR
(nA)
MMBZ 5243B
MMBZ 5244B
MMBZ 5245B
MMBZ 5246B
MMBZ 5247B
8T
8U
8V
8W
8X
13
14
15
16
17
13
15
16
17
19
9.5
9.0
8.5
7.8
7.4
600
600
600
600
600
0.25
0.25
0.25
0.25
0.25
9.9
10
11
12
13
500
100
100
100
100
MMBZ 5248B
MMBZ 5249B
MMBZ 5250B
MMBZ 5251B
MMBZ 5252B
8Y
8Z
81A
81B
81C
18
19
20
22
24
21
23
25
29
33
7.0
6.6
6.2
5.6
5.2
600
600
600
600
600
0.25
0.25
0.25
0.25
0.25
14
14
15
17
18
100
100
100
100
100
MMBZ 5253B
MMBZ 5254B
MMBZ 5255B
MMBZ 5256B
MMBZ 5257B
81D
81E
81F
81G
81H
25
27
28
30
33
35
41
44
49
58
5.0
4.6
4.5
4.2
3.8
600
600
600
600
700
0.25
0.25
0.25
0.25
0.25
19
21
21
23
25
100
100
100
100
100
VF Foward Voltage = 0.9 V Maximum @ IF = 10 mA for all MMBZ 5200 series
NOTE: National preferred devices in BOLD


Similar Part No. - MMBZ5244B

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
MMBZ5244B CHENYI-MMBZ5244B Datasheet
21Kb / 1P
   SURFACE MOUNT ZENER DIODES
logo
Diodes Incorporated
MMBZ5244B DIODES-MMBZ5244B Datasheet
109Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Fairchild Semiconductor
MMBZ5244B FAIRCHILD-MMBZ5244B Datasheet
57Kb / 4P
   Zeners
logo
Jiangsu Changjiang Elec...
MMBZ5244B JIANGSU-MMBZ5244B Datasheet
1Mb / 5P
   ZENER DIODE
logo
Weitron Technology
MMBZ5244B WEITRON-MMBZ5244B Datasheet
268Kb / 5P
   Surface Mount Zener Diodes
More results

Similar Description - MMBZ5244B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N4370A FAIRCHILD-1N4370A Datasheet
44Kb / 4P
   Zeners
1N4744A FAIRCHILD-1N4744A Datasheet
50Kb / 5P
   Zeners
1N5221B FAIRCHILD-1N5221B_06 Datasheet
193Kb / 4P
   Zeners
1N5985B FAIRCHILD-1N5985B Datasheet
145Kb / 5P
   Zeners
BZX55C2V4 FAIRCHILD-BZX55C2V4_05 Datasheet
148Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_12 Datasheet
159Kb / 4P
   Zeners
1N746A FAIRCHILD-1N746A Datasheet
51Kb / 3P
   Zeners
BZX79C8V2 FAIRCHILD-BZX79C8V2 Datasheet
47Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_04 Datasheet
48Kb / 3P
   Zeners
1N4728A FAIRCHILD-1N4728A_05 Datasheet
52Kb / 5P
   Zeners
BZX79C20 FAIRCHILD-BZX79C20 Datasheet
47Kb / 5P
   Zeners
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com