Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLK1005S1N8ST Datasheet(PDF) 1 Page - TDK Electronics

Part # MLK1005S1N8ST
Description  SMD Inductors For High Frequency
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLK1005S1N8ST Datasheet(HTML) 1 Page - TDK Electronics

  MLK1005S1N8ST Datasheet HTML 1Page - TDK Electronics MLK1005S1N8ST Datasheet HTML 2Page - TDK Electronics MLK1005S1N8ST Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
(1/3)
006-01 / 20080407 / e521_mlk1005.fm
• All specifications are subject to change without notice.
SMD Inductors(Coils)
For High Frequency(Multilayer)
MLK Series MLK1005
FEATURES
• Supports operating frequency bands of up to 12GHz with
nominal inductance values from 1 to 100nH.
• Provides high Q characteristics.
• Advanced monolithic structure is formed using a multilayering
and sintering process with ceramic and conductive materials for
high-frequency.
• Because the part is non-polarized, it can be used in bulk
cassette loaders.
• It is a product conforming to RoHS directive.
APPLICATIONS
For high-frequency applications including mobile phones, high
frequency modules (PA, VCO, FEM etc.), Bluetooth, W-LAN, UWB
and tuners.
SHAPES AND DIMENSIONS
RECOMMENDED PC BOARD PATTERN
RECOMMENDED SOLDERING CONDITION
REFLOW SOLDERING
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions
(3) Material code
(4) Inductance value
(5) Inductance tolerance
(6) Packaging style
SPECIFICATIONS
PACKAGING STYLE AND QUANTITIES
HANDLING AND PRECAUTIONS
• Before soldering, be sure to preheat components.
The preheating temperature should be set so that the
temperature difference between the solder temperature and
product temperature does not exceed 150°C.
• After mounting components onto the printed circuit board, do not
apply stress through board bending or mishandling.
• When hand soldering, apply the soldering iron to the printed
circuit board only. Temperature of the iron tip should not exceed
350°C. Soldering time should not exceed 3 seconds.
Conformity to RoHS Directive
1
±0.1
0.1min.
Weight: 1.0mg
Dimensions in mm
1.4
0.4
Natural
cooling
10s max.
Preheating
60 to 120s
Soldering
30 to 60s
230˚C
250 to 260˚C
180˚C
150˚C
Time(s)
MLK 1005 S 2N2 S
T
(1)
(2)
(3) (4) (5) (6)
1005
1.0
× 0.5mm (L× W)
2N2
2.2nH
12N
12nH
R10
100nH
S
±0.3nH
D
±0.5nH
J±5%
T
Taping (reel)
Operating temperature range
–55 to +125°C
Storage temperature range
–55 to +125°C [Unit of product]
Packaging style
Quantity
Taping
10000 pieces/reel
• Please contact our Sales office when your application are considered the following:
The device’s failure or malfunction may directly endanger human life (e.g. application for automobile/aircraft/medical/nuclear power devices, etc.)
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - MLK1005S1N8ST

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLK1005S1N8ST000 TDK-MLK1005S1N8ST000 Datasheet
127Kb / 10P
   With the adoption of a giga-spiral laminated structure, a self-resonant frequency higher than that of the MLG structure can be obtained,
MLK1005S1N8ST000 TDK-MLK1005S1N8ST000 Datasheet
129Kb / 3P
   Inductors (Coils)
MLK1005S1N8STD25 TDK-MLK1005S1N8STD25 Datasheet
210Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLK1005S1N8ST

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
3640 TEC-3640 Datasheet
177Kb / 3P
   High Frequency Inductors SMD
10/2012
logo
TDK Electronics
MLG0603Q TDK-MLG0603Q Datasheet
75Kb / 6P
   SMD Inductors(Coils) For High Frequency(Multilayer)
MLG0402S TDK-MLG0402S Datasheet
36Kb / 2P
   SMD Inductors(Coils) For High Frequency(Multilayer)
MLG1608B8N2D TDK-MLG1608B8N2D Datasheet
58Kb / 4P
   SMD Inductors(Coils) For High Frequency(Multilayer)
MLG0603S TDK-MLG0603S Datasheet
65Kb / 4P
   SMD Inductors(Coils) For High Frequency(Multilayer)
MLG1608B5N6D TDK-MLG1608B5N6D Datasheet
58Kb / 4P
   SMD Inductors(Coils) For High Frequency(Multilayer)
MLG1005S TDK-MLG1005S Datasheet
78Kb / 6P
   SMD Inductors(Coils) For High Frequency(Multilayer)
MLG1608B4N7S TDK-MLG1608B4N7S Datasheet
58Kb / 4P
   SMD Inductors(Coils) For High Frequency(Multilayer)
MLK1005S1N0S TDK-MLK1005S1N0S Datasheet
151Kb / 15P
   Inductors for High Frequency
MLG1005S36NJ TDK-MLG1005S36NJ Datasheet
3Mb / 24P
   Inductors for High Frequency
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com