Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA128-16MUR Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATMEGA128-16MUR
Description  Microcontroller with 128KBytes In-System Programmable Flash
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA128-16MUR Datasheet(HTML) 5 Page - ATMEL Corporation

  ATMEGA128-16MUR Datasheet HTML 1Page - ATMEL Corporation ATMEGA128-16MUR Datasheet HTML 2Page - ATMEL Corporation ATMEGA128-16MUR Datasheet HTML 3Page - ATMEL Corporation ATMEGA128-16MUR Datasheet HTML 4Page - ATMEL Corporation ATMEGA128-16MUR Datasheet HTML 5Page - ATMEL Corporation ATMEGA128-16MUR Datasheet HTML 6Page - ATMEL Corporation ATMEGA128-16MUR Datasheet HTML 7Page - ATMEL Corporation ATMEGA128-16MUR Datasheet HTML 8Page - ATMEL Corporation ATMEGA128-16MUR Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
2467XS–AVR–06/11
ATmega128
The ATmega128 is 100% pin compatible with ATmega103, and can replace the ATmega103 on
current Printed Circuit Boards. The application note “Replacing ATmega103 by ATmega128”
describes what the user should be aware of replacing the ATmega103 by an ATmega128.
ATmega103
Compatibility Mode
By programming the M103C fuse, the Atmel®ATmega128 will be compatible with the
ATmega103 regards to RAM, I/O pins and interrupt vectors as described above. However, some
new features in ATmega128 are not available in this compatibility mode, these features are
listed below:
One USART instead of two, Asynchronous mode only. Only the eight least significant bits of
the Baud Rate Register is available.
One 16 bits Timer/Counter with two compare registers instead of two 16-bit Timer/Counters
with three compare registers.
Two-wire serial interface is not supported.
Port C is output only.
Port G serves alternate functions only (not a general I/O port).
Port F serves as digital input only in addition to analog input to the ADC.
Boot Loader capabilities is not supported.
It is not possible to adjust the frequency of the internal calibrated RC Oscillator.
The External Memory Interface can not release any Address pins for general I/O, neither
configure different wait-states to different External Memory Address sections.
In addition, there are some other minor differences to make it more compatible to ATmega103:
Only EXTRF and PORF exists in MCUCSR.
Timed sequence not required for Watchdog Time-out change.
External Interrupt pins 3 - 0 serve as level interrupt only.
USART has no FIFO buffer, so data overrun comes earlier.
Unused I/O bits in ATmega103 should be written to 0 to ensure same operation in ATmega128.
Pin Descriptions
VCC
Digital supply voltage.
GND
Ground.
Port A (PA7..PA0)
Port A is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The
Port A output buffers have symmetrical drive characteristics with both high sink and source
capability. As inputs, Port A pins that are externally pulled low will source current if the pull-up
resistors are activated. The Port A pins are tri-stated when a reset condition becomes active,
even if the clock is not running.
Port A also serves the functions of various special features of the ATmega128 as listed on page
72.
Port B (PB7..PB0)
Port B is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The
Port B output buffers have symmetrical drive characteristics with both high sink and source
capability. As inputs, Port B pins that are externally pulled low will source current if the pull-up
resistors are activated. The Port B pins are tri-stated when a reset condition becomes active,
even if the clock is not running.
Port B also serves the functions of various special features of the ATmega128 as listed on page
73.


Similar Part No. - ATMEGA128-16MUR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA128-16MU ATMEL-ATMEGA128-16MU Datasheet
317Kb / 31P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467OS-AVR-10/06
ATMEGA128-16MU ATMEL-ATMEGA128-16MU Datasheet
6Mb / 386P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467R-AVR-06/08
ATmega128-16MU ATMEL-ATmega128-16MU Datasheet
613Kb / 26P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467S-AVR-07/09
ATmega128-16MU ATMEL-ATmega128-16MU Datasheet
6Mb / 386P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA128-16MUR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA128-16AN ATMEL-ATMEGA128-16AN Datasheet
481Kb / 24P
   8-bit Atmel Microcontroller with 128KBytes In-System Programmable Flash
ATMEGA32L ATMEL-ATMEGA32L_14 Datasheet
5Mb / 346P
   Microcontroller with 32KBytes In-System Programmable Flash
ATMEGA329 ATMEL-ATMEGA329_07 Datasheet
6Mb / 392P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329V_0611 ATMEL-ATMEGA329V_0611 Datasheet
3Mb / 375P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA169P ATMEL-ATMEGA169P Datasheet
3Mb / 390P
   Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA325 ATMEL-ATMEGA325_07 Datasheet
780Kb / 29P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329_071 ATMEL-ATMEGA329_071 Datasheet
783Kb / 29P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA48 ATMEL-ATMEGA48_10 Datasheet
1Mb / 19P
   Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA325_0611 ATMEL-ATMEGA325_0611 Datasheet
3Mb / 353P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325 ATMEL-ATMEGA325 Datasheet
2Mb / 347P
   8-bit Microcontroller with In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com