Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA1280-16CU Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATMEGA1280-16CU
Description  8-bit Atmel Microcontroller with 64K 128K 256K Bytes In-System Programmable Flash
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA1280-16CU Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATMEGA1280-16CU Datasheet HTML 7Page - ATMEL Corporation ATMEGA1280-16CU Datasheet HTML 8Page - ATMEL Corporation ATMEGA1280-16CU Datasheet HTML 9Page - ATMEL Corporation ATMEGA1280-16CU Datasheet HTML 10Page - ATMEL Corporation ATMEGA1280-16CU Datasheet HTML 11Page - ATMEL Corporation ATMEGA1280-16CU Datasheet HTML 12Page - ATMEL Corporation ATMEGA1280-16CU Datasheet HTML 13Page - ATMEL Corporation ATMEGA1280-16CU Datasheet HTML 14Page - ATMEL Corporation ATMEGA1280-16CU Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
11
2549PS–AVR–10/2012
ATmega640/1280/1281/2560/2561
3.
Resources
A comprehensive set of development tools and application notes, and datasheets are available
for download on http://www.atmel.com/avr.
4.
About Code Examples
This documentation contains simple code examples that briefly show how to use various parts of
the device. Be aware that not all C compiler vendors include bit definitions in the header files
and interrupt handling in C is compiler dependent. Please confirm with the C compiler documen-
tation for more details.
These code examples assume that the part specific header file is included before compilation.
For I/O registers located in extended I/O map, "IN", "OUT", "SBIS", "SBIC", "CBI", and "SBI"
instructions must be replaced with instructions that allow access to extended I/O. Typically
"LDS" and "STS" combined with "SBRS", "SBRC", "SBR", and "CBR".
5.
Data Retention
Reliability Qualification results show that the projected data retention failure rate is much less
than 1 ppm over 20 years at 85°C or 100 years at 25°C.
6.
Capacitive touch sensing
The Atmel
®QTouch® Library provides a simple to use solution to realize touch sensitive inter-
faces on most Atmel AVR® microcontrollers. The QTouch Library includes support for the
QTouch and QMatrix
® acquisition methods.
Touch sensing can be added to any application by linking the appropriate Atmel QTouch Library
for the AVR Microcontroller. This is done by using a simple set of APIs to define the touch chan-
nels and sensors, and then calling the touch sensing API’s to retrieve the channel information
and determine the touch sensor states.
The QTouch Library is FREE and downloadable from the Atmel website at the following location:
www.atmel.com/qtouchlibrary. For implementation details and other information, refer to the
Atmel QTouch Library User Guide - also available for download from the Atmel website.


Similar Part No. - ATMEGA1280-16CU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA1280-16CU ATMEL-ATMEGA1280-16CU Datasheet
974Kb / 37P
   8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
ATMEGA1280-16CU ATMEL-ATMEGA1280-16CU Datasheet
635Kb / 34P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
2549QS-AVR-02/2014
ATMEGA1280-16CUR ATMEL-ATMEGA1280-16CUR Datasheet
635Kb / 34P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
2549QS-AVR-02/2014
More results

Similar Description - ATMEGA1280-16CU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA640V ATMEL-ATMEGA640V_11 Datasheet
1Mb / 40P
   8-bit Atmel Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549NS-AVR-05/11
ATMEGA1281-16AUR ATMEL-ATMEGA1281-16AUR Datasheet
1Mb / 40P
   8-bit Atmel Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549PS-AVR-10/2012
ATMEGA640_071 ATMEL-ATMEGA640_071 Datasheet
974Kb / 37P
   8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
ATMEGA640V_0701 ATMEL-ATMEGA640V_0701 Datasheet
3Mb / 449P
   8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549K-AVR-01/07
ATMEGA640 ATMEL-ATMEGA640_07 Datasheet
465Kb / 35P
   8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549KS-AVR-01/07
ATMEGA640 ATMEL-ATMEGA640_10 Datasheet
1Mb / 38P
   8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549MS-AVR-09/10
ATMEGA603 ATMEL-ATMEGA603 Datasheet
280Kb / 10P
   8-Bit Microcontroller with 64K/128K Bytes In-System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64_08 Datasheet
5Mb / 393P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644V ATMEL-ATMEGA644V_10 Datasheet
787Kb / 23P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644_0702 ATMEL-ATMEGA644_0702 Datasheet
4Mb / 374P
   8-bit Microcontroller with 64K Bytes In- System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com