Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA1280-16CUR Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATMEGA1280-16CUR
Description  8-bit Atmel Microcontroller with 64K 128K 256K Bytes In-System Programmable Flash
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA1280-16CUR Datasheet(HTML) 5 Page - ATMEL Corporation

  ATMEGA1280-16CUR Datasheet HTML 1Page - ATMEL Corporation ATMEGA1280-16CUR Datasheet HTML 2Page - ATMEL Corporation ATMEGA1280-16CUR Datasheet HTML 3Page - ATMEL Corporation ATMEGA1280-16CUR Datasheet HTML 4Page - ATMEL Corporation ATMEGA1280-16CUR Datasheet HTML 5Page - ATMEL Corporation ATMEGA1280-16CUR Datasheet HTML 6Page - ATMEL Corporation ATMEGA1280-16CUR Datasheet HTML 7Page - ATMEL Corporation ATMEGA1280-16CUR Datasheet HTML 8Page - ATMEL Corporation ATMEGA1280-16CUR Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
5
2549PS–AVR–10/2012
ATmega640/1280/1281/2560/2561
2.
Overview
The ATmega640/1280/1281/2560/2561 is a low-power CMOS 8-bit microcontroller based on the
AVR enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the
ATmega640/1280/1281/2560/2561 achieves throughputs approaching 1 MIPS per MHz allowing
the system designer to optimize power consumption versus processing speed.
2.1
Block Diagram
Figure 2-1.
Block Diagram
CPU
GND
VCC
RESET
Power
Supervision
POR/ BOD &
RESET
Watchdog
Oscillator
Watchdog
Timer
Oscillator
Circuits /
Clock
Generation
XTAL1
XTAL2
PC7..0
PORT C(8)
PA7..0
PORT A (8)
PORT D (8)
PD7..0
PORT B(8)
PB7..0
PORT E(8)
PE7..0
PORT F(8)
PF7..0
PORT J(8)
PJ7..0
PG5..0
PORT G(6)
PORT H (8)
PH7..0
PORT K(8)
PK7..0
PORT L (8)
PL7..0
XRAM
TWI
SPI
EEPROM
JTAG
8 bit T/C0
8 bit T/C2
16 bit T/C1
16 bit T/C3
SRAM
FLASH
16 bit T/C4
16 bit T/C5
USART 2
USART 1
USART 0
Internal
Bandgap reference
Analog
Comparator
A/D
Converter
USART 3
NOTE:
Shaded parts only available
in the 100-pin version.
Complete functionality for
the ADC, T/C4, and T/C5 only
available in the 100-pin version.


Similar Part No. - ATMEGA1280-16CUR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA1280-16CUR ATMEL-ATMEGA1280-16CUR Datasheet
635Kb / 34P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
2549QS-AVR-02/2014
More results

Similar Description - ATMEGA1280-16CUR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA640V ATMEL-ATMEGA640V_11 Datasheet
1Mb / 40P
   8-bit Atmel Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549NS-AVR-05/11
ATMEGA1281-16AUR ATMEL-ATMEGA1281-16AUR Datasheet
1Mb / 40P
   8-bit Atmel Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549PS-AVR-10/2012
ATMEGA640_071 ATMEL-ATMEGA640_071 Datasheet
974Kb / 37P
   8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
ATMEGA640V_0701 ATMEL-ATMEGA640V_0701 Datasheet
3Mb / 449P
   8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549K-AVR-01/07
ATMEGA640 ATMEL-ATMEGA640_07 Datasheet
465Kb / 35P
   8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549KS-AVR-01/07
ATMEGA640 ATMEL-ATMEGA640_10 Datasheet
1Mb / 38P
   8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549MS-AVR-09/10
ATMEGA603 ATMEL-ATMEGA603 Datasheet
280Kb / 10P
   8-Bit Microcontroller with 64K/128K Bytes In-System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64_08 Datasheet
5Mb / 393P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644V ATMEL-ATMEGA644V_10 Datasheet
787Kb / 23P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644_0702 ATMEL-ATMEGA644_0702 Datasheet
4Mb / 374P
   8-bit Microcontroller with 64K Bytes In- System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com