Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF70SH32X2X12.5 Datasheet(PDF) 2 Page - TDK Electronics

Part # HF70SH32X2X12.5
Description  Ferrites for EMI Suppression
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

HF70SH32X2X12.5 Datasheet(HTML) 2 Page - TDK Electronics

  HF70SH32X2X12.5 Datasheet HTML 1Page - TDK Electronics HF70SH32X2X12.5 Datasheet HTML 2Page - TDK Electronics HF70SH32X2X12.5 Datasheet HTML 3Page - TDK Electronics HF70SH32X2X12.5 Datasheet HTML 4Page - TDK Electronics HF70SH32X2X12.5 Datasheet HTML 5Page - TDK Electronics HF70SH32X2X12.5 Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
(1/5)
001-04 / 20110520 / e9b22_sh.fm
• All specifications are subject to change without notice.
Ferrite Cores for EMI Suppression
For Flat Cable and Flexible Substrate
SH Series(Square Type)
FEATURES
• Both regular and clamp-on types are available for use with flat
cables and flexible substrate. Moreover, the thin type matched
to small space is prepared.
APPLICATIONS
Imaging devices, audio equipment, automotive electronics, tele-
communication devices, office automation equipment, and others.
• Absorption EMI and penetrating noise
• Prevent parasitic oscillation
MATERIAL CHARACTERISTICS
SHAPES AND DIMENSIONS/CHARACTERISTICS
TYPICAL MATERIAL CHARACTERISTICS
SHAPE: T20X10X12
Material
Initial
permeability
µi
Temperature
factor of initial
permeability
αµir
×10–6/°C
Curie
temperature
Tc
(°C)
Saturation
magnetic
flux density Bs
(mT)
HF70
1500
1 to 6
>100
280[H=1600A/m]
HF57
600
3 to 15
>150
370[H=4000A/m]
HF56
600
18 to 28
>130
290[H=4000A/m]
HF40
120
8 to 18
>250
410[H=4000A/m]
Part No.
Dimensions(mm)
Impedance Z (
Ω)[at 23°C]
Features
A
B
C
D
E
10MHz typ.
100MHz typ.
HF70SH6X0.6X5
8.5±0.25
6.0±0.2
2.0±0.2
0.6±0.2
5.0±0.3
11
25
Thin type
HF70SH7X0.6X8
9.5±0.3
7.0±0.3
2.1±0.25
0.6±0.2
8.0±0.3
14
30
Thin type
HF70SH8X0.6X5
10.5±0.3
8.0±0.3
2.1±0.25
0.6±0.2
5.0±0.3
10
24
Thin type
HF56SH8X1X10
12.2±0.3
8.0±0.3
5.5±0.3
1.0±0.3
10.0±0.3
30
65
HF70SH8X1X18
12.2±0.3
8.0±0.3
5.5±0.3
1.0±0.3
18.0±0.5
71
128
HF70SH9X0.7X10
12.6±0.3
9.0±0.3
3.75±0.3
0.7±0.3
10.0±0.3
27
54
HF56SH9X0.7X10
12.6±0.3
9.0±0.3
3.75±0.3
0.7±0.3
10.0±0.3
21
51
HF70SH10X1X6
14.0±0.3
10.0±0.3
5.0±0.3
1.0±0.3
6.0±0.3
20
37
HF56SH10X1X8
14.0±0.3
10.0±0.3
5.0±0.3
1.0±0.3
8.0±0.3
19
43
HF40SH10X0.6X3-G
12.5±0.3
10.0±0.3
2.1±0.25
0.6±0.2
3.0±0.2
3
21
Thin type
HF70SH10X0.6X5
12.5±0.3
10.0±0.3
2.1±0.25
0.6±0.2
5.0±0.3
8
23
Thin type
HF70SH11X0.7X8
13.5±0.3
11.0±0.3
2.75±0.3
0.7±0.3
8.0±0.3
15
32
Thin type
HF70SH12X0.9X12
16.0±0.3
12.0±0.3
4.65±0.7
0.9±0.1
12.0±0.4
31
58
HF70SH13X0.7X3A
17.0±0.5
13.0±0.4
2.3±0.25
0.7±0.2
3.0±0.2
5
19
Thin type
HF70SH13X0.7X7
17.0±0.5
13.0±0.4
2.75±0.3
0.7±0.3
7.0±0.4
12
36
Thin type
HF56SH13X0.7X8B
16.6±0.4
13.0±0.3
3.75±0.3
0.7±0.3
8.0±0.3
13
36
HF70SH13X0.7X10
17.0±0.5
13.0±0.4
2.75±0.3
0.7±0.3
10.0±0.4
17
40
Thin type
HF70SH13X0.7X12
17.0±0.5
13.0±0.4
2.75±0.3
0.7±0.3
12.0±0.4
19
45
Thin type
HF56SH13X0.7X12B
16.6±0.4
13.0±0.3
3.75±0.3
0.7±0.3
12.0±0.5
19
53
HF70SH13X1.3X12
17.0±0.5
13.0±0.4
3.5±0.3
1.3±0.3
12.0±0.4
19
41
HF70SH15X0.7X8
17.5±0.4
15.0±0.3
2.75±0.3
0.7±0.3
8.0±0.3
12
36
Thin type
HF40SH15X0.7X8-G
17.5±0.4
15.0±0.3
2.75±0.3
0.7±0.3
8.0±0.3
4.5
34
Thin type
HF70SH15X0.7X10
17.5±0.4
15.0±0.3
2.75±0.3
0.7±0.3
10.0±0.3
14
40
Thin type
HF56SH15X0.7X12A
18.6±0.4
15.0±0.3
3.75±0.3
0.7±0.3
12.0±0.5
17
52
HF70SH17.5X0.6X8
20.5±0.4
17.5±0.4
2.0±0.2
0.6±0.2
8.0+0, –0.4
8
33
Thin type
E
A
B
10
100
1000
1
0.1
1
10
100
1000
Frequency(MHz)
HF70
HF40
HF56
HF57


Similar Part No. - HF70SH32X2X12.5

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HF70ACB TDK-HF70ACB Datasheet
39Kb / 2P
   EMC Components
HF70ACB201209-T TDK-HF70ACB201209-T Datasheet
39Kb / 2P
   EMC Components
HF70ACB201209-T TDK-HF70ACB201209-T Datasheet
104Kb / 8P
   Chip Beads
HF70ACB201209-T TDK-HF70ACB201209-T Datasheet
104Kb / 8P
   Chip Beads
HF70ACB201209-TL TDK-HF70ACB201209-TL Datasheet
39Kb / 2P
   EMC Components
More results

Similar Description - HF70SH32X2X12.5

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HF70BB5X5X2 TDK-HF70BB5X5X2 Datasheet
135Kb / 9P
   Ferrites for EMI Suppression
logo
Samsung semiconductor
CIM10J102NC SAMSUNG-CIM10J102NC Datasheet
757Kb / 5P
   Chip Bead For EMI Suppression
logo
Myrra
74190 MYRRA-74190 Datasheet
128Kb / 1P
   DIMMER CHOKES FOR EMI SUPPRESSION
logo
Crydom Inc.,
1F25 CRYDOM-1F25 Datasheet
555Kb / 3P
   EMI noise suppression filters for SSRs
logo
EPCOS
B3291 EPCOS-B3291 Datasheet
363Kb / 4P
   EMI Suppression Capacitors
logo
Murata Manufacturing Co...
BLM15AG601SH1D MURATA-BLM15AG601SH1D Datasheet
2Mb / 88P
   EMI Suppression Filters
logo
EPCOS
B81130 EPCOS-B81130 Datasheet
133Kb / 5P
   EMI Suppression Capacitors
logo
TDK Electronics
B32021A3102K000 TDK-B32021A3102K000 Datasheet
373Kb / 22P
   EMI Suppression Capacitors
logo
Fair-Rite Products Corp...
2673018001 FAIR-RITE-2673018001_18 Datasheet
1Mb / 2P
   EMI Suppression Beads
2673022401 FAIR-RITE-2673022401_18 Datasheet
1Mb / 2P
   EMI Suppression Beads
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com