Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-635P8-BLKG Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-635P8-BLKG
Description  Ultra Low Noise, High Linearity Low Noise Amplifi er
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-635P8-BLKG Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  MGA-635P8-BLKG Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MGA-635P8-BLKG Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-635P8-BLKG Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-635P8-BLKG Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-635P8-BLKG Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-635P8-BLKG Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-635P8-BLKG Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-635P8-BLKG Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-635P8-BLKG Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
Demo Board Layout
Figure 5. Demo Board Layout Diagram
– Recommended PCB material is 10 mils Rogers RO4350.
– Suggested component values may vary according to layout and PCB material.
Demo Board Schematic
Figure 6. Demo Board Schematic Diagram
L1 (6.8nH)
L2 (6.8nH)
C3 (10pF)
C1 (1000pF)
C2 (1000pF)
C4 (10pF)
R2
(0 Ohm)
RFin
Vdd
[2]
[1]
[3]
[4]
[7]
[8]
[6]
[5]
C6 (4.7uF)
Rbias
(3.6kOhm)
R1
(49.9 Ohm)
bias
C5 (4.7uF)
Table 1. Component list for 2.5 GHz matching
Part
Size
Value
Detail Part Number
C1, C2
0402
1000pF (Murata)
GRM155R71H102KA01E
L1
0402
6.8nH (CoilCraft)
0402CS-6N8XGLU
L2
0402
6.8nH (Toko)
LLP1005-FH6N8C
C3, C4
0402
10pF (Murata)
GRM1555C1H100JZ01E
C5, C6
0805
4.7uF (Murata)
GRM21BR60J475KA11L
R1
0402
49.9 Ohm (Rohm)
MCR01 MZS F 49R9
R2
0402
0 Ohm (Kamaya)
RMC1/16S-JPTH
Rbias
0402
3.6 kohm (KOA)
RK73B1ETTP
Note:
C1, C2 are DC Blocking capacitors
L1 input match for NF
L2 output match for OIP3
C3, C4, C5, C6 are bypass capacitors
R1 is stabilizing resistor
Rbias is the biasing resistor


Similar Part No. - MGA-635P8-BLKG

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-635P8 BOARDCOM-MGA-635P8 Datasheet
641Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-635P8 AVAGO-MGA-635P8_15 Datasheet
641Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifier
More results

Similar Description - MGA-635P8-BLKG

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-634P8 BOARDCOM-MGA-634P8 Datasheet
259Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-634P8 AVAGO-MGA-634P8_15 Datasheet
259Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifi er
MGA-634P8 AVAGO-MGA-634P8 Datasheet
259Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifi er
MGA-638P8 AVAGO-MGA-638P8_15 Datasheet
163Kb / 14P
   High Linearity Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-638P8 BOARDCOM-MGA-638P8 Datasheet
163Kb / 14P
   High Linearity Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-637P8 AVAGO-MGA-637P8 Datasheet
161Kb / 14P
   High Linearity Low Noise Amplifi er
MGA-638P8 AVAGO-MGA-638P8 Datasheet
163Kb / 14P
   High Linearity Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-637P8 BOARDCOM-MGA-637P8 Datasheet
161Kb / 14P
   High Linearity Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-637P8 AVAGO-MGA-637P8_15 Datasheet
161Kb / 14P
   High Linearity Low Noise Amplifi er
MGA-633P8 AVAGO-MGA-633P8 Datasheet
188Kb / 14P
   Ultra Low Noise, High Linearity Active Bias Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com