Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-637P8-BLKG Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-637P8-BLKG
Description  High Linearity Low Noise Amplifi er
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-637P8-BLKG Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button MGA-637P8-BLKG Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-637P8-BLKG Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-637P8-BLKG Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-637P8-BLKG Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED MGA-637P8-BLKG Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED MGA-637P8-BLKG Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED MGA-637P8-BLKG Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED MGA-637P8-BLKG Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED MGA-637P8-BLKG Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
Typical Scattering Parameters, Vdd = 4.8 V, Idd = 75 mA
LNA SPAR (100 MHz – 20 GHz)
Freq
(GHz)
S11
(dB)
S11
(ang)
S21
(dB)
S21
(ang)
S12
(dB)
S12
(ang)
S22
(dB)
S22
(ang)
0.1
-0.329
-22.999
33.852
148.157
-48.343
89.846
-3.56
-28.96
0.5
-5.991
-75.335
26.793
101.778
-37.553
68.482
-9.343
-42.722
0.7
-7.885
-88.201
24.381
90.298
-35.261
67.398
-10.033
-45.831
0.9
-9.209
-98.163
22.444
81.171
-33.47
66.028
-10.32
-49.973
1.0
-9.702
-101.134
21.599
77.242
-32.687
65.327
-10.275
-51.379
1.5
-11.151
-116.34
18.278
59.797
-29.648
61.018
-10.152
-63.539
1.7
-11.276
-122.907
17.226
53.244
-28.7
58.653
-10.128
-70.304
1.9
-11.28
-128.572
16.273
46.935
-27.88
56.39
-10.016
-77.005
2.0
-11.229
-131.135
15.822
43.855
-27.484
55.174
-9.922
-80.341
2.5
-10.769
-141.135
13.846
29.093
-25.85
49.214
-9.277
-96.744
3
-10.175
-148.444
12.169
15.07
-24.576
43.459
-8.47
-110.824
3.5
-9.562
-154.544
10.721
1.694
-23.511
37.989
-7.648
-122.637
4
-8.981
-159.914
9.465
-10.717
-22.487
33.134
-6.837
-133.403
4.5
-8.422
-166.312
8.43
-23.396
-21.619
27.803
-6.326
-143.965
5
-7.886
-174.086
7.427
-36.283
-20.85
22.415
-5.792
-154.912
5.5
-7.37
176.754
6.479
-49.17
-20.128
17.017
-5.329
-166.087
6
-6.889
166.657
5.61
-62.254
-19.395
11.192
-4.972
-177.579
7
-5.56
147.502
3.617
-88.076
-18.321
-1.075
-4.149
160.414
8
-4.329
135.731
1.376
-110.949
-17.688
-11.478
-3.34
143.283
9
-3.729
126.937
-0.866
-131.216
-16.886
-19.591
-3.081
130.105
10
-3.502
113.258
-2.61
-152.59
-15.681
-30.852
-2.366
113.034
11
-3.208
97.368
-4.934
-177.297
-14.905
-46.367
-2.241
88.557
12
-3.079
83.346
-7.811
158.326
-14.427
-62.459
-1.971
64.563
13
-3.133
68.38
-11.487
136.173
-14.497
-77.811
-1.813
46.387
14
-3.002
54.811
-15.566
121.173
-14.455
-87.355
-2.709
36.535
15
-2.865
48.736
-18.501
113.896
-13.135
-90.676
-3.722
50.249
16
-3.111
45.795
-24.606
83.96
-12.225
-107.4
-2.615
28.754
17
-3.355
38.022
-39.471
-2.18
-12.552
-124.888
-2.917
0.394
18
-3.245
27.651
-28.848
-107.903
-12.801
-138.791
-3.083
-12.005
19
-3.219
14.019
-24.346
-130.67
-13.289
-153.698
-2.647
-13.451
20
-3.289
-1.387
-21.594
-148.155
-13.144
-167.611
-2.637
-8.352
Figure 25. RFinput and RFoutput Reference Plane
RFinput
Reference Plane
RFoutput
Reference Plane
[2]
[RFinput]
[1]
[NU]
[3]
[Vbias2]
[4]
[NU]
[7]
[RFoutput]
[8]
[NU]
[6]
[PwrDwn]
[5]
[Vbias1]
Bias


Similar Part No. - MGA-637P8-BLKG

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-637P8 BOARDCOM-MGA-637P8 Datasheet
161Kb / 14P
   High Linearity Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-637P8 AVAGO-MGA-637P8_15 Datasheet
161Kb / 14P
   High Linearity Low Noise Amplifi er
More results

Similar Description - MGA-637P8-BLKG

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-638P8 AVAGO-MGA-638P8_15 Datasheet
163Kb / 14P
   High Linearity Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-638P8 BOARDCOM-MGA-638P8 Datasheet
163Kb / 14P
   High Linearity Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-638P8 AVAGO-MGA-638P8 Datasheet
163Kb / 14P
   High Linearity Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-637P8 BOARDCOM-MGA-637P8 Datasheet
161Kb / 14P
   High Linearity Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-637P8 AVAGO-MGA-637P8_15 Datasheet
161Kb / 14P
   High Linearity Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-634P8 BOARDCOM-MGA-634P8 Datasheet
259Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-635P8 AVAGO-MGA-635P8 Datasheet
267Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifi er
MGA-634P8 AVAGO-MGA-634P8_15 Datasheet
259Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifi er
MGA-634P8 AVAGO-MGA-634P8 Datasheet
259Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifi er
MGA-683P8 AVAGO-MGA-683P8 Datasheet
143Kb / 11P
   Low Noise And High Linearity Active Bias Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com