Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-638P8 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-638P8
Description  High Linearity Low Noise Amplifi er
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-638P8 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button MGA-638P8 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-638P8 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-638P8 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-638P8 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-638P8 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-638P8 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-638P8 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-638P8 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED MGA-638P8 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
Figure 13. Fmin vs Frequency and Idd at 4.8 V
Figure 14. Gain vs Frequency for Optimum IIP3 and Fmin at 4.8 V 84 mA
Figure 15. IIP3 vs Frequency for Optimum IIP3 and Fmin at 4.8 V 84 mA
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.9
2
2.2
2.5
2.7
3.3
3.5
Frequency (GHz)
0
2
4
6
8
10
12
14
16
18
20
22
1.9
2
2.2
2.5
2.7
3.3
3.5
Frequency (GHz)
0
5
10
15
20
25
30
35
1.9
2
2.2
2.5
2.7
3.3
3.5
Frequency (GHz)
100 mA
84 mA
70 mA


Similar Part No. - MGA-638P8

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-638P8 BOARDCOM-MGA-638P8 Datasheet
163Kb / 14P
   High Linearity Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-638P8 AVAGO-MGA-638P8_15 Datasheet
163Kb / 14P
   High Linearity Low Noise Amplifi er
More results

Similar Description - MGA-638P8

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-637P8 AVAGO-MGA-637P8 Datasheet
161Kb / 14P
   High Linearity Low Noise Amplifi er
MGA-638P8 AVAGO-MGA-638P8_15 Datasheet
163Kb / 14P
   High Linearity Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-638P8 BOARDCOM-MGA-638P8 Datasheet
163Kb / 14P
   High Linearity Low Noise Amplifi er
MGA-637P8 BOARDCOM-MGA-637P8 Datasheet
161Kb / 14P
   High Linearity Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-637P8 AVAGO-MGA-637P8_15 Datasheet
161Kb / 14P
   High Linearity Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-634P8 BOARDCOM-MGA-634P8 Datasheet
259Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-635P8 AVAGO-MGA-635P8 Datasheet
267Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifi er
MGA-634P8 AVAGO-MGA-634P8_15 Datasheet
259Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifi er
MGA-634P8 AVAGO-MGA-634P8 Datasheet
259Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifi er
MGA-683P8 AVAGO-MGA-683P8 Datasheet
143Kb / 11P
   Low Noise And High Linearity Active Bias Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com