Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-684P8 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-684P8
Description  Low Noise Active Bias Low Noise Amplifi er
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-684P8 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  MGA-684P8 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MGA-684P8 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-684P8 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-684P8 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-684P8 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-684P8 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-684P8 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-684P8 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-684P8 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MGA-684P8
Low Noise Active Bias Low Noise Amplifier
Data Sheet
Attention: Observe precautions for
handling electrostatic sensitive devices.
ESD Machine Model = 70 V (Class A)
ESD Human Body Model = 500 V (Class 1B)
Refer to Avago Application Note A004R:
Electrostatic Discharge, Damage and Control.
Description
Avago Technologies’ MGA-684P8 is an economical, easy-
to-use GaAs MMIC Low Noise Amplifier (LNA). The LNA
has low noise and high linearity achieved through the
use of Avago Technologies’ proprietary 0.25
m GaAs
Enhancement-mode pHEMT process. It is housed in a
miniature 2.0 x 2.0 x 0.75 mm3 8-pin Quad-Flat-Non-Lead
(QFN) package. It is designed for optimum use from 1.5
GHz up to 4 GHz. The compact footprint and low profile
coupled with low noise, high gain and high linearity make
the MGA-684P8 an ideal choice as a low noise amplifier for
cellular infrastructure for GSM and CDMA. For optimum
performance at lower frequency from 450 MHz up to 1.5
GHz, MGA-683P8 is recommended. Both MGA-683P8 and
MGA-684P8 share the same package and pinout configu-
ration.
Pin Configuration and Package Marking
2.0 x 2.0 x 0.75 mm3 8-lead QFN
Features
 Low noise Figure
 High linearity performance
 GaAs E-pHEMT Technology[1]
 Low cost small package size: 2.0 x 2.0 x 0.75 mm3
 Excellent uniformity in product specifications
 Tape-and-Reel packaging option available
Specifications
1.9 GHz; 5 V, 35 mA
 17.6 dB Gain
 0.56 dB Noise Figure
 21 dB Input Return Loss
 32.4 dBm Output IP3
 22 dBm Output Power at 1dB gain compression
Applications
 Low noise amplifier for cellular infrastructure for GSM
TDS-CDMA, and CDMA.
 Other low noise application.
 Repeater, Metrocell/Picocell application.
Simplified Schematic
Pin 1 – Vbias
Pin 5 – Not Used
Pin 2 – RFinput
Pin 6 – Not Used
Pin 3 – Not Used
Pin 7 – RFoutput/Vdd
Pin 4 – Not Used
Pin 8 – Not Used
Centre tab - Ground
Top View
Bottom View
[2]
[1]
[3]
[4]
[7]
[8]
[6]
[5]
84X
[2]
[1]
[3]
[4]
[7]
[8]
[6]
[5]
Note:
 The schematic is shown with the assumption that similar PCB is used
for both MGA-683P8 and MGA-684P8.
 Detail of the components needed for this product is shown inTable 1.
 Enhancement mode technology employs positive gate voltage,
thereby eliminating the need of negative gate voltage associated
with conventional depletion mode devices.
 Good RF practice requires all unused pins to be earthed.
Note:
Package marking provides orientation and identification
“84” = Device Code, where X is the month code.
Rbias
C6
C3
C2
R2
L2
R1
L1
C1
C4
L3
RFin
RFout
Vdd
[1]
[2]
[3]
[4]
[8]
[7]
[6]
[5]
C5


Similar Part No. - MGA-684P8

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-684P8 BOARDCOM-MGA-684P8 Datasheet
136Kb / 10P
   Low Noise Active Bias Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-684P8 AVAGO-MGA-684P8_15 Datasheet
136Kb / 10P
   Low Noise Active Bias Low Noise Amplifi er
More results

Similar Description - MGA-684P8

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-684P8 AVAGO-MGA-684P8_15 Datasheet
136Kb / 10P
   Low Noise Active Bias Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-684P8 BOARDCOM-MGA-684P8 Datasheet
136Kb / 10P
   Low Noise Active Bias Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-633P8 AVAGO-MGA-633P8 Datasheet
188Kb / 14P
   Ultra Low Noise, High Linearity Active Bias Low Noise Amplifi er
MGA-683P8 AVAGO-MGA-683P8 Datasheet
143Kb / 11P
   Low Noise And High Linearity Active Bias Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-683P8 BOARDCOM-MGA-683P8 Datasheet
143Kb / 11P
   Low Noise And High Linearity Active Bias Low Noise Amplifi er
DEMO-MGA-68XP8 BOARDCOM-DEMO-MGA-68XP8 Datasheet
143Kb / 11P
   Low Noise And High Linearity Active Bias Low Noise Amplifi er
logo
Mini-Circuits
ZFL-500HLN MINI-ZFL-500HLN Datasheet
103Kb / 2P
   Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-52543 AVAGO-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-52543 BOARDCOM-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-675T6 AVAGO-MGA-675T6 Datasheet
206Kb / 16P
   Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com