Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-31189 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-31189
Description  0.25W High Gain Driver Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-31189 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button MGA-31189 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-31189 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-31189 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-31189 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-31189 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-31189 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED MGA-31189 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED MGA-31189 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED MGA-31189 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
MGA-31189 Application Circuit Data for 1500MHz
TA = 25°C, Vd = 5.0V, Id = 111mA
Figure 25. OIP3 vs Frequency and Temperature
Figure 26. P1dB vs Frequency and Temperature
Figure 27. Gain vs Frequency and Temperature
Figure 28. IRL vs Frequency and Temperature
Figure 29. ORL vs Frequency and Temperature
Figure 30. Isolation vs Frequency and Temperature
32
34
36
38
40
42
44
46
1200
1300
1400
1500
1600
1700
1800
Frequency (MHz)
22.0
22.5
23.0
23.5
24.0
24.5
25.0
1200
1300
1400
1500
1600
1700
1800
Frequency (MHz)
18.0
18.5
19.0
19.5
20.0
20.5
21.0
1200
1300
1400
1500
1600
1700
1800
Frequency (MHz)
-22
-20
-18
-16
-14
-12
-10
1200
1300
1400
1500
1600
1700
1800
Frequency (MHz)
-30
-25
-20
-15
-10
-5
1200
1300
1400
1500
1600
1700
1800
Frequency (MHz)
-30.0
-29.5
-29.0
-28.5
-28.0
-27.5
-27.0
-26.5
-26.0
1200
1300
1400
1500
1600
1700
1800
Frequency (MHz)
85°C
25°C
-40°C
85°C
25°C
-40°C
85°C
25°C
-40°C
85°C
25°C
-40°C
85°C
25°C
-40°C
85°C
25°C
-40°C


Similar Part No. - MGA-31189

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-31189 BOARDCOM-MGA-31189 Datasheet
557Kb / 15P
   0.25W High Gain Driver Amplifier 50 ??2000 MHz
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31189 AVAGO-MGA-31189_15 Datasheet
557Kb / 15P
   0.25W High Gain Driver Amplifier
More results

Similar Description - MGA-31189

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31289 AVAGO-MGA-31289_15 Datasheet
565Kb / 13P
   0.25W High Gain Driver Amplifier
MGA-31289 AVAGO-MGA-31289 Datasheet
554Kb / 13P
   0.25W High Gain Driver Amplifier
MGA-31189 AVAGO-MGA-31189_15 Datasheet
557Kb / 15P
   0.25W High Gain Driver Amplifier
logo
Broadcom Corporation.
MGA-31289 BOARDCOM-MGA-31289 Datasheet
565Kb / 13P
   0.25W High Gain Driver Amplifier 1500 - 3000 MHz
MGA-31189 BOARDCOM-MGA-31189 Datasheet
557Kb / 15P
   0.25W High Gain Driver Amplifier 50 ??2000 MHz
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30489 AVAGO-MGA-30489 Datasheet
792Kb / 18P
   0.25W Driver Amplifier
MGA-30489 AVAGO-MGA-30489_15 Datasheet
802Kb / 18P
   0.25W Driver Amplifier
logo
Broadcom Corporation.
DEMO-MGA-30X89 BOARDCOM-DEMO-MGA-30X89 Datasheet
802Kb / 18P
   0.25W Driver Amplifier
MGA-30489 BOARDCOM-MGA-30489 Datasheet
802Kb / 18P
   0.25W Driver Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31389 AVAGO-MGA-31389 Datasheet
546Kb / 15P
   0.1W High Gain Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com