Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-31389 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-31389
Description  0.1W High Gain Driver Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-31389 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  MGA-31389 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MGA-31389 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-31389 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-31389 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-31389 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-31389 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-31389 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-31389 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-31389 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
MGA-31389 Consistency Distribution Chart (1,2)
Notes:
1. Data sample size is 3000 samples taken from 3 different wafers and 2 different lots. Future wafers allocated to this product may have nominal
values anywhere between the upper and lower limits.
2. Measurements are made on production test board which represents a trade-off between optimal Gain, NF, OIP3 and OP1dB. Circuit losses have
been de-embedded from actual measurements.
70
80
1.7
1.8
1.8
2.1
2.2
2
2.3
20.8
21 21.1
21.7
21.3
21.5
21.9
22.1
22
38
39
40
41
21
22
23
Figure 2. Id @ 900MHz, Vd=5V, LSL=62mA, Nominal=76mA, USL=90mA
Figure 3. NF @ 900MHz, Vd=5V, Nominal=2.0dB, USL=2.5dB
Figure 4. Gain @ 900MHz, Vd=5V, LSL=20dB, Nominal=21.5dB, USL=23dB
Figure 5. OIP3 @ 900MHz, Vd=5V, LSL=36.3dBm, Nominal=39.3dBm
Figure 6. P1dB @ 900MHz, Vd=5V, LSL= 20.6dBm, Nominal=22.2dBm


Similar Part No. - MGA-31389

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-31389 BOARDCOM-MGA-31389 Datasheet
557Kb / 15P
   0.1W High Gain Driver Amplifier 50MHz ~ 2GHz
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31389 AVAGO-MGA-31389_15 Datasheet
557Kb / 15P
   0.1W High Gain Driver Amplifier
More results

Similar Description - MGA-31389

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31389 AVAGO-MGA-31389_15 Datasheet
557Kb / 15P
   0.1W High Gain Driver Amplifier
MGA-31489 AVAGO-MGA-31489_15 Datasheet
520Kb / 13P
   0.1W High Gain Driver Amplifier
MGA-31489 AVAGO-MGA-31489 Datasheet
509Kb / 13P
   0.1W High Gain Driver Amplifier
logo
Broadcom Corporation.
MGA-31389 BOARDCOM-MGA-31389 Datasheet
557Kb / 15P
   0.1W High Gain Driver Amplifier 50MHz ~ 2GHz
MGA-31489 BOARDCOM-MGA-31489 Datasheet
520Kb / 13P
   0.1W High Gain Driver Amplifier 1.5GHz ~ 3GHz
logo
IXYS Corporation
MMA-174321-R4 IXYS-MMA-174321-R4 Datasheet
1Mb / 11P
   17-43GHz, 0.1W Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31289 AVAGO-MGA-31289 Datasheet
554Kb / 13P
   0.25W High Gain Driver Amplifier
MGA-31189 AVAGO-MGA-31189_15 Datasheet
557Kb / 15P
   0.25W High Gain Driver Amplifier
MGA-31189 AVAGO-MGA-31189 Datasheet
546Kb / 15P
   0.25W High Gain Driver Amplifier
MGA-31289 AVAGO-MGA-31289_15 Datasheet
565Kb / 13P
   0.25W High Gain Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com