Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-31389-BLKG Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-31389-BLKG
Description  0.1W High Gain Driver Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-31389-BLKG Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button MGA-31389-BLKG Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-31389-BLKG Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-31389-BLKG Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-31389-BLKG Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-31389-BLKG Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-31389-BLKG Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-31389-BLKG Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-31389-BLKG Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED MGA-31389-BLKG Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
MGA-31389 Application Circuit Data for 900 MHz
Tc = 25° C, Vd = 5.0 V, Id = 73 mA
Figure 16. OIP3 vs Frequency and Temperature
Figure 17. P1dB vs Frequency and Temperature
Figure 18. Gain vs Frequency and Temperature
Figure 19. IRL vs Frequency and Temperature
Figure 20. ORL vs Frequency and Temperature
Figure 21. Isolation vs Frequency and Temperature
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
600
700
800
900
1000
1100
1200
Frequency (MHz)
20.0
20.5
21.0
21.5
22.0
22.5
23.0
600
700
800
900
1000
1100
1200
Frequency (MHz)
19.0
19.5
20.0
20.5
21.0
21.5
22.0
600
700
800
900
1000
1100
1200
Frequency (MHz)
-35
-30
-25
-20
-15
-10
-5
0
600
700
800
900
1000
1100
1200
Frequency (MHz)
-35
-30
-25
-20
-15
-10
600
700
800
900
1000
1100
1200
Frequency (MHz)
-29.0
-28.5
-28.0
-27.5
-27.0
600
700
800
900
1000
1100
1200
Frequency (MHz)
25° C
-40° C
85° C
25° C
-40° C
85° C
25° C
-40° C
85° C
25° C
-40° C
85° C
25° C
-40° C
85° C
25° C
-40° C
85° C


Similar Part No. - MGA-31389-BLKG

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-31389 BOARDCOM-MGA-31389 Datasheet
557Kb / 15P
   0.1W High Gain Driver Amplifier 50MHz ~ 2GHz
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31389 AVAGO-MGA-31389_15 Datasheet
557Kb / 15P
   0.1W High Gain Driver Amplifier
More results

Similar Description - MGA-31389-BLKG

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31389 AVAGO-MGA-31389_15 Datasheet
557Kb / 15P
   0.1W High Gain Driver Amplifier
MGA-31489 AVAGO-MGA-31489_15 Datasheet
520Kb / 13P
   0.1W High Gain Driver Amplifier
MGA-31489 AVAGO-MGA-31489 Datasheet
509Kb / 13P
   0.1W High Gain Driver Amplifier
logo
Broadcom Corporation.
MGA-31389 BOARDCOM-MGA-31389 Datasheet
557Kb / 15P
   0.1W High Gain Driver Amplifier 50MHz ~ 2GHz
MGA-31489 BOARDCOM-MGA-31489 Datasheet
520Kb / 13P
   0.1W High Gain Driver Amplifier 1.5GHz ~ 3GHz
logo
IXYS Corporation
MMA-174321-R4 IXYS-MMA-174321-R4 Datasheet
1Mb / 11P
   17-43GHz, 0.1W Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31289 AVAGO-MGA-31289 Datasheet
554Kb / 13P
   0.25W High Gain Driver Amplifier
MGA-31189 AVAGO-MGA-31189_15 Datasheet
557Kb / 15P
   0.25W High Gain Driver Amplifier
MGA-31189 AVAGO-MGA-31189 Datasheet
546Kb / 15P
   0.25W High Gain Driver Amplifier
MGA-31289 AVAGO-MGA-31289_15 Datasheet
565Kb / 13P
   0.25W High Gain Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com