Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3965EMP-ADJ Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP3965EMP-ADJ
Description  LP3962/LP3965 1.5A Fast Ultra Low Dropout Linear Regulators
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3965EMP-ADJ Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP3965EMP-ADJ Datasheet HTML 3Page - Texas Instruments LP3965EMP-ADJ Datasheet HTML 4Page - Texas Instruments LP3965EMP-ADJ Datasheet HTML 5Page - Texas Instruments LP3965EMP-ADJ Datasheet HTML 6Page - Texas Instruments LP3965EMP-ADJ Datasheet HTML 7Page - Texas Instruments LP3965EMP-ADJ Datasheet HTML 8Page - Texas Instruments LP3965EMP-ADJ Datasheet HTML 9Page - Texas Instruments LP3965EMP-ADJ Datasheet HTML 10Page - Texas Instruments LP3965EMP-ADJ Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
LP3962, LP3965
www.ti.com
SNVS066H – MAY 2000 – REVISED APRIL 2013
Typical Performance Characteristics
Unless otherwise specified, VIN =VO(NOM) + 1V, VOUT= 2.5V, COUT = 33µF, IOUT = 10mA, CIN = 68µF, VSD = VIN, and TA = 25°C.
Drop-Out Voltage
Drop-Out Voltage
vs
vs
Temperature for Different Load Currents
Temperature for Different Output Voltages (IOUT = 800mA
Figure 4.
Figure 5.
Ground Pin Current
Ground Pin Current
vs
vs
Input Voltage (VSD=VIN)
Input Voltage (VSD=100mV)
Figure 6.
Figure 7.
Ground Current
Ground Current
vs
vs
Temperature (VSD=VIN)
Temperature (VSD=0V
Figure 8.
Figure 9.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP3962 LP3965


Similar Part No. - LP3965EMP-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3965EMP-ADJ NSC-LP3965EMP-ADJ Datasheet
484Kb / 22P
   1.5A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3965EMP-ADJ TI-LP3965EMP-ADJ Datasheet
4Mb / 34P
[Old version datasheet]   1.5A Fast Ultra Low Dropout Linear Regulators
LP3965EMP-ADJ/NOPB TI-LP3965EMP-ADJ/NOPB Datasheet
4Mb / 34P
[Old version datasheet]   1.5A Fast Ultra Low Dropout Linear Regulators
More results

Similar Description - LP3965EMP-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3875-ADJ NSC-LP3875-ADJ Datasheet
694Kb / 15P
   1.5A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3875-ADJ TI-LP3875-ADJ_15 Datasheet
1Mb / 20P
[Old version datasheet]   1.5A Fast Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3872 NSC-LP3872 Datasheet
742Kb / 18P
   1.5A Fast Ultra Low Dropout Linear Regulators
LP3962EP NSC-LP3962EP Datasheet
897Kb / 20P
   1.5A Fast Ultra Low Dropout Linear Regulators
LP3962 NSC-LP3962 Datasheet
484Kb / 22P
   1.5A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3962 TI-LP3962_15 Datasheet
4Mb / 34P
[Old version datasheet]   1.5A Fast Ultra Low Dropout Linear Regulators
LP3892 TI1-LP3892 Datasheet
1Mb / 18P
[Old version datasheet]   1.5A Fast-Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3892 NSC-LP3892 Datasheet
315Kb / 12P
   1.5A Fast-Response Ultra Low Dropout Linear Regulators
LP3852 NSC-LP3852 Datasheet
384Kb / 19P
   1.5A Fast Response Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3855-ADJ TI-LP3855-ADJ_15 Datasheet
2Mb / 22P
[Old version datasheet]   1.5A Fast Response Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com