Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ20 Datasheet(PDF) 10 Page - Formosa MS

Part # SMCJ20
Description  SMD Transient Voltage Suppressor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SMCJ20 Datasheet(HTML) 10 Page - Formosa MS

Back Button SMCJ20 Datasheet HTML 2Page - Formosa MS SMCJ20 Datasheet HTML 3Page - Formosa MS SMCJ20 Datasheet HTML 4Page - Formosa MS SMCJ20 Datasheet HTML 5Page - Formosa MS SMCJ20 Datasheet HTML 6Page - Formosa MS SMCJ20 Datasheet HTML 7Page - Formosa MS SMCJ20 Datasheet HTML 8Page - Formosa MS SMCJ20 Datasheet HTML 9Page - Formosa MS SMCJ20 Datasheet HTML 10Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
 '(
#3$3&
7
1!3
 '(
#31)&
(
&
7
*
+ ,&
26383173$3%33-&
1
 03 3./3
0 383173.*(
&
!2
 631('6/
1 , &
#&
7
*
5 ,&
26383173'7
123&
3
172 0
2 3
&
33)#*&
!7
(
#3
3
+3
170 0
03
4
17
317502
56
00 175
6
00 7
60 # 3(
(
3#
+2&
!
1!#7
1!
33#
0&
! 7
7
1(2*(
3
2
0&
! &
37
22
0&
! 7
7
1(2*(
3
17550 7$,5508
2226
1710
2226
9 .
9
9
9 .
.
.
.
.
.
.
.
.
:
:
:
:
:
:
:
:
:
:
$;<
=
'"
>


5528
<"
'102
<,:2+
<"
'2
<,:25
<"
'102
<,:2+5
='2
<"
'102
<,:20
<"
'102
<,:20
<"
'102
<,:2
<"
'102
<,:2+
"
7
337
.!#&
7
&
!
$3
33!3
?@
ABDEF
@
GH@
F
@
IJIEKILGMGH@
F
@
I@
EK
NOPQNED@EK
RSTVWXYZ[
\Y]^_`
]
Xa\RbccW\ZZ_W
deDfeKGON
Page 10
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121837
2010/06/10
2012/11/21
F
10
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141


Similar Part No. - SMCJ20

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ20 DCCOM-SMCJ20 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Guangdong Juxing Electr...
SMCJ20 JUXING-SMCJ20 Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
Yangzhou yangjie electr...
SMCJ20 YANGJIE-SMCJ20 Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
SMCJ20 BILIN-SMCJ20 Datasheet
736Kb / 7P
   Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ20 DIODES-SMCJ20 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMCJ20

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com