Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-111196-7 Datasheet(PDF) 92 Page - Tyco Electronics

Part # 2-111196-7
Description  Ribbon Cable Interconnect Solutions
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-111196-7 Datasheet(HTML) 92 Page - Tyco Electronics

Back Button 2-111196-7 Datasheet HTML 88Page - Tyco Electronics 2-111196-7 Datasheet HTML 89Page - Tyco Electronics 2-111196-7 Datasheet HTML 90Page - Tyco Electronics 2-111196-7 Datasheet HTML 91Page - Tyco Electronics 2-111196-7 Datasheet HTML 92Page - Tyco Electronics 2-111196-7 Datasheet HTML 93Page - Tyco Electronics 2-111196-7 Datasheet HTML 94Page - Tyco Electronics 2-111196-7 Datasheet HTML 95Page - Tyco Electronics 2-111196-7 Datasheet HTML 96Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 100 page
background image
92
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Note: All part numbers are RoHS compliant.
Universal Ejection Style Pinless Headers, Military, Center
and Dual Polarized, .100 x .100 [2.54 x 2.54] Centerlines
Material and Finish
Housing — Black PBT or nylon,
UL 94V-0 rated
Related Product Data
Mateable Receptacles —
pages 48-55
Accessories —
Snap-In Polarizer — page 63
Technical Documents
Product Specifications
108-40018 Pin Headers
Position No.1 Indicator
Vertical PCB Mount
.025 [0.64] Sq. Posts
(without latches)
Pinless Header
E
C
B
A
.100
[2.54]
.100
[2.54]
.315
[8.00]
.549
[13.9]
.050
[1.27]
.150
[3.81]
Dia.
2 Holes
.096
[2.44] Dia.
2 Holes
No. of
Dimensions
Pinless Header Part Nos.
Pos.
AB
C
E
Press-Fit
Clearance-Fit
1.260
.860
1.100
.400
10
32.00
21.84
27.94
10.16
499726-1
102142-6
1.460
1.060
1.300
.600
14
37.08
26.92
33.02
15.24
102142-8
1.560
1.160
1.400
.700
16
39.62
29.46
35.56
17.78
102142-9
1.760
1.360
1.600
.900
20
44.70
34.54
40.64
22.86
102142-1
1.960
1.560
1.800
1.100
24
49.78
39.62
45.72
27.94
1-102142-0
2.060
1.660
1.900
1.200
26
52.32
42.16
48.26
30.48
102142-2
2.460
2.060
2.300
1.600
34
62.48
52.32
58.42
40.64
499726-8
102142-3
2.760
2.360
2.600
1.900
40
70.10
59.94
66.04
48.26
499726-9
102142-4
3.260
2.860
3.100
2.400
50
82.80
72.64
78.74
60.96
1-499726-0
102142-5
3.760
3.360
3.600
2.900
60
95.50
85.34
91.44
73.66
1-499726-1
102142-7
3.960
3.560
3.800
3.100
64
100.58
90.42
96.52
78.74
1-499726-2
1-102142-3
Notes: 1. 10- and 14-position pinless headers have only one slot for snap-in polarizer (military polarization).
2. 10-position pinless headers have only one slot for dual polarization.
3. For information regarding latch/pin header applications and for ordering latches separately,
refer to page 96.
All part numbers are RoHS compliant.
Pin 2
Pin 1


Similar Part No. - 2-111196-7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-111196-7 MACOM-2-111196-7 Datasheet
287Kb / 2P
   AMP-LATCH SYSTEM 50, RECEPTACLE ASSEMBLY
2-111196-7 MACOM-2-111196-7 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
2-111196-7 MACOM-2-111196-7 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Similar Description - 2-111196-7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437006-1 MACOM-2-1437006-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2631HD MACOM-609-2631HD Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
2-1658526-3 MACOM-2-1658526-3 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2600M MACOM-609-2600M Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
499252-2 MACOM-499252-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Lumberg
7200 LUMBERG-7200 Datasheet
706Kb / 3P
   Press-fit interconnect solutions
7201 LUMBERG-7201 Datasheet
697Kb / 3P
   Press-fit interconnect solutions
logo
TE Connectivity Ltd
1-1773871-5 TEC-1-1773871-5 Datasheet
5Mb / 8P
   INTERNAL CABLED INTERCONNECT SOLUTIONS
logo
ITT Industries
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   Interconnect Solutions Cannon, VEAM, BIW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com