Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ7.5CA Datasheet(PDF) 8 Page - Formosa MS

Part # SMCJ7.5CA
Description  SMD Transient Voltage Suppressor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SMCJ7.5CA Datasheet(HTML) 8 Page - Formosa MS

Back Button SMCJ7.5CA Datasheet HTML 2Page - Formosa MS SMCJ7.5CA Datasheet HTML 3Page - Formosa MS SMCJ7.5CA Datasheet HTML 4Page - Formosa MS SMCJ7.5CA Datasheet HTML 5Page - Formosa MS SMCJ7.5CA Datasheet HTML 6Page - Formosa MS SMCJ7.5CA Datasheet HTML 7Page - Formosa MS SMCJ7.5CA Datasheet HTML 8Page - Formosa MS SMCJ7.5CA Datasheet HTML 9Page - Formosa MS SMCJ7.5CA Datasheet HTML 10Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
012234536489
63 69
815













!
!
"#
$""%#
&"

"#
$'%'#
'"
"#
$()*#
*"
+ ,-.
/0
BC
DDC
D2C
DE8F 5C
8D
G
:



+
$ 

+
% 
+

/
2

6

>



/HI
!
:



$
%
%
$
0JKL03C34
MNOQRSTUV
WTXYZ[
X
S\WM]^^RWUUZR
_8F84 J0
`abcd
ef
ijklmnoplq
rstoku
l
vmw
xyw
qlz{
w
|mtu
}w
xyw
qlz{
w
|mtu
€‚ƒ
„…†‡ˆ‰Š‹‰‰Œ€…‰‡Œ€…‰Ž
€‚ƒ
„…†‡ˆ‰Š‹‰‰Œ€…‰‡Œ€…‰Ž
”€•
–‡ˆ‰˜€„ˆ
™š
™š
Page 8
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121837
2010/06/10
2012/11/21
F
10
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
GDE
BDE


Similar Part No. - SMCJ7.5CA

ManufacturerPart #DatasheetDescription
logo
Shanghai Semitech Semic...
SMCJ7.5CA SEMITECH-SMCJ7.5CA Datasheet
245Kb / 6P
   Low profile package
logo
Fairchild Semiconductor
SMCJ7.5CA FAIRCHILD-SMCJ7.5CA Datasheet
127Kb / 5P
   DEVICES FOR BIPOLAR APPLICATIONS
logo
PACELEADER INDUSTRIAL
SMCJ7.5CA PACELEADER-SMCJ7.5CA Datasheet
137Kb / 2P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
HuaXinAn Electronics CO...
SMCJ7.5CA HUAXINAN-SMCJ7.5CA Datasheet
420Kb / 5P
   1500W Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
SMCJ7.5CA LUGUANG-SMCJ7.5CA Datasheet
428Kb / 4P
   1500Watts Surface Mount Transient Voltage Suppressor
More results

Similar Description - SMCJ7.5CA

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com