Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ8.0C Datasheet(PDF) 5 Page - Formosa MS

Part # SMCJ8.0C
Description  SMD Transient Voltage Suppressor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SMCJ8.0C Datasheet(HTML) 5 Page - Formosa MS

  SMCJ8.0C Datasheet HTML 1Page - Formosa MS SMCJ8.0C Datasheet HTML 2Page - Formosa MS SMCJ8.0C Datasheet HTML 3Page - Formosa MS SMCJ8.0C Datasheet HTML 4Page - Formosa MS SMCJ8.0C Datasheet HTML 5Page - Formosa MS SMCJ8.0C Datasheet HTML 6Page - Formosa MS SMCJ8.0C Datasheet HTML 7Page - Formosa MS SMCJ8.0C Datasheet HTML 8Page - Formosa MS SMCJ8.0C Datasheet HTML 9Page - Formosa MS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
01
23
212423
53
25.&767"$,896:8857;:'<=8:957:>/
1
5
B [B5
\]^`abcde
fcghij
g
bkf\lmmafddia
An5 B
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
SMCJ85
SMCJ85A
SMCJ90
SMCJ90A
SMCJ85C
SMCJ85CA
SMCJ90C
SMCJ90CA
GGQ
GGR
GGS
GGT
BGQ
BGR
BGS
BGT
85
85
90
90
94.0
94.0
100
100
119.2
108.2
126.5
115.5
1.0
1.0
1.0
1.0
151
137
160
146
9.9
10.9
9.4
10.3
5.0
5.0
5.0
5.0
SMCJ100
SMCJ100A
SMCJ110
SMCJ110A
SMCJ100C
SMCJ100CA
SMCJ110C
SMCJ110CA
GGU
GGV
GGW
GGX
BGU
BGV
BGW
BGX
100
100
110
110
111
111
122
122
141.0
128.0
154.5
140.5
1.0
1.0
1.0
1.0
179
162
196
177
8.4
9.3
7.7
8.5
5.0
5.0
5.0
5.0
SMCJ120
SMCJ120A
SMCJ130
SMCJ130A
SMCJ120C
SMCJ120CA
SMCJ130C
SMCJ130CA
GGY
GGZ
GHD
GHE
BGY
BGZ
BHD
BHE
120
120
130
130
133
133
144
144
169.0
153.0
182.5
165.5
1.0
1.0
1.0
1.0
214
193
231
209
7.0
7.8
6.5
7.2
5.0
5.0
5.0
5.0
SMCJ150
SMCJ150A
SMCJ160
SMCJ160A
SMCJ150C
SMCJ150CA
SMCJ160C
SMCJ160CA
GHF
GHG
GHH
GHK
BHF
BHG
BHH
BHK
150
150
160
160
167
167
178
178
211.5
192.5
226.0
205.0
1.0
1.0
1.0
1.0
268
243
287
259
5.6
6.2
5.2
5.8
5.0
5.0
5.0
5.0
SMCJ170
SMCJ170A
SMCJ180
SMCJ180A
SMCJ170C
SMCJ170CA
SMCJ180C
SMCJ180CA
GHL
GHM
GHN
GHP
BHL
BHM
BHN
BHP
170
170
180
180
189
189
200
200
239.5
217.5
253.8
230.4
1.0
1.0
1.0
1.0
304
275
321
290
4.9
5.5
4.7
5.2
5.0
5.0
5.0
5.0
SMCJ190
SMCJ190A
SMCJ200
SMCJ200A
SMCJ190C
SMCJ190CA
SMCJ200C
SMCJ200CA
GHQ
GHR
GHW
GHX
BHQ
BHR
BHW
BHX
190
190
200
200
211
211
222
222
267.9
243.2
282.0
256.0
1.0
1.0
1.0
1.0
339
306
356
322
4.4
4.9
4.2
4.7
5.0
5.0
5.0
5.0
SMCJ210
SMCJ210A
SMCJ220
SMCJ220A
SMCJ210C
SMCJ210CA
SMCJ220C
SMCJ220CA
GHY
GHZ
GJD
GJE
BHY
BHZ
BJD
BJE
210
210
220
220
233
233
244
244
296.1
268.8
310.2
281.6
1.0
1.0
1.0
1.0
375
339
392
355
4.0
4.4
3.8
4.2
5.0
5.0
5.0
5.0
SMCJ250
SMCJ250A
SMCJ300
SMCJ300A
SMCJ250C
SMCJ250CA
SMCJ300C
SMCJ300CA
GJF
GJG
GJH
GJK
BJF
BJG
BJH
BJK
250
250
300
300
278
278
333
333
342.5
309.0
411.0
371.0
1.0
1.0
1.0
1.0
447
403
535
484
3.4
3.7
2.8
3.1
5.0
5.0
5.0
5.0
SMCJ350
SMCJ350A
SMCJ400
SMCJ400A
SMCJ350C
SMCJ350CA
SMCJ400C
SMCJ400CA
GJL
GJM
GJN
GJP
BJL
BJM
BJN
BJP
350
350
400
400
389
389
444
444
479.5
432.0
548.0
494.0
1.0
1.0
1.0
1.0
624
565
687
645
2.4
2.7
2.2
2.3
5.0
5.0
5.0
5.0
SMCJ440
SMCJ440A
SMCJ440C
SMCJ440CA
GJQ
GJR
BJQ
BJR
440
440
489
489
602.8
543.0
1.0
1.0
786
710
1.9
2.1
5.0
5.0
For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
Page 5
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121837
2010/06/10
2012/11/21
F
10
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141


Similar Part No. - SMCJ8.0C

ManufacturerPart #DatasheetDescription
logo
Bytes
SMCJ8.0C BYTES-SMCJ8.0C Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
SMCJ8.0C LUGUANG-SMCJ8.0C Datasheet
428Kb / 4P
   1500Watts Surface Mount Transient Voltage Suppressor
logo
Microsemi Corporation
SMCJ8.0C MICROSEMI-SMCJ8.0C Datasheet
584Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
SMCJ8.0C LUGUANG-SMCJ8.0C Datasheet
428Kb / 4P
   1500Watts Surface Mount Transient Voltage Suppressor
logo
Vishay Siliconix
SMCJ8.0C VISHAY-SMCJ8.0C Datasheet
43Kb / 4P
   Surface Mount TRANSZORB Transient Voltage Suppressors
26-Sep-02
More results

Similar Description - SMCJ8.0C

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com