Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ8.5CA Datasheet(PDF) 7 Page - Formosa MS

Part # SMBJ8.5CA
Description  SMD Transient Voltage Suppressor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SMBJ8.5CA Datasheet(HTML) 7 Page - Formosa MS

Back Button SMBJ8.5CA Datasheet HTML 2Page - Formosa MS SMBJ8.5CA Datasheet HTML 3Page - Formosa MS SMBJ8.5CA Datasheet HTML 4Page - Formosa MS SMBJ8.5CA Datasheet HTML 5Page - Formosa MS SMBJ8.5CA Datasheet HTML 6Page - Formosa MS SMBJ8.5CA Datasheet HTML 7Page - Formosa MS SMBJ8.5CA Datasheet HTML 8Page - Formosa MS SMBJ8.5CA Datasheet HTML 9Page - Formosa MS SMBJ8.5CA Datasheet HTML 10Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
"#(
%(
38
(
#1-%3'(
3#-
Y
(
2[1#(
3#8
3'31-8
7"1#%'-
8
1#z3
-
193%8
11
3-
3'3-zY8
73{\
|Q*{
|*{
|{
1#(3#8031S
$
T1(
-
"3737-
%
{\T-
19(
#2
{-
8
123V{TX
y1-}9318
(
#2
{-
8
123
(
21#(
3#8"3#8(
%(
'33%8
2"#%8
7"
{\~8
73'-
8
12333#zY8
7398
38
3%-
1%
(
-
(
(
8
3%8
8
73-
19(
#2'-
8
123-
3'3-
1#(
3#8
{-
8
123
T-
19(
#2
1#(
3#8
08
38
3%
1%
{\
1#(
3#8
T"3#8

€
˜™š
›
œ™œŸ ¡™¢™ š
£¢›
¤š
›
  ¥¢¦£¤§¨©ª«¨­®¯­¨°
±
²³´µ²·¸¹
·²º
»
¼½¾¿¼ÁÂÃ
Á¼Ä
Å
ÆÇÈÉÆËÌÍ
ËÆÎ
Ï
ÐÑÒÓÐÕÖ×
ÕÐØ
Ù
ÚÛÜÝÚßàá
ßÚâ
nopqorsuv
wxy{|}~€
~‚ƒ„…
‚
}†w‡ˆˆ|„|
‰Š‹Œ‰Ž

Ž‘
Page 7
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121838
2010/06/10
2012/11/21
F
10
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141


Similar Part No. - SMBJ8.5CA

ManufacturerPart #DatasheetDescription
logo
Bytes
SMBJ8.5CA BYTES-SMBJ8.5CA Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Littelfuse
SMBJ8.5CA LITTELFUSE-SMBJ8.5CA Datasheet
235Kb / 4P
   Silicon Avalanche Diodes
logo
SEMTECH ELECTRONICS LTD...
SMBJ8.5CA SEMTECH_ELEC-SMBJ8.5CA Datasheet
318Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
Guangdong Juxing Electr...
SMBJ8.5CA JUXING-SMBJ8.5CA Datasheet
898Kb / 4P
   Surface Mount Transient Voltage Suppressor Power 600W
logo
AiT Semiconductor Inc.
SMBJ8.5CA AITSEMI-SMBJ8.5CA Datasheet
542Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR 600 WATT PEAK POWER
REV2.1
More results

Similar Description - SMBJ8.5CA

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com