Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ11CA Datasheet(PDF) 8 Page - Formosa MS

Part # SMBJ11CA
Description  SMD Transient Voltage Suppressor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SMBJ11CA Datasheet(HTML) 8 Page - Formosa MS

Back Button SMBJ11CA Datasheet HTML 2Page - Formosa MS SMBJ11CA Datasheet HTML 3Page - Formosa MS SMBJ11CA Datasheet HTML 4Page - Formosa MS SMBJ11CA Datasheet HTML 5Page - Formosa MS SMBJ11CA Datasheet HTML 6Page - Formosa MS SMBJ11CA Datasheet HTML 7Page - Formosa MS SMBJ11CA Datasheet HTML 8Page - Formosa MS SMBJ11CA Datasheet HTML 9Page - Formosa MS SMBJ11CA Datasheet HTML 10Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
()**+,-+.,01
.+234.1
450)-
'
3"'
"'
"'
"731"$6
'
7
7
'
38
3
8

9
:
;42<=
>*
?93"!@3
A197
3
B"'
 '
38
'
"17
:'
 '
38
'
"17
09CD
EF:
G
GH6
GG8

G
GI6
IG8
:
G
G6
G8
9
K=
>>=
>*=
>L02M4-=
0>


B"'
 '
38
'
"17
0'
" 18
7$3
0'
" 1"$3
0'
"
E'
97
'

'
3$!8
7
'
"3
E?@7
:'
 '
38
'
"17


NOPQORSUV
WXY[\]^_`
a^bcde
b
]faWghh\a__d\
ijklino
p
nq
stuvw
xyz{|}~}}€ty}{u€ty}‚ƒ
stuvw
xyz{|}~}}€ty}{u€ty}‚ƒ
‡tˆ
‰{|}‹tx|
Œs
Œs
KE
AE
Page 8
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121838
2010/06/10
2012/11/21
F
10
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141


Similar Part No. - SMBJ11CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMBJ11CA LITTELFUSE-SMBJ11CA Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
Bytes
SMBJ11CA BYTES-SMBJ11CA Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Yangzhou yangjie electr...
SMBJ11CA YANGJIE-SMBJ11CA Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
MDE Semiconductor, Inc.
SMBJ11CA MDE-SMBJ11CA Datasheet
92Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SHIKUES Electronics
SMBJ11CA SKTECHNOLGY-SMBJ11CA Datasheet
461Kb / 4P
   Surface mount transient voltage suppressor power 600 watts
More results

Similar Description - SMBJ11CA

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com