Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6-104068-1 Datasheet(PDF) 24 Page - Tyco Electronics

Part # 6-104068-1
Description  Ribbon Cable Interconnect Solutions
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6-104068-1 Datasheet(HTML) 24 Page - Tyco Electronics

Back Button 6-104068-1 Datasheet HTML 20Page - Tyco Electronics 6-104068-1 Datasheet HTML 21Page - Tyco Electronics 6-104068-1 Datasheet HTML 22Page - Tyco Electronics 6-104068-1 Datasheet HTML 23Page - Tyco Electronics 6-104068-1 Datasheet HTML 24Page - Tyco Electronics 6-104068-1 Datasheet HTML 25Page - Tyco Electronics 6-104068-1 Datasheet HTML 26Page - Tyco Electronics 6-104068-1 Datasheet HTML 27Page - Tyco Electronics 6-104068-1 Datasheet HTML 28Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 100 page
background image
24
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Board-to-Board Right-Angle Headers, Double Row, .050 x .050
[1.27 x 1.27] Centerline
Note: All part numbers are RoHS compliant.
Material and Finish
Housing — Liquid crystal polymer,
black, 94V-0 rated
Contacts — Copper alloy; duplex
plated .000030 [0.00076] gold in
mating area, .000150 [0.000381] tin on
solder tail, with entire contact under-
plated .000050 [0.00127] nickel
Holddown — Copper alloy; plated
.0000150 [0.00381] tin over .000050
[0.00127] nickel
Related Product Data
Mating Receptacles — pages 20
and 26
Performance Specifications —
page 29
Technical Documents — page 29
Product Specification 108-1443
Application Specification
114-7010
Packaging — Tube
Recommended PC Board Layout
No. of
Dimensions
Header
Pos.
Part Numbers
AB
C
D
Latching
Non-Latching
10
.630 [16.00]
9
.225 [5.72]
.550 [13.97]
5-104895-1
5-104894-1
20
.880 [22.35]
19
.475 [12.07]
.800 [20.32]
5-104895-2
5-104894-2
30
1.130 [28.70]
29
.725 [18.42]
1.050 [26.67]
5-104895-3
5-104894-3
40
1.380 [35.05]
39
.975 [24.77]
1.300 [33.02]
5-104895-4
5-104894-4
50
1.630 [41.40]
49
1.225 [31.12]
1.550 [39.37]
5-104895-5
5-104894-5
60
1.880 [47.75]
59
1.475 [37.47]
1.800 [45.72]
5-104895-6
5-104894-6
70
2.130 [54.10]
69
1.725 [43.82]
2.050 [52.07]
5-104895-7
5-104894-7
80
2.380 [60.45]
79
1.975 [50.17]
2.300 [58.42]
5-104895-8
5-104894-8
100
2.880 [73.15]
99
2.475 [62.87]
2.800 [71.12]
6-104895-0
6-104894-0
A
.430
[10.92]
.340
[8.64]
.305
[7.75]
B Spaces at
.025
=
C
[0.64]
.085
[2.16]
.140
[3.56]
.175
[4.45]
D
.100
[2.54]
Min
.063
[1.57]
(2 Plc)
.190
[4.83]
(2 Plc)
.047
Dia
[1.19]
Plated-Thru Hole
(2 Plc)
.136
[3.45]
(2 Plc)
.050
[1.27]
.352
[8.94]
.213
[5.41]
.050
[1.27]
.050
[1.27]
Typ.
.029
[0.74]
Typ
.065
[1.65]
Typ.
Note: Refer to TE Customer
Drawings for additional PC board
layout information and dimensional
tolerances.
Non-Latching Header
Latching Header


Similar Part No. - 6-104068-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6-104068-1 MACOM-6-104068-1 Datasheet
173Kb / 1P
   HEADER ASSEMBLY, VERTICAL SHROUDED, DOUBLE ROW W/SIDE & END LATCHES, AMPMODU System 50
6-104068-1 MACOM-6-104068-1 Datasheet
173Kb / 1P
   HEADER ASSEMBLY, VERTICAL SHROUDED
6-104068-1 MACOM-6-104068-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
6-104068-1 MACOM-6-104068-1 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
6-104068-1 MACOM-6-104068-1 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Similar Description - 6-104068-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437006-1 MACOM-2-1437006-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2631HD MACOM-609-2631HD Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
2-1658526-3 MACOM-2-1658526-3 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2600M MACOM-609-2600M Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
499252-2 MACOM-499252-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Lumberg
7200 LUMBERG-7200 Datasheet
706Kb / 3P
   Press-fit interconnect solutions
7201 LUMBERG-7201 Datasheet
697Kb / 3P
   Press-fit interconnect solutions
logo
TE Connectivity Ltd
1-1773871-5 TEC-1-1773871-5 Datasheet
5Mb / 8P
   INTERNAL CABLED INTERCONNECT SOLUTIONS
logo
ITT Industries
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   Interconnect Solutions Cannon, VEAM, BIW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com