Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ONET4291VARGPTG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # ONET4291VARGPTG4
Description  1 GBPS TO 4.25 GBPS MULTI-RATE VCSEL DRIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ONET4291VARGPTG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ONET4291VARGPTG4 Datasheet HTML 7Page - Texas Instruments ONET4291VARGPTG4 Datasheet HTML 8Page - Texas Instruments ONET4291VARGPTG4 Datasheet HTML 9Page - Texas Instruments ONET4291VARGPTG4 Datasheet HTML 10Page - Texas Instruments ONET4291VARGPTG4 Datasheet HTML 11Page - Texas Instruments ONET4291VARGPTG4 Datasheet HTML 12Page - Texas Instruments ONET4291VARGPTG4 Datasheet HTML 13Page - Texas Instruments ONET4291VARGPTG4 Datasheet HTML 14Page - Texas Instruments ONET4291VARGPTG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
www.ti.com
ONET4291VA
SLLS674 – SEPTEMBER 2005
AC ELECTRICAL CHARACTERISTICS (continued)
over recommended operating conditions with 50-
Ω output load, open loop operation, I
MOD = 6 mA, IBIAS = 5 mA, and
R
RZTC = 30 kΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
τ
APC
APC time constant
CAPC 0.01 µF, IPD = 100 µA, PD coupling ratio
200
µs
CR = 1/40(2)
TOFF
Transmitter disable time
Rising edge of DIS to IBIAS≤ 0.1 x IBIAS-NOMINAL(2)
2.4
5
µs
TON
Disable negate time
Falling edge of DIS to IBIAS≥ 0.9 x IBIAS-NOMINAL(2)
1
ms
TINIT1
Power-on to initialize
Power-on to registers ready to be loaded
20
250
ms
TINIT2
Initialize to transmit
Register load STOP command to part ready to transmit
2
ms
valid data(2)
TRESET
DIS pulse width
Time DIS must held high to reset part(2)
100
ns
TFAULT
Fault assert time
Time from fault condition to FLT high(2)
50
µs
(2)
Assured by simulation over process, supply, and temperature variation.
11


Similar Part No. - ONET4291VARGPTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET4291VA TI-ONET4291VA Datasheet
515Kb / 20P
[Old version datasheet]   1 GBPS TO 4.25 GBPS MULTI-RATE VCSEL DRIVER
More results

Similar Description - ONET4291VARGPTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET4291VA TI-ONET4291VA Datasheet
515Kb / 20P
[Old version datasheet]   1 GBPS TO 4.25 GBPS MULTI-RATE VCSEL DRIVER
ONET4291PA TI-ONET4291PA Datasheet
1,016Kb / 23P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
ONET4291PARGVR TI-ONET4291PARGVR Datasheet
1Mb / 24P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
ONET4291PARGVRG4 TI-ONET4291PARGVRG4 Datasheet
1Mb / 24P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
logo
Zarlink Semiconductor I...
PX6410 ZARLINK-PX6410 Datasheet
550Kb / 3P
   Multi-Rate VCSEL Driver
logo
Texas Instruments
ONET1191V TI-ONET1191V Datasheet
450Kb / 22P
[Old version datasheet]   11.3-GBPS DIFFERENTIAL VCSEL DRIVER
logo
Zarlink Semiconductor I...
PX5410 ZARLINK-PX5410 Datasheet
520Kb / 3P
   Multi-Rate VCSEL Driver
logo
Texas Instruments
ONET8501V TI1-ONET8501V_14 Datasheet
1Mb / 29P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver
ONET4211LD TI-ONET4211LD Datasheet
1Mb / 26P
[Old version datasheet]   155 Mbps to 4.25 Gbps LASER DRIVER
ONET4201LD TI-ONET4201LD Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com