Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY1634 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATTINY1634
Description  8-bit Atmel tinyAVR Microcontroller with 16K Byres In-System Programmable Flash
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY1634 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATTINY1634 Datasheet HTML 1Page - ATMEL Corporation ATTINY1634 Datasheet HTML 2Page - ATMEL Corporation ATTINY1634 Datasheet HTML 3Page - ATMEL Corporation ATTINY1634 Datasheet HTML 4Page - ATMEL Corporation ATTINY1634 Datasheet HTML 5Page - ATMEL Corporation ATTINY1634 Datasheet HTML 6Page - ATMEL Corporation ATTINY1634 Datasheet HTML 7Page - ATMEL Corporation ATTINY1634 Datasheet HTML 8Page - ATMEL Corporation ATTINY1634 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
ATtiny1634 [DATASHEET]
8303FS–AVR–08/2013
The AVR core combines a rich instruction set with 32 general purpose working registers. All 32 registers are
directly connected to the Arithmetic Logic Unit (ALU), allowing two independent registers to be accessed in a single
instruction, executed in one clock cycle. The resulting architecture is compact and code efficient while achieving
throughputs up to ten times faster than conventional CISC microcontrollers.
ATtiny1634 provides the following features:
• 16K bytes of in-system programmable Flash
• 1K bytes of SRAM data memory
• 256 bytes of EEPROM data memory
• 18 general purpose I/O lines
• 32 general purpose working registers
• An 8-bit timer/counter with two PWM channels
• A16-bit timer/counter with two PWM channels
• Internal and external interrupts
• A 10-bit ADC with 5 internal and 12 external channels
• An ultra-low power, programmable watchdog timer with internal oscillator
• Two programmable USART’s with start frame detection
• A slave Two-Wire Interface (TWI)
• A Universal Serial Interface (USI) with start condition detector
• A calibrated 8MHz oscillator
• A calibrated 32kHz, ultra low power oscillator
• Four software selectable power saving modes.
The device includes the following modes for saving power:
• Idle mode: stops the CPU while allowing the timer/counter, ADC, analog comparator, SPI, TWI, and interrupt
system to continue functioning
• ADC Noise Reduction mode: minimizes switching noise during ADC conversions by stopping the CPU and all
I/O modules except the ADC
• Power-down mode: registers keep their contents and all chip functions are disabled until the next interrupt or
hardware reset
• Standby mode: the oscillator is running while the rest of the device is sleeping, allowing very fast start-up
combined with low power consumption.
The device is manufactured using Atmel’s high density non-volatile memory technology. The Flash program mem-
ory can be re-programmed in-system through a serial interface, by a conventional non-volatile memory
programmer or by an on-chip boot code, running on the AVR core.
The ATtiny1634 AVR is supported by a full suite of program and system development tools including: C compilers,
macro assemblers, program debugger/simulators and evaluation kits.


Similar Part No. - ATTINY1634

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATtiny1634 ATMEL-ATtiny1634 Datasheet
5Mb / 20P
   Atmel짰 AVR짰 32-bit microcontrollers
ATTINY1634 ATMEL-ATTINY1634 Datasheet
12Mb / 259P
   8-bit AVR Microcontroller with 16KB In-system
ATTINY1634 ATMEL-ATTINY1634_14 Datasheet
12Mb / 259P
   8-bit AVR Microcontroller with 16KB In-system
More results

Similar Description - ATTINY1634

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90PWM216 ATMEL-AT90PWM216_14 Datasheet
4Mb / 344P
   Atmel 8-bit Microcontroller with 16K Bytes In-System Programmable Flash
AT90PWM216-16SUR ATMEL-AT90PWM216-16SUR Datasheet
962Kb / 28P
   Atmel 8-bit Microcontroller with 16K Bytes In-System Programmable Flash
AT90PWM316 ATMEL-AT90PWM316_14 Datasheet
962Kb / 28P
   Atmel 8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA88PV-10AU ATMEL-ATMEGA88PV-10AU Datasheet
6Mb / 420P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA88PV-10PU ATMEL-ATMEGA88PV-10PU Datasheet
6Mb / 420P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA48PV ATMEL-ATMEGA48PV_11 Datasheet
401Kb / 27P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA328P-20AU ATMEL-ATMEGA328P-20AU Datasheet
6Mb / 420P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_11 Datasheet
8Mb / 377P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA128-16AN ATMEL-ATMEGA128-16AN Datasheet
481Kb / 24P
   8-bit Atmel Microcontroller with 128KBytes In-System Programmable Flash
ATMEGA64A ATMEL-ATMEGA64A_14 Datasheet
9Mb / 395P
   8-bit Atmel Microcontroller with 64KB In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com