Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY1634-MU Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATTINY1634-MU
Description  8-bit Atmel tinyAVR Microcontroller with 16K Byres In-System Programmable Flash
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY1634-MU Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATTINY1634-MU Datasheet HTML 3Page - ATMEL Corporation ATTINY1634-MU Datasheet HTML 4Page - ATMEL Corporation ATTINY1634-MU Datasheet HTML 5Page - ATMEL Corporation ATTINY1634-MU Datasheet HTML 6Page - ATMEL Corporation ATTINY1634-MU Datasheet HTML 7Page - ATMEL Corporation ATTINY1634-MU Datasheet HTML 8Page - ATMEL Corporation ATTINY1634-MU Datasheet HTML 9Page - ATMEL Corporation ATTINY1634-MU Datasheet HTML 10Page - ATMEL Corporation ATTINY1634-MU Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
ATtiny1634 [DATASHEET]
8303FS–AVR–08/2013
5.
Register Summary
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page(s)
(0xFF)
Reserved
––
––
(0xFE)
Reserved
(0xFD)
Reserved
(0xFC)
Reserved
(0xFB)
Reserved
(0xFA)
Reserved
(0xF9)
Reserved
...
...
...
...
...
...
...
...
...
...
...
(0x85)
Reserved
(0x84)
Reserved
(0x83)
Reserved
(0x82)
Reserved
(0x81)
Reserved
(0x80)
Reserved
(0x7F)
TWSCRA
TWSHE
TWDIE
TWASIE
TWEN
TWSIE
TWPME
TWSME
127
(0x7E)
TWSCRB
TWAA
TWCMD[1:0]
127
(0x7D)
TWSSRA
TWDIF
TWASIF
TWCH
TWRA
TWC
TWBE
TWDIR
TWAS
128
(0x7C)
TWSA
TWI Slave Address Register
130
(0x7B)
TWSAM
TWI Slave Address Mask Register
130
(0x7A)
TWSD
TWI Slave Data Register
130
(0x79)
UCSR1A
RXC1
TXC1
UDRE1
FE1
DOR1
UPE1
U2X1
MPCM1
167
(0x78)
UCSR1B
RXCIE1
TXCIE1
UDRIE1
RXEN1
TXEN1
UCSZ12
RXB81
TXB81
168
(0x77)
UCSR1C
UMSEL11
UMSEL10
UPM11
UPM01
USBS1
UCSZ11
UCSZ10
UCPOL1
169
(0x76)
UCSR1D
RXSIE1
RXS1
SFDE1
171
(0x75)
UBRR1H
USART1 Baud Rate Register High Byte
172
(0x74)
UBRR1L
USART1 Baud Rate Register Low Byte
172
(0x73)
UDR1
USART1 I/O Data Register
167
(0x72)
TCCR1A
COM1A1
COM1A0
COM1B1
COM1B0
–WGM11
WGM10
111
(0x71)
TCCR1B
ICNC1
ICES1
WGM13
WGM12
CS12
CS11
CS10
113
(0x70)
TCCR1C
FOC1A
FOC1B
114
(0x6F)
TCNT1H
Timer/Counter1 – Counter Register High Byte
114
(0x6E)
TCNT1L
Timer/Counter1 – Counter Register Low Byte
114
(0x6D)
OCR1AH
Timer/Counter1 – Compare Register A High Byte
114
(0x6C)
OCR1AL
Timer/Counter1 – Compare Register A Low Byte
114
(0x6B)
OCR1BH
Timer/Counter1 – Compare Register B High Byte
115
(0x6A)
OCR1BL
Timer/Counter1 – Compare Register B Low Byte
115
(0x69)
ICR1H
Timer/Counter1 – Input Capture Register High Byte
115
(0x68)
ICR1L
Timer/Counter1 – Input Capture Register Low Byte
115
(0x67)
GTCCR
TSM
PSR10
118
(0x66)
OSCCAL1
–CAL11
CAL10
33
(0x65)
OSCTCAL0B
Oscillator Temperature Compensation Register B
33
(0x64)
OSCTCAL0A
Oscillator Temperature Compensation Register A
33
(0x63)
OSCCAL0
CAL07
CAL06
CAL05
CAL04
CAL03
CAL02
CAL01
CAL00
32
(0x62)
DIDR2
ADC11D
ADC10D
ADC9D
200
(0x61)
DIDR1
ADC8D
ADC7D
ADC6D
ADC5D
200
(0x60)
DIDR0
ADC4D
ADC3D
ADC2D
ADC1D
ADC0D
AIN1D
AIN0D
AREFD
184, 200
0x3F (0x5F)
SREG
I
T
H
S
V
N
Z
C
14
0x3E (0x5E)
SPH
SP10
SP9
SP8
13
0x3D (0x5D)
SPL
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
13
0x3C (0x5C)
GIMSK
INT0
PCIE2
PCIE1
PCIE0
51
0x3B (0x5B)
GIFR
INTF0
PCIF2
PCIF1
PCIF0
52
0x3A (0x5A)
TIMSK
TOIE1
OCIE1A
OCIE1B
ICIE1
OCIE0B
TOIE0
OCIE0A
88, 115
0x39 (0x59)
TIFR
TOV1
OCF1A
OCF1B
ICF1
OCF0B
TOV0
OCF0A
89, 116
0x38 (0x58)
QTCSR
QTouch Control and Status Register
6
0x37 (0x57)
SPMCSR
RSIG
CTPB
RFLB
PGWRT
PGERS
SPMEN
207
0x36 (0x56)
MCUCR
–SM1
SM0
SE
–ISC01
ISC00
37, 51
0x35 (0x55)
MCUSR
WDRF
BORF
EXTRF
PORF
44
0x34 (0x54)
PRR
PRTWI
PRTIM0
PRTIM0
PRUSI
PRUSART1
PRUSART0
PRADC
38
0x33 (0x53)
CLKPR
CLKPS3
CLKPS2
CLKPS1
CLKPS0
31
0x32 (0x52)
CLKSR
OSCRDY
CSTR
CKOUT_IO
SUT
CKSEL3
CKSEL2
CKSEL1
CKSEL0
29
0x31 (0x51)
Reserved
0x30 (0x50)
WDTCSR
WDIF
WDIE
WDP3
WDE
WDP2
WDP1
WDP0
45
0x2F (0x4F)
CCP
CPU Change Protection Register
13
0x2E (0x4E)
DWDR
DWDR[7:0]
202
0x2D (0x4D)
USIBR
USI Buffer Register
144
0x2C (0x4C)
USIDR
USI Data Register
143


Similar Part No. - ATTINY1634-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATtiny1634 ATMEL-ATtiny1634 Datasheet
5Mb / 20P
   Atmel짰 AVR짰 32-bit microcontrollers
ATTINY1634 ATMEL-ATTINY1634 Datasheet
12Mb / 259P
   8-bit AVR Microcontroller with 16KB In-system
ATTINY1634 ATMEL-ATTINY1634_14 Datasheet
12Mb / 259P
   8-bit AVR Microcontroller with 16KB In-system
More results

Similar Description - ATTINY1634-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90PWM216 ATMEL-AT90PWM216_14 Datasheet
4Mb / 344P
   Atmel 8-bit Microcontroller with 16K Bytes In-System Programmable Flash
AT90PWM216-16SUR ATMEL-AT90PWM216-16SUR Datasheet
962Kb / 28P
   Atmel 8-bit Microcontroller with 16K Bytes In-System Programmable Flash
AT90PWM316 ATMEL-AT90PWM316_14 Datasheet
962Kb / 28P
   Atmel 8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA88PV-10AU ATMEL-ATMEGA88PV-10AU Datasheet
6Mb / 420P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA88PV-10PU ATMEL-ATMEGA88PV-10PU Datasheet
6Mb / 420P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA48PV ATMEL-ATMEGA48PV_11 Datasheet
401Kb / 27P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA328P-20AU ATMEL-ATMEGA328P-20AU Datasheet
6Mb / 420P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_11 Datasheet
8Mb / 377P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA128-16AN ATMEL-ATMEGA128-16AN Datasheet
481Kb / 24P
   8-bit Atmel Microcontroller with 128KBytes In-System Programmable Flash
ATMEGA64A ATMEL-ATMEGA64A_14 Datasheet
9Mb / 395P
   8-bit Atmel Microcontroller with 64KB In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com