Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY25V-10SSHR Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATTINY25V-10SSHR
Description  Atmel 8-bit AVR Microcontroller with 2/4/8K Bytes In-System Programmable Flash
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY25V-10SSHR Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATTINY25V-10SSHR Datasheet HTML 7Page - ATMEL Corporation ATTINY25V-10SSHR Datasheet HTML 8Page - ATMEL Corporation ATTINY25V-10SSHR Datasheet HTML 9Page - ATMEL Corporation ATTINY25V-10SSHR Datasheet HTML 10Page - ATMEL Corporation ATTINY25V-10SSHR Datasheet HTML 11Page - ATMEL Corporation ATTINY25V-10SSHR Datasheet HTML 12Page - ATMEL Corporation ATTINY25V-10SSHR Datasheet HTML 13Page - ATMEL Corporation ATTINY25V-10SSHR Datasheet HTML 14Page - ATMEL Corporation ATTINY25V-10SSHR Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
11
ATtiny25/45/85 [DATASHEET]
2586PS–AVR–06/2013
6.
Ordering Information
Notes:
1. For speed vs. supply voltage, see section 21.3 “Speed” on page 163.
2. All Pb-free, halide-free, fully green, and comply with European directive for Restriction of Hazardous Substances (RoHS).
3. Code indicators: H = NiPdAu lead finish, U/N = matte tin, R = tape & reel.
4. Can also be supplied in wafer form. Contact your local Atmel sales office for ordering information and minimum quantities.
5. For characteristics, see “Appendix A – Specification at 105
C”.
6. For characteristics, see “Appendix B – Specification at 125
C”.
6.1
ATtiny25
Speed (MHz) (1)
Supply Voltage (V)
Temperature Range
Package (2)
Ordering Code (3)
10
1.8 – 5.5
Industrial
(-40
C to +85C) (4)
8P3
ATtiny25V-10PU
8S2
ATtiny25V-10SU
ATtiny25V-10SUR
ATtiny25V-10SH
ATtiny25V-10SHR
S8S1
ATtiny25V-10SSU
ATtiny25V-10SSUR
ATtiny25V-10SSH
ATtiny25V-10SSHR
20M1
ATtiny25V-10MU
ATtiny25V-10MUR
Industrial
(-40
C to +105C) (5)
8S2
ATtiny25V-10SN
ATtiny25V-10SNR
S8S1
ATtiny25V-10SSN
ATtiny25V-10SSNR
Industrial (-40
C to +125C) (6)
20M1
ATtiny25V-10MF
ATtiny25V-10MFR
20
2.7 – 5.5
Industrial
(-40
C to +85C) (4)
8P3
ATtiny25-20PU
8S2
ATtiny25-20SU
ATtiny25-20SUR
ATtiny25-20SH
ATtiny25-20SHR
S8S1
ATtiny25-20SSU
ATtiny25-20SSUR
ATtiny25-20SSH
ATtiny25-20SSHR
20M1
ATtiny25-20MU
ATtiny25-20MUR
Industrial
(-40
C to +105C) (5)
8S2
ATtiny25-20SN
ATtiny25-20SNR
S8S1
ATtiny25-20SSN
ATtiny25-20SSNR
Industrial (-40
C to +125C) (6)
20M1
ATtiny25-20MF
ATtiny25-20MFR
Package Types
8P3
8-lead, 0.300" Wide, Plastic Dual Inline Package (PDIP)
8S2
8-lead, 0.208" Wide, Plastic Gull-Wing Small Outline (EIAJ SOIC)
S8S1
8-lead, 0.150" Wide, Plastic Gull-Wing Small Outline (JEDEC SOIC)
20M1
20-pad, 4 x 4 x 0.8 mm Body, Quad Flat No-Lead/Micro Lead Frame Package (QFN/MLF)


Similar Part No. - ATTINY25V-10SSHR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY25V-10SSH ATMEL-ATTINY25V-10SSH Datasheet
758Kb / 30P
   8-bit Microcontroller with 2/4/8KBytes In-System Programmable Flash
More results

Similar Description - ATTINY25V-10SSHR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY24 ATMEL-ATTINY24 Datasheet
4Mb / 238P
   8-bit AVR Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATMEGA8535L ATMEL-ATMEGA8535L Datasheet
264Kb / 22P
   8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM81 ATMEL-AT90PWM81 Datasheet
5Mb / 325P
   8-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515 Datasheet
2Mb / 254P
   8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY828 ATMEL-ATTINY828_14 Datasheet
772Kb / 20P
   8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8 ATMEL-ATMEGA8_06 Datasheet
2Mb / 23P
   8-bit AVR with 8K Bytes In-System Programmable Flash
ATMEGA8 ATMEL-ATMEGA8 Datasheet
5Mb / 303P
   8-bit AVR with 8K Bytes In-System Programmable Flash
ATTINY261 ATMEL-ATTINY261_14 Datasheet
6Mb / 206P
   8-bit AVR Microcontroller with 2/4/8K Bytes In-System
ATTINY261 ATMEL-ATTINY261_06 Datasheet
306Kb / 19P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY25 ATMEL-ATTINY25_06 Datasheet
247Kb / 24P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com