Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1393247-3 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 3-1393247-3
Description  Toggle or Push/Pull Actuator Thermal P and B Circuit Breaker
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1393247-3 Datasheet(HTML) 3 Page - Tyco Electronics

  3-1393247-3 Datasheet HTML 1Page - Tyco Electronics 3-1393247-3 Datasheet HTML 2Page - Tyco Electronics 3-1393247-3 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
118
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03 (PDF Rev. 12-08)
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
W23 Outline Dimensions
Hex Nut
(55-001D - Silver Color)
.085
(2.16)
.545 – .567
(13.84 – 14.40)
Lockwasher
(88-006B - Silver Color)
ALTERNATE TEETH TWISTED
IN OPPOSITE DIRECTIONS
.018
(.46)
.562
(14.27)
Knurled Nut
(55-008A - Silver Color)
.078
(1.98)
STRAIGHT KNURL
.562
(14.27)
Suggested Mounting Holes
.375-.386
(9.53-9.80)
Mounting Hardware
5
Terminal Style 1
RESET BUTTON IN “ON” POSITION
WHITE INDICATOR NOT VISIBLE
3/8-24 THREADED BUSHING
1.384
(35.15)
.690
(17.53)
AMP RATING
.315 Dia.
(8.00)
.570
(14.48)
.388
(9.86)
1.600
(40.64)
1.890
(48.01)
2.035
(51.69)
.046
(1.17)
.46
(11.7)
.56
(14.2)
#8-32 SCREWS
WITH WASHERS
.250
(6.35)
45°
.046
(1.17)
0.9
(2.29)
.56
(14.22)
45°
Terminal Style 3
All dimensions are given as
inches
(mm)
.03
(.76)
MAX.
ALTERNATE TEETH TWISTED
IN OPPOSITE DIRECTIONS
.018
(.46)
.600
(15.24)
.125
(3.18)
STRAIGHT KNURL
.635
(16.13)
.470
(11.94)
.470
(11.94)
.385
(9.78)
5
1.384
(35.15)
.690
(17.53)
AMP RATING
.380
(9.65)
ANTI-ROTATION
FLATS
15/32-32 THREADED BUSHING
.335
(8.51)
.46
(11.7)
#8-32 SCREWS
WITH WASHERS
45°
.625
(15.88)
30°
REF.
1.600
(40.64)
2.035
(51.69)
“ON”
POSITION
“OFF”
POSITION
.56
(14.2)
.046
(1.17)
.046
(1.17)
.56
(14.2)
.09
(2.3)
45°
Mounting Hardware
Terminal Style 1
Suggested Mounting Holes
Terminal Style 5
Lockwasher
(88-002B - Silver Color)
Knurled Nut
(55-010B - Silver Color)
.03 MAX
(.76)
Hex Nut
(55-001B - Silver Color)
.078
(1.98)
.545 – .567
(13.84 – 14.40)
W31 Outline Dimensions


Similar Part No. - 3-1393247-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
   General Purpose Relays PCB Relays
3-1393243-1 MACOM-3-1393243-1 Datasheet
575Kb / 3P
   Power PCB Relay RT2
3-1393243-1 MACOM-3-1393243-1 Datasheet
575Kb / 3P
   Power PCB Relay RT2
logo
TE Connectivity Ltd
3-1393243-1 TEC-3-1393243-1 Datasheet
411Kb / 4P
   Power PCB Relay RT2 DC and AC
logo
Tyco Electronics
3-1393243-5 MACOM-3-1393243-5 Datasheet
575Kb / 3P
   Power PCB Relay RT2
More results

Similar Description - 3-1393247-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
W31-X2M1G-40 MACOM-W31-X2M1G-40 Datasheet
95Kb / 3P
   Toggle or Push/Pull Actuator Thermal P B Circuit Breaker
2-1423678-1 MACOM-2-1423678-1 Datasheet
95Kb / 3P
   Toggle or Push/Pull Actuator Thermal P&B Circuit Breaker
2-1423678-2 MACOM-2-1423678-2 Datasheet
95Kb / 3P
   Toggle or Push/Pull Actuator Thermal P&B Circuit Breaker
2-1393247-1 MACOM-2-1393247-1 Datasheet
95Kb / 3P
   Toggle or Push/Pull Actuator Thermal P&B Circuit Breaker
2-1393247-3 MACOM-2-1393247-3 Datasheet
95Kb / 3P
   Toggle or Push/Pull Actuator Thermal P&B Circuit Breaker
2-1423678-0 MACOM-2-1423678-0 Datasheet
95Kb / 3P
   Toggle or Push/Pull Actuator Thermal P&B Circuit Breaker
1-1393249-3 MACOM-1-1393249-3 Datasheet
208Kb / 3P
   P and B Push To Reset Only Thermal Circuit Breaker
2-1393249-1 MACOM-2-1393249-1 Datasheet
225Kb / 3P
   P&B Push To Reset Only Thermal Circuit Breaker
2-1393249-2 MACOM-2-1393249-2 Datasheet
225Kb / 3P
   P&B Push To Reset Only Thermal Circuit Breaker
W54 MACOM-W54 Datasheet
220Kb / 3P
   Push To Reset Only P&B Thermal Circuit Breaker
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com