Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5-103735-3 Datasheet(PDF) 62 Page - Tyco Electronics

Part # 5-103735-3
Description  Mod IV Receptacle Assemblies
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5-103735-3 Datasheet(HTML) 62 Page - Tyco Electronics

Back Button 5-103735-3 Datasheet HTML 58Page - Tyco Electronics 5-103735-3 Datasheet HTML 59Page - Tyco Electronics 5-103735-3 Datasheet HTML 60Page - Tyco Electronics 5-103735-3 Datasheet HTML 61Page - Tyco Electronics 5-103735-3 Datasheet HTML 62Page - Tyco Electronics 5-103735-3 Datasheet HTML 63Page - Tyco Electronics 5-103735-3 Datasheet HTML 64Page - Tyco Electronics 5-103735-3 Datasheet HTML 65Page - Tyco Electronics 5-103735-3 Datasheet HTML 66Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 98 page
background image
242
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Panel Mount Pin Shrouds for MTE Pin Assemblies
with Guide Ribs, Single-Row
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
Material
Black thermoplastic, 94V-0 rated
.990
[25.15]
A
Position No. 1
Identification
No. of
Dimensions
Panel Mount
Pos.
AB
Pin Shroud
2
.735 [18.67]
.625 [15.88]
103682-1
3
.835 [21.21]
.725 [18.42]
103682-2
4
.935 [23.75]
.825 [20.96]
103682-3
5
1.035 [26.29]
.925 [23.50]
103682-4
6
1.135 [28.83]
1.025 [26.04]
103682-5
7
1.235 [31.37]
1.125 [28.58]
103682-6
8
1.335 [33.91]
1.225 [31.12]
103682-7
9
1.435 [36.45]
1.325 [33.66]
103682-8
10
1.535 [38.99]
1.425 [36.20]
103682-9
11
1.635 [41.53]
1.525 [38.74]
1-103682-0
12
1.735 [44.07]
1.625 [41.28]
1-103682-1
13
1.835 [46.61]
1.725 [43.82]
1-103682-2
.250
[6.35]
.310
[7.87]
.320
[8.13]
.270
[6.86]
.320
[8.13]
B
No. of
Dimensions
Panel Mount
Pos.
AB
Pin Shroud
14
1.935 [49.15]
1.825 [46.36]
1-103682-3
15
2.035 [51.69]
1.925 [48.90]
1-103682-4
16
2.135 [54.23]
2.025 [51.44]
1-103682-5
17
2.235 [56.77]
2.125 [53.98]
1-103682-6
18
2.335 [59.31]
2.225 [56.52]
1-103682-7
19
2.435 [61.85]
2.325 [59.06]
1-103682-8
20
2.535 [64.39]
2.425 [61.60]
1-103682-9
21
2.635 [66.93]
2.525 [64.14]
2-103682-0
22
2.735 [69.47]
2.625 [66.68]
2-103682-1
23
2.835 [72.01]
2.725 [69.22]
2-103682-2
24
2.935 [74.55]
2.825 [71.76]
2-103682-3
25
3.035 [77.09]
2.925 [74.30]
2-103682-4
Technical Documents
pages 277, 278
Product Specification
108-25034
Application Specification
114-25026


Similar Part No. - 5-103735-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-103166-1 MACOM-5-103166-1 Datasheet
233Kb / 1P
   HDR ASSY, MOD II, SHROUDED, 4 SIDES, DBL ROW, .100X.100 RIGHT ANGLE, W/ .025 SQ POSTS
5-103166-2 MACOM-5-103166-2 Datasheet
233Kb / 1P
   HDR ASSY, MOD II, SHROUDED, 4 SIDES, DBL ROW, .100X.100 RIGHT ANGLE, W/ .025 SQ POSTS
5-103166-3 MACOM-5-103166-3 Datasheet
233Kb / 1P
   HDR ASSY, MOD II, SHROUDED, 4 SIDES, DBL ROW, .100X.100 RIGHT ANGLE, W/ .025 SQ POSTS
5-103166-4 MACOM-5-103166-4 Datasheet
233Kb / 1P
   HDR ASSY, MOD II, SHROUDED, 4 SIDES, DBL ROW, .100X.100 RIGHT ANGLE, W/ .025 SQ POSTS
5-103166-5 MACOM-5-103166-5 Datasheet
233Kb / 1P
   HDR ASSY, MOD II, SHROUDED, 4 SIDES, DBL ROW, .100X.100 RIGHT ANGLE, W/ .025 SQ POSTS
More results

Similar Description - 5-103735-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-86177-4 MACOM-1-86177-4 Datasheet
109Kb / 1P
   MOD IV CRIMP SNAP-IN CONNECTOR
5-104935-4 MACOM-5-104935-4 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
104482-9 MACOM-104482-9 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
2-87631-5 MACOM-2-87631-5 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
5-104361-8 MACOM-5-104361-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
1-87456-1 MACOM-1-87456-1 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
6-102316-3 MACOM-6-102316-3 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
87666-5 MACOM-87666-5 Datasheet
94Kb / 1P
   CONTACT, FEMALE MOD IV, CRIMP SNAP-IN
1-102917-1 MACOM-1-102917-1 Datasheet
62Kb / 1P
   CONTACT, FEMALE, MOD IV, CRIMP SNAP-IN
1-102316-2 MACOM-1-102316-2 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com