Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87220-4 Datasheet(PDF) 7 Page - Tyco Electronics

Part # 87220-4
Description  AMPMODU Headers and Receptacles
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

87220-4 Datasheet(HTML) 7 Page - Tyco Electronics

Back Button 87220-4 Datasheet HTML 3Page - Tyco Electronics 87220-4 Datasheet HTML 4Page - Tyco Electronics 87220-4 Datasheet HTML 5Page - Tyco Electronics 87220-4 Datasheet HTML 6Page - Tyco Electronics 87220-4 Datasheet HTML 7Page - Tyco Electronics 87220-4 Datasheet HTML 8Page - Tyco Electronics 87220-4 Datasheet HTML 9Page - Tyco Electronics 87220-4 Datasheet HTML 10Page - Tyco Electronics 87220-4 Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 96 page
background image
91
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Parallel Stacking Guide for Board-to-Board Applications
AMPMODU Interconnection System
5
See
Dimension
Product Family
Figure
Between
Headers
Single-Row
Double-Row
Product Family
Single-Row
Double-Row
Below
PC Boards
(See Note 1.)
(Page Ref.)
(Page Ref.)
Receptacles
(Page Ref.)
(Page Ref.)
.060 [1.52]
Bandolier Posts
163
NA
Dual Entry, Mod IV
177, 181,
182-184,
187, 188
189-192
1
.090 [2.29]
Breakaway**
102**
104**
Dual Entry, Mod IV
177, 181,
182-184,
(Unshrouded)
187, 188
189-192
.153 [3.89]
Surface Mount**
NA
110
Dual Entry, Mod IV
177, 181,
182-184,
Breakaway (Unshrouded)
187, 188
189-192
.265 [6.73]
Bandolier Posts
163
137**
Top Entry, Mod IV
178, 181
179, 180,
187, 188
182-184, 189-192
2
.355 [9.02]
Breakaway**
102**
104**
Top Entry, Mod IV
178, 181
179, 180,
(Unshrouded)
187, 188
182-184, 189-192
.385 [9.78]
Low Profile Shrouded
NA
135, 137**
Top Entry, Mod IV
NA
179,180
3
.418 [1.06]
Surface Mount**
109
110
Surface Mount**, Mod IV,
187, 188
189-192
Breakaway (Unshrouded)
Top Entry
2*
.430 [10.92]
Breakaway**
102**
104**
Top Entry, Mod II
175
176
(Unshrouded)
4*
.440 [11.18]
Shrouded, Mod II
115, 116
117, 119
Top Entry, Mod II or Mod IV
175, 178
176, 179, 180
.528 [13.41]
Stacking Shroud
NA
156 (Hood)
Inner Board Receptacle
NA
157
(See Note 2.)
(See Note 2.)
.547 [13.89]
Stacking Shroud
NA
160
Outer Board Receptacle
NA
158
(See Note 2.)
(See Note 2.)
4
.550 [13.97]
Two-Piece Header
NA
198, 199
Two-Piece Receptacle**
NA
196**
Connector System
Connector System
.748 [19.00]
Stacking Shroud
NA
156 (Hood)
Inner Board Receptacle
NA
157
(See Note 2.)
(See Note 2.)
.768 [19.51]
Stacking Shroud
NA
161
Outer Board Receptacle
NA
158
(See Note 2.)
(See Note 2.)
Various
Stacking Unshrouded
112
113
Mod II/IV Receptacles,
Various
Various
Top/Bottom Entry
**High temperature version available, see page ref. listed.
Notes: 1. Headers listed are standard thru-hole versions. Many headers are available with retention feature and ACTION PIN posts. See product
Notes: 1. specification pages in individual sections for option availability.
Notes: 2. These headers and receptacles are Related Board-to-Board products. They are not part of the AMPMODU .025 [0.64] Square Product Family.
Board-to-Board
Stacking Heights
(By Receptacle/Header
Combination)
Figure 1
Double-Row, Mod IV,
Bottom Entry, Breakaway Header
Receptacle Assembly
.265
[6.73]
.090
[2.29]
Header
Figure 2
Double-Row, Mod IV,
Top Entry, Breakaway Header
*Mod II Receptacle Height
is .340 [8.64] for a total
stack height of .430 [10.92]
Receptacle Assembly
.265*
[6.73]
.090
[2.29]
Figure 3
Double-Row, Mod IV,
Surface-Mount, Top Entry,
Receptacle and Surface-Mount
Breakaway Header
Receptacle Assembly
.418
[10.62]
.153
[3.89]
Header
.265
[6.73]
Figure 4
Double-Row, Two-Piece
Receptacle and Two-Piece
Shrouded Header
*Mod II Shrouded Header Height
is .440 [11.18] for a total
stack height of .440 [11.18]
.550*
[13.97]
.355
[9.02]
Header


Similar Part No. - 87220-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
87220-4 MACOM-87220-4 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
87220-4 MACOM-87220-4 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
87220-4 MACOM-87220-4 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
87220-4 MACOM-87220-4 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
More results

Similar Description - 87220-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-146269-1 MACOM-5-146269-1 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-103169-3 MACOM-5-103169-3 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-146130-4 MACOM-5-146130-4 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
logo
MolexKits
76650-0230 MOLEXKITS-76650-0230 Datasheet
20Kb / 3P
   Receptacles, Vertical Headers
logo
Tyco Electronics
281838-4 MACOM-281838-4 Datasheet
598Kb / 1P
   100 AMPMODU Headers, Housing Contacts
826469-3 MACOM-826469-3 Datasheet
209Kb / 2P
   AMPMODU II / AMPMODU IV
logo
Ironwood Electronics.
CA-QFE32SA-M-N-T-01 IRONWOOD-CA-QFE32SA-M-N-T-01 Datasheet
166Kb / 1P
   Emulator Adaptor 32 position headers (0.100" centers) to 32 position receptacles.
logo
Tyco Electronics
5-146288-3 MACOM-5-146288-3 Datasheet
135Kb / 2P
   Breakaway and Retention Headers?봘nshrouded
logo
Mill-Max Mfg. Corp.
162 MILL-MAX-162 Datasheet
190Kb / 1P
   DUAL-IN-LINE HEADERS Shrink DIP Headers and Strips Solder Tail
logo
List of Unclassifed Man...
PK2-050B04 ETC2-PK2-050B04 Datasheet
1Mb / 12P
   Rugged and Sealed Plugs and Receptacles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com