Electronic Components Datasheet Search
Selected language     English  ▼


5-103944-4 Datasheet(PDF) 5 Page - Tyco Electronics

Part No. 5-103944-4
Description  AMPMODU MTE Interconnect System
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 5 page
background image
Product / Application Specification
Product Specification — 108-25034 (Standard Product)
108-25034-2 (Surface Mount Product)
Application Specification — 114-25026
Operating Temperature — -65 to +105°C
Current — 3 amps max. (single contact in free air)
APPliCATiOn TOOling
AMPMODU MTE Part Number
Tooling Part Number
Tooling Description
Instruction Sheet
All
Receptacle Assembly
Part Numbers
Listed Below
58074-1
Manual Pistol Grip
408-6790
58075-1
Pneumatic Pistol Grip
408-6789
58338-1
Bench Mounted Pneumatic Power
Assembly
408-9393
931800-1
IDC Electric Power Unit
409-5746
58336-1
MTE Modular Head
408-9359
856002-1
Tube Fed Ribbon Cable Machine
409-5832
Receptacle Assembly
Polarized and Latching
5-103961-9
Vertical Header
Polarized and Latching
5-103908-9
Receptacle Assembly
with Guide Ribs
5-103971-4
Double Row
Coupling Shroud
104500-2
Vertical Shrouded
Header Double Row
5-87587-6
Receptacle Assembly
with Guide Ribs
5-103971-4
Single Row
Coupling Shroud
103680-7
Right Angle Shrouded Header
Polarized and Latching
5-103634-9
High Pressure
Receptacle Assembly
5-104439-9
Breakaway Right Angle
Header Single Row
6-146306-0
Receptacle
Assemblies
Plain
5-103976-4
Right Angle
High Temperature
Header Shrouded
Polarized and Latching
5-104361-9
te.com/products/ampmodumte
AMPMODU MTE Interconnect System
TE Connectivity




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl