Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5257B Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MMSZ5257B
Description  5% TOLERANCE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMSZ5257B Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MMSZ5257B Datasheet HTML 1Page - Fairchild Semiconductor MMSZ5257B Datasheet HTML 2Page - Fairchild Semiconductor MMSZ5257B Datasheet HTML 3Page - Fairchild Semiconductor MMSZ5257B Datasheet HTML 4Page - Fairchild Semiconductor MMSZ5257B Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SOD123 Packaging
Configuration: Figure 1.0
Components
Leader Tape
500mm minimum
125 empty pockets
Trailer Tape
300mm minimum or
75 empty pockets
SOD123 Tape Leader and Trailer
Configuration: Figure 2.0
Cover Tape
Carrier Tape
Note/Comments
No marking
required
Packaging Option
SOD123 Packaging Information
Standard
(no flow code)
L99Z
D87Z
Packaging type
Reel Size
TNR
7" Dia
TNR
7" Dia
TNR
13"
Qty per Reel/Tube/Bag
3,000
3,000
10,000
Box Dimension (mm)
184x187x47
184x187x47
343x343x64
Max qty per Box
9,000
9,000
30,000
Weight per unit (gm)
0.01
0.01
0.01
Weight per Reel (kg)
0.123
0.123
F63TNR
Label
Customized Label
184mm x 187mm x 47mm
Pizza Box for Standard Option
F63TNR
Label
F63TNR Label
F63TNR Label sample
343mm x 342mm x 64mm
Intermediate box for D87Z Option
F63TNR
Label
0.420
Cathode
LOT: CBVK741B019
FSID: MMSZ5221B
D/C1: D9842
QTY1:
SPEC REV:
SPEC:
QTY: 3000
D/C2:
QTY2:
CPN:
N/F: F
(F63TNR)3
S
SOD123 Unit Orientation
tatic Dissipative
Embossed Carrier Tape
Antistatic Cover Tape
Packaging Description:
SOD123 parts are shipped in tape. The carrier tape is
made from a dissipative (carbon filled) polycarbonate
resin. The cover tape is a multilayer film (Heat Activated
Adhesive in nature) primarily composed of polyester film,
adhesive layer, sealant, and anti-static sprayed agent.
These reeled parts in standard option are shipped with
3,000 units per 7" or 177cm diameter reel. The reels are
dark blue in color and is made of polystyrene plastic (anti-
static coated). Other option comes in 10,000 units per 13"
or 330cm diameter reel. This and some other options are
described in the Packaging Information table.
These full reels are individually barcode labeled and
placed inside a pizza box (illustrated in figure 1.0) made of
recyclable corrugated brown paper with a Fairchild logo
printing. One pizza box contains three reels maximum.
And these pizza boxes are placed inside a barcode
labeled shipping box which comes in different sizes
depending on the number of parts shipped.
SOD-123 Tape and Reel Data and Package Dimensions
July 1999, Rev. A


Similar Part No. - MMSZ5257B

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
MMSZ5257B CHENDA-MMSZ5257B Datasheet
1,011Kb / 4P
   Surface mount zener diode
logo
Pan Jit International I...
MMSZ5257B PANJIT-MMSZ5257B Datasheet
82Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
MMSZ5257B DIOTEC-MMSZ5257B Datasheet
135Kb / 2P
   SMD Planar Zener Diodes
logo
Galaxy Semi-Conductor H...
MMSZ5257B BILIN-MMSZ5257B Datasheet
142Kb / 4P
   Surface mount zener diode
logo
Taiwan Semiconductor Co...
MMSZ5257B TSC-MMSZ5257B Datasheet
170Kb / 4P
   500mW, 5% Tolerance SMD Zener Diode
More results

Similar Description - MMSZ5257B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMSZ5226B FAIRCHILD-MMSZ5226B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5231B FAIRCHILD-MMSZ5231B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5232B FAIRCHILD-MMSZ5232B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5236B FAIRCHILD-MMSZ5236B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5239B FAIRCHILD-MMSZ5239B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5245B FAIRCHILD-MMSZ5245B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5228B FAIRCHILD-MMSZ5228B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5238B FAIRCHILD-MMSZ5238B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5240B FAIRCHILD-MMSZ5240B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5246B FAIRCHILD-MMSZ5246B Datasheet
158Kb / 5P
   5% TOLERANCE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com