Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ58CA Datasheet(PDF) 9 Page - Formosa MS

Part # SMCJ58CA
Description  SMD Transient Voltage Suppressor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SMCJ58CA Datasheet(HTML) 9 Page - Formosa MS

Back Button SMCJ58CA Datasheet HTML 2Page - Formosa MS SMCJ58CA Datasheet HTML 3Page - Formosa MS SMCJ58CA Datasheet HTML 4Page - Formosa MS SMCJ58CA Datasheet HTML 5Page - Formosa MS SMCJ58CA Datasheet HTML 6Page - Formosa MS SMCJ58CA Datasheet HTML 7Page - Formosa MS SMCJ58CA Datasheet HTML 8Page - Formosa MS SMCJ58CA Datasheet HTML 9Page - Formosa MS SMCJ58CA Datasheet HTML 10Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
0
'
(
3317
!3
)(
$3'
"2*"$'
7
'
"
&312318!817
3+ 7
 ,
-.
3
036317
38317
!3/'
"+'
",
01
38317
!3/12+12,
11
'
3+'
"7
12,+7,
1313
127

%18!8%17
3
-.
3
'
31'
"7
1'
"3$14&39
38317
!3+,
5
'
3+7,
1313
031538317
!3+ ,
00 10
'
3 '
7
6'
"0 17
!1(0315
38317
!3+7,
%18$ "%17
3
-
3
'
30 7
031538317
!3
-'
"!7
3

0




0
0










*
*
*
*
*
* 6 *
*
*
*
.
%3
(
 (
$3'
"2
13.13

)7
1233"&'
"3"7
938317
!370 31 8!'
$'
7
9700:;0:

%3
(
 (
$3'
"2!
13!"7$3&'
3


*
*
)!2237
3$7
631(8
'
(
3
(
$3'
"2833
*
'
7
'
1(<"3
7
0
=
>?@=
BCDEF
B
HI@JHDKLDM
NOPRSTUVW
XUYZ[\
Y
T]XN^__SXVV[S
`BKaBMEIH
Page 9
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121837
2010/06/10
2012/11/21
F
10
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141


Similar Part No. - SMCJ58CA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SMCJ58CA FAIRCHILD-SMCJ58CA Datasheet
127Kb / 5P
   DEVICES FOR BIPOLAR APPLICATIONS
logo
GUANGDONG HOTTECH INDUS...
SMCJ58CA HOTTECH-SMCJ58CA Datasheet
541Kb / 3P
   Transient Voltage Suppressors
logo
MDE Semiconductor, Inc.
SMCJ58CA MDE-SMCJ58CA Datasheet
86Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SHIKUES Electronics
SMCJ58CA SKTECHNOLGY-SMCJ58CA Datasheet
1Mb / 4P
   Rating to 200C VBR
logo
Ruilongyuan Electronics...
SMCJ58CA RUILON-SMCJ58CA Datasheet
933Kb / 7P
   Transient Voltage Suppressors
More results

Similar Description - SMCJ58CA

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com