Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-87220-0 Datasheet(PDF) 11 Page - Tyco Electronics

Part # 3-87220-0
Description  AMPMODU Headers and Receptacles
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-87220-0 Datasheet(HTML) 11 Page - Tyco Electronics

Back Button 3-87220-0 Datasheet HTML 7Page - Tyco Electronics 3-87220-0 Datasheet HTML 8Page - Tyco Electronics 3-87220-0 Datasheet HTML 9Page - Tyco Electronics 3-87220-0 Datasheet HTML 10Page - Tyco Electronics 3-87220-0 Datasheet HTML 11Page - Tyco Electronics 3-87220-0 Datasheet HTML 12Page - Tyco Electronics 3-87220-0 Datasheet HTML 13Page - Tyco Electronics 3-87220-0 Datasheet HTML 14Page - Tyco Electronics 3-87220-0 Datasheet HTML 15Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 96 page
background image
95
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Standard Headers—Unshrouded, Single Row, .100 [2.54] Centerline (Continued)
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
No. of
Dimensions
Post Plating/Part Nos.
Pos.
A
B
Plating A
Plating B
21
2.084 [52.93]
2.000 [50.80]
2-87232-1
2-87233-1
22
2.184 [55.47]
2.100 [53.34]
2-87232-2
2-87233-2
23
2.284 [58.01]
2.200 [55.88]
2-87232-3
2-87233-3
24
2.384 [60.55
2.300 [58.42]
2-87232-4
2-87233-4
25
2.484 [63.09]
2.400 [60.96]
2-87232-5
2-87233-5
26
2.584 [65.63]
2.500 [63.50]
2-87232-6
2-87233-6
27
2.684 [68.17]
2.600 [66.04]
2-87232-7
2-87233-7
28
2.784 [70.71]
2.700 [68.58]
2-87232-8
2-87233-8
29
2.884 [73.25]
2.800 [71.12]
2-87232-9
2-87233-9
30
2.984 [75.79]
2.900 [73.66]
3-87232-0
3-87233-0
31
3.084 [78.33]
3.000 [76.20]
3-87232-1
3-87233-1
32
3.184 [80.87]
3.100 [78.74]
3-87232-2
3-87233-2
33
3.284 [83.41]
3.200 [81.28]
3-87232-3
3-87233-3
34
3.385 [85.95]
3.300 [83.82]
3-87232-4
3-87233-4
35
3.484 [88.49]
3.400 [86.36]
3-87232-5
3-87233-5
36
3.584 [91.03]
3.500 [88.90]
3-87232-6
3-87233-6
37
3.684 [93.57]
3.600 [91.44]
3-87232-7
3-87233-7
38
3.784 [96.11]
3.700 [93.98]
3-87232-8
3-87233-8
39
3.884 [98.65]
3.800 [96.52]
3-87232-9
3-87233-9
40
3.984 [101.19]
3.900 [99.06]
4-87232-0
4-87233-0


Similar Part No. - 3-87220-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-87220-0 MACOM-3-87220-0 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
3-87220-0 MACOM-3-87220-0 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
3-87220-0 MACOM-3-87220-0 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
3-87220-0 MACOM-3-87220-0 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
More results

Similar Description - 3-87220-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-146269-1 MACOM-5-146269-1 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-103169-3 MACOM-5-103169-3 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-146130-4 MACOM-5-146130-4 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
logo
MolexKits
76650-0230 MOLEXKITS-76650-0230 Datasheet
20Kb / 3P
   Receptacles, Vertical Headers
logo
Tyco Electronics
281838-4 MACOM-281838-4 Datasheet
598Kb / 1P
   100 AMPMODU Headers, Housing Contacts
826469-3 MACOM-826469-3 Datasheet
209Kb / 2P
   AMPMODU II / AMPMODU IV
logo
Ironwood Electronics.
CA-QFE32SA-M-N-T-01 IRONWOOD-CA-QFE32SA-M-N-T-01 Datasheet
166Kb / 1P
   Emulator Adaptor 32 position headers (0.100" centers) to 32 position receptacles.
logo
Tyco Electronics
5-146288-3 MACOM-5-146288-3 Datasheet
135Kb / 2P
   Breakaway and Retention Headers?봘nshrouded
logo
Mill-Max Mfg. Corp.
162 MILL-MAX-162 Datasheet
190Kb / 1P
   DUAL-IN-LINE HEADERS Shrink DIP Headers and Strips Solder Tail
logo
List of Unclassifed Man...
PK2-050B04 ETC2-PK2-050B04 Datasheet
1Mb / 12P
   Rugged and Sealed Plugs and Receptacles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com