Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA5577 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATA5577
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
Download  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5577 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATA5577 Datasheet HTML 6Page - ATMEL Corporation ATA5577 Datasheet HTML 7Page - ATMEL Corporation ATA5577 Datasheet HTML 8Page - ATMEL Corporation ATA5577 Datasheet HTML 9Page - ATMEL Corporation ATA5577 Datasheet HTML 10Page - ATMEL Corporation ATA5577 Datasheet HTML 11Page - ATMEL Corporation ATA5577 Datasheet HTML 12Page - ATMEL Corporation ATA5577 Datasheet HTML 13Page - ATMEL Corporation ATA5577 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 294 page
background image
10
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
The device is manufactured using Atmel®’s high- density non-volatile memory technology. The
on-chip ISP Flash allows the program memory to be re-programmed In-system through via an
SPI serial interface, by a conventional non-volatile memory programmer or by an on-chip boot
code running on the Atmel AVR® core. The boot program can use any interface to download
the application program in the Flash memory. By combining an 8-bit RISC CPU with In-system
self-programmable Flash on a monolithic chip, the Atmel ATA5505 is a powerful microcon-
troller that provides a highly flexible and cost- effective solution to many embedded control
applications.
The embedded microcontroller is supported with a full suite of program and system develop-
ment tools including: C compilers, macro assemblers, program debuggers/simulators,
in-circuit emulators, and evaluation kits.
1.6
Resources
A comprehensive set of development tools, application notes and datasheets are available for
download at http://www.atmel.com/avr.
1.7
About Code Examples
This documentation contains simple code examples that briefly show how to use various parts
of the device. These code examples assume that the part-specific header file is included
before compilation. Be aware that not all C compiler vendors include bit definitions in the
header files and interrupt handling in C is compiler-dependent. Please consult the C compiler
documentation for more details.


Similar Part No. - ATA5577

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5577 ATMEL-ATA5577 Datasheet
204Kb / 8P
   Read/Write LF RFID IDIC 100 to 150 kHz
ATA5577 ATMEL-ATA5577 Datasheet
209Kb / 8P
   Contactless Power Supply Contactless Read/Write Data Transmission
ATA5577C ATMEL-ATA5577C Datasheet
1Mb / 47P
   Read/Write LF RFID IDIC 100 to 150kHz
ATA5577C ATMEL-ATA5577C_14 Datasheet
1Mb / 47P
   Read/Write LF RFID IDIC 100 to 150kHz
ATA5577M1330C-PPMY ATMEL-ATA5577M1330C-PPMY_14 Datasheet
292Kb / 8P
   Read/Write LF RFID IDIC Transponder 125KHz
More results

Similar Description - ATA5577

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48 ATMEL-ATMEGA48_11 Datasheet
8Mb / 377P
   High performance, low power Atmel AVR 8-bit microcontroller Advanced RISC architecture
ATMEGA8 ATMEL-ATMEGA8_13 Datasheet
6Mb / 331P
   High-performance, Low-power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
ATTINY15L ATMEL-ATTINY15L_07 Datasheet
1Mb / 85P
   High-performance, Low-power AVR 8-bit Microcontroller Advanced RISC Architecture
ATMEGA16U4 ATMEL-ATMEGA16U4_10 Datasheet
694Kb / 26P
   High Performance, Low Power AVR 8-Bit Microcontroller Advanced RISC Architecture
AT32UC3A0512 ATMEL-AT32UC3A0512_14 Datasheet
1Mb / 98P
   High Performance, Low Power 32-Bit Atmel AVR Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_14 Datasheet
1Mb / 94P
   High Performance, Low Power 32-bit Atmel AVR Microcontroller
AT32UC3B0512 ATMEL-AT32UC3B0512_14 Datasheet
1Mb / 107P
   High Performance, Low Power 32-Bit Atmel AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_14 Datasheet
1Mb / 113P
   High-performance, Low-power 32-bit Atmel AVR Microcontroller
ATMEGA103 ATMEL-ATMEGA103_14 Datasheet
2Mb / 4P
   AVR ??High-performance and Low-power RISC Architecture
AT90LS2343 ATMEL-AT90LS2343_14 Datasheet
1Mb / 64P
   AVR ??High-performance and Low-power RISC Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com