Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T5561 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # T5561
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
Download  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T5561 Datasheet(HTML) 2 Page - ATMEL Corporation

  T5561 Datasheet HTML 1Page - ATMEL Corporation T5561 Datasheet HTML 2Page - ATMEL Corporation T5561 Datasheet HTML 3Page - ATMEL Corporation T5561 Datasheet HTML 4Page - ATMEL Corporation T5561 Datasheet HTML 5Page - ATMEL Corporation T5561 Datasheet HTML 6Page - ATMEL Corporation T5561 Datasheet HTML 7Page - ATMEL Corporation T5561 Datasheet HTML 8Page - ATMEL Corporation T5561 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 294 page
background image
2
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
Special Microcontroller Features
– Dynamic Clock Switching (External/Internal RC/Watchdog Clock) for Power Control, EMC Reduction
– DebugWIRE On-chip Debug (OCD) System
– Hardware In-System Programmable (ISP) via SPI Port
– External and Internal Interrupt Sources
– Interrupt and Wake-up on Pin Change
– Low Power Idle, ADC Noise Reduction, and Power-down Modes
– Enhanced Power-on Reset Circuit
– Programmable Brown-out Detection Circuit
– Internal Calibrated RC Oscillator 8MHz
– 4-16 MHz and 32 KHz Crystal/Ceramic Resonator Oscillators
Operating Voltage:
– 7 to 16V
– 4.5 to 5.5V Internal Voltage Regulator available for Digital and Logic
Operating Temperature: –40°C to +85°C
Applications
Access Control Units
Animal Identification
Component Authetication
Brand Protection
Automation
Industrial
Waste Management
Process Control


Similar Part No. - T5561

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T55 VISHAY-T55 Datasheet
585Kb / 22P
   vPolyTanTM Polymer Surface Mount Chip Capacitors,
Revision: 02-Nov-16
T55 VISHAY-T55 Datasheet
706Kb / 27P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance Type
01-Jan-2023
logo
Systemsensor advanced i...
T55-127-000 SYSTEMSENSOR-T55-127-000 Datasheet
198Kb / 2P
   200 Series Intelligent Low-Profile Plug-In Detectors
logo
Intel Corporation
T5500 INTEL-T5500 Datasheet
1Mb / 91P
   Intel Core2 Duo Mobile Processor for Intel Centrino Duo Mobile Processor Technology
logo
Kemet Corporation
T550B107K006AH4251 KEMET-T550B107K006AH4251 Datasheet
1Mb / 12P
   Includes F-Tech anode which eliminates hidden defects
More results

Similar Description - T5561

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48 ATMEL-ATMEGA48_11 Datasheet
8Mb / 377P
   High performance, low power Atmel AVR 8-bit microcontroller Advanced RISC architecture
ATMEGA8 ATMEL-ATMEGA8_13 Datasheet
6Mb / 331P
   High-performance, Low-power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
ATTINY15L ATMEL-ATTINY15L_07 Datasheet
1Mb / 85P
   High-performance, Low-power AVR 8-bit Microcontroller Advanced RISC Architecture
ATMEGA16U4 ATMEL-ATMEGA16U4_10 Datasheet
694Kb / 26P
   High Performance, Low Power AVR 8-Bit Microcontroller Advanced RISC Architecture
AT32UC3A0512 ATMEL-AT32UC3A0512_14 Datasheet
1Mb / 98P
   High Performance, Low Power 32-Bit Atmel AVR Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_14 Datasheet
1Mb / 94P
   High Performance, Low Power 32-bit Atmel AVR Microcontroller
AT32UC3B0512 ATMEL-AT32UC3B0512_14 Datasheet
1Mb / 107P
   High Performance, Low Power 32-Bit Atmel AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_14 Datasheet
1Mb / 113P
   High-performance, Low-power 32-bit Atmel AVR Microcontroller
ATMEGA103 ATMEL-ATMEGA103_14 Datasheet
2Mb / 4P
   AVR ??High-performance and Low-power RISC Architecture
AT90LS2343 ATMEL-AT90LS2343_14 Datasheet
1Mb / 64P
   AVR ??High-performance and Low-power RISC Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com