Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK5551 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # TK5551
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
Download  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TK5551 Datasheet(HTML) 5 Page - ATMEL Corporation

  TK5551 Datasheet HTML 1Page - ATMEL Corporation TK5551 Datasheet HTML 2Page - ATMEL Corporation TK5551 Datasheet HTML 3Page - ATMEL Corporation TK5551 Datasheet HTML 4Page - ATMEL Corporation TK5551 Datasheet HTML 5Page - ATMEL Corporation TK5551 Datasheet HTML 6Page - ATMEL Corporation TK5551 Datasheet HTML 7Page - ATMEL Corporation TK5551 Datasheet HTML 8Page - ATMEL Corporation TK5551 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 294 page
background image
5
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
Figure 1-3.
Block Diagram
Figure 1-4 shows the front end in more detail. The circuit block depicted consists of the
receiver, an internal oscillator and driver for the coil, and a power supply unit.
Figure 1-4.
Reader Front End Block Diagram
Control (0 to 3)
PB (0 to 7)
DGND
Input
COIL2
COIL1
Flash
Power / Reset
Reader Frontend
AVR CPU
LIN / UART
EEPROM
Watchdog
Atmel ATA5505
SRAM
Timer
SPI
A/D
converter
Port B
Port A
AVCC
V
CC
GND
AGND
Input
PA (0 to 7)
Power supply
DV
S
V
EXT
Frequency
adjustment
&
&
Schmitt trigger
Frontend
Standby
MS
CFE
OE
Output
RF
Control (0 to 3)
DGND
Input
COIL2
COIL1
Oscillator
= 1
Lowpass filter
HIPASS
V
S
V
Batt
Driver


Similar Part No. - TK5551

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TK5551 ATMEL-TK5551 Datasheet
241Kb / 10P
   STANDARD READ /WRITE ID TRANSPONDER WITH ANTI COLLISION
TK5551 ATMEL-TK5551 Datasheet
246Kb / 12P
   Standard Read/Write ID Transponder with Anti-collision
TK5551M-PP ATMEL-TK5551M-PP Datasheet
246Kb / 12P
   Standard Read/Write ID Transponder with Anti-collision
TK5551 ATMEL-TK5551_06 Datasheet
246Kb / 12P
   Standard Read/Write ID Transponder with Anti-collision
More results

Similar Description - TK5551

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48 ATMEL-ATMEGA48_11 Datasheet
8Mb / 377P
   High performance, low power Atmel AVR 8-bit microcontroller Advanced RISC architecture
ATMEGA8 ATMEL-ATMEGA8_13 Datasheet
6Mb / 331P
   High-performance, Low-power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
ATTINY15L ATMEL-ATTINY15L_07 Datasheet
1Mb / 85P
   High-performance, Low-power AVR 8-bit Microcontroller Advanced RISC Architecture
ATMEGA16U4 ATMEL-ATMEGA16U4_10 Datasheet
694Kb / 26P
   High Performance, Low Power AVR 8-Bit Microcontroller Advanced RISC Architecture
AT32UC3A0512 ATMEL-AT32UC3A0512_14 Datasheet
1Mb / 98P
   High Performance, Low Power 32-Bit Atmel AVR Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_14 Datasheet
1Mb / 94P
   High Performance, Low Power 32-bit Atmel AVR Microcontroller
AT32UC3B0512 ATMEL-AT32UC3B0512_14 Datasheet
1Mb / 107P
   High Performance, Low Power 32-Bit Atmel AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_14 Datasheet
1Mb / 113P
   High-performance, Low-power 32-bit Atmel AVR Microcontroller
ATMEGA103 ATMEL-ATMEGA103_14 Datasheet
2Mb / 4P
   AVR ??High-performance and Low-power RISC Architecture
AT90LS2343 ATMEL-AT90LS2343_14 Datasheet
1Mb / 64P
   AVR ??High-performance and Low-power RISC Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com