Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6-103978-1 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 6-103978-1
Description  Wire-to-Board, .100 [2.54] Centerline Products
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6-103978-1 Datasheet(HTML) 4 Page - Tyco Electronics

  6-103978-1 Datasheet HTML 1Page - Tyco Electronics 6-103978-1 Datasheet HTML 2Page - Tyco Electronics 6-103978-1 Datasheet HTML 3Page - Tyco Electronics 6-103978-1 Datasheet HTML 4Page - Tyco Electronics 6-103978-1 Datasheet HTML 5Page - Tyco Electronics 6-103978-1 Datasheet HTML 6Page - Tyco Electronics 6-103978-1 Datasheet HTML 7Page - Tyco Electronics 6-103978-1 Datasheet HTML 8Page - Tyco Electronics 6-103978-1 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
226
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
MTE Interconnection System (Continued)
AMPMODU Interconnection System
5
Receptacle Assemblies
with Guide Ribs
(See pages 232 & 233)
Receptacle Assemblies
Polarized/Latching
(See pages 230 & 231)
Double-Row Coupling
Shroud (See page 241)
AMPMODU Shrouded
Headers, Double-Row,
Straight or Right Angle
Post1 (See pages
119-121, 124, 125, 127,
128, 131-133 & 149)
Receptacle Assemblies
with Guide Ribs
(See pages 232 & 233)
Receptacle Contact,
Insulation Displacement
(Used in all
Receptacle Assemblies)
AMPMODU Breakaway Headers,
Single- or Double-Row, Straight
or Right–Angle Post, with or
without Board Retention Feature
(See pages 102-105)
Receptacle Assemblies Plain
(See pages 228 and 229)
High Pressure Receptacle Assemblies,
Plain (See page 234)
Receptacle
Assemblies,
Polarized/Latching (See
pages 230 & 231)
High-Temp Headers,
Polarized/Latching, Straight
and Right Angle Post,
with or without Holddown
(See pages 249 & 250)
2
Headers,
Polarized/Latching,
Straight Post, with or
without Swaged Tail
(See pages 244 & 245)
2
Headers,
Polarized/Latching,
Right Angle Post, with
or without Holddown
(See pages 246 & 247)
1
Mating AMPMODU Double-Row Shrouded Header Assemblies must have .318 [8.08] mating post length and .150 [3.81] dimension from centerline of last
1
post to inside of end shroud wall.
2
Surface Mount Right-Angle and Vertical Headers are also available (see pages 251 and 252)
Wire-to-Board
Single-Row Coupling
Shroud (See page 240)


Similar Part No. - 6-103978-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6-103970-0 MACOM-6-103970-0 Datasheet
162Kb / 1P
   RCPT ASSY, AMPMODU MTE, SINGLE ROW, 100 CL WITH GUIDE RIBS
6-103970-1 MACOM-6-103970-1 Datasheet
162Kb / 1P
   RCPT ASSY, AMPMODU MTE, SINGLE ROW, 100 CL WITH GUIDE RIBS
6-103974-0 MACOM-6-103974-0 Datasheet
154Kb / 1P
   RCPT ASSY, AMPMODU MTE, SINGLE ROW, .100 CL, FOR 22-26 AWG WIRE SIZE, STRIP FORM
6-103974-1 MACOM-6-103974-1 Datasheet
154Kb / 1P
   RCPT ASSY, AMPMODU MTE, SINGLE ROW, .100 CL, FOR 22-26 AWG WIRE SIZE, STRIP FORM
6-103975-0 MACOM-6-103975-0 Datasheet
147Kb / 1P
   ASSY, AMPMODU MTE, RECEPTACLE, SINGLE ROW, .100 C/L, FOR NO 22-NO 26 AWG WIRE SIZE, STRIP FORM
More results

Similar Description - 6-103978-1

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
PH1-40-UA ADAM-TECH-PH1-40-UA Datasheet
731Kb / 4P
   .100 2.54 CENTERLINE
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
MSA ADAM-TECH-MSA Datasheet
154Kb / 1P
   .100 MINI SHUNTS .100 [2.54] CENTERLINE
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
PH2-10-SGA ADAM-TECH-PH2-10-SGA Datasheet
623Kb / 5P
   100 2.54 CENTERLINE PH SERIES
FCE-20-SG ADAM-TECH-FCE-20-SG Datasheet
109Kb / 1P
   .100 IDC CARD EDGE .100 [2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com