Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL16C754BFN Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C754BFN
Description  QUAD UART WITH 64-BYTE FIFO
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16C754BFN Datasheet(HTML) 9 Page - Texas Instruments

Back Button TL16C754BFN Datasheet HTML 5Page - Texas Instruments TL16C754BFN Datasheet HTML 6Page - Texas Instruments TL16C754BFN Datasheet HTML 7Page - Texas Instruments TL16C754BFN Datasheet HTML 8Page - Texas Instruments TL16C754BFN Datasheet HTML 9Page - Texas Instruments TL16C754BFN Datasheet HTML 10Page - Texas Instruments TL16C754BFN Datasheet HTML 11Page - Texas Instruments TL16C754BFN Datasheet HTML 12Page - Texas Instruments TL16C754BFN Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
TL16C754B
QUAD UART WITH 64BYTE FIFO
SLLS397A − NOVEMBER 1999 − REVISED JUNE 2004
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional description (continued)
The transmission of Xoff/Xon(s) follows the exact same protocol as transmission of an ordinary byte from the
FIFO. This means that even if the word length is set to be 5, 6, or 7 characters then the 5, 6, or 7 least significant
bits of Xoff1,2/Xon1,2 will be transmitted. The transmission of 5, 6, or 7 bits of a character is seldom done, but
this functionality is included to maintain compatibility with earlier designs.
It is assumed that software flow control and hardware flow control will never be enabled simultaneously. Figure 4
shows a software flow control example.
UART 1
Parallel to Serial
Serial to Parallel
Xon-1 Word
Xon-2 Word
Xoff-1 Word
Xoff-1 Word
Transmit
FIFO
Serial to Parallel
Parallel to Serial
Xon-1 Word
Xon-2 Word
Xoff-1 Word
Xoff-2 Word
Receive
FIFO
Data
Xoff − Xon − Xoff
Compare
Programmed
Xon−Xoff
Characters
UART 2
Figure 4. Software Flow Control Example
software flow control example
Assumptions: UART1 is transmitting a large text file to UART2. Both UARTs are using software flow control with
single character Xoff (0F) and Xon (0D) tokens. Both have Xoff threshold (TCR [3:0]=F) set to 60 and Xon
threshold (TCR[7:4]=8) set to 32. Both have the interrupt receive threshold (TLR[7:4]=D) set to 52.
UART1 begins transmission and sends 52 characters, at which point UART2 will generate an interrupt to its
processor to service the RCV FIFO, but assume the interrupt latency is fairly long. UART1 will continue sending
characters until a total of 60 characters have been sent. At this time UART2 will transmit a 0F to UART1,
informing UART1 to halt transmission. UART1 will likely send the 61st character while UART2 is sending the
Xoff character. Now UART2 is serviced and the processor reads enough data out of the RCV FIFO that the level
drops to 32. UART2 will now send a 0D to UART1, informing UART1 to resume transmission.


Similar Part No. - TL16C754BFN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C754BFN TI-TL16C754BFN Datasheet
466Kb / 37P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
More results

Similar Description - TL16C754BFN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C754B TI-TL16C754B Datasheet
466Kb / 37P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
TL16C752D-Q1 TI1-TL16C752D-Q1 Datasheet
907Kb / 53P
[Old version datasheet]   Dual UART With 64-Byte FIFO
logo
Exar Corporation
ST16C654IJ68-F EXAR-ST16C654IJ68-F Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C752 PHILIPS-SC16C752 Datasheet
604Kb / 47P
   Dual UART with 64-byte FIFO
Rev. 04-20 June 2003
logo
Exar Corporation
XR16M654DIV-0B EXAR-XR16M654DIV-0B Datasheet
1Mb / 58P
   1.62V TO 3.63V QUAD UART WITH 64-BYTE FIFO
XR16M654 EXAR-XR16M654 Datasheet
1Mb / 58P
   1.62V TO 3.63V QUAD UART WITH 64-BYTE FIFO
XR16V654_0709 EXAR-XR16V654_0709 Datasheet
1Mb / 58P
   2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
XR16V654 EXAR-XR16V654 Datasheet
1Mb / 58P
   2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com