Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCINT10 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # PCINT10
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
Download  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCINT10 Datasheet(HTML) 1 Page - ATMEL Corporation

  PCINT10 Datasheet HTML 1Page - ATMEL Corporation PCINT10 Datasheet HTML 2Page - ATMEL Corporation PCINT10 Datasheet HTML 3Page - ATMEL Corporation PCINT10 Datasheet HTML 4Page - ATMEL Corporation PCINT10 Datasheet HTML 5Page - ATMEL Corporation PCINT10 Datasheet HTML 6Page - ATMEL Corporation PCINT10 Datasheet HTML 7Page - ATMEL Corporation PCINT10 Datasheet HTML 8Page - ATMEL Corporation PCINT10 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 294 page
background image
Features
High Performance, Low Power Atmel AVR 8-bit Microcontroller
Advanced RISC Architecture
– 123 Powerful Instructions - Most Single Clock Cycle Execution
– 32 x 8 General Purpose Working Registers
– Fully Static Operation
Non-volatile Program and Data Memories
– 16Kbyte of In-system Programmable (ISP) Program Memory Flash
• Endurance: 10,000 Write/Erase Cycles
– 512Bytes In-system Programmable EEPROM
• Endurance: 100,000 Write/Erase Cycles
– 512Bytes Internal SRAM
– Programming Lock for Self-programming Flash Program and EEPROM Data
Security
– Low Size LIN/UART Software In-system Programmable
Peripheral Features
– LF-RFID Reader/Writer Front End
• Carrier Frequency f
OSC = 100kHz to 150kHz
• Typical Data Rate up to 5Kbaud at 125kHz
• Suitable for Manchester anf Biphase Modulation
• Does not Require an External Crystal
• Power Supply from the Car Battery or from 5V Regulated Voltage
• Optimized for Car Immobilizer Applications
• Tuning Capability
– LIN 2.1 and 1.3 Controller or 8-bit UART
– 8-bit Asynchronous Timer/Counter 0:
• 10-bit Clock Prescaler
• 1 Output Compare or 8-bit PWM Channel
– 16-bit Synchronous Timer/Counter 1:
• 10-bit Clock Prescaler
• External Event Counter
• 2 Output Compares Units or 16-bit PWM Channels each Driving up to 4 Output
Pins
– Master/Slave SPI Serial Interface
– Universal Serial Interface (USI) with Start Condition Detector (Master/Slave SPI,
TWI, ...)
– 10-bit ADC:
• 11 Single-ended Channels
• 8 Differential ADC Channel Pairs with Programmable Gain (8x or 20x)
– On-chip Analog Comparator with Selectable Voltage Reference
– 100µA ±10% Current Source (LIN Node Identification)
– On-chip Temperature Sensor
– Programmable Watchdog Timer with Separate On-chip Oscillator
125kHz LF
Reader/Writer
with Integrated
Atmel AVR
Microcontroller
Atmel ATA5505
Preliminary
9219A–RFID–01/11


Similar Part No. - PCINT10

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PCI MACOM-PCI Datasheet
188Kb / 2P
   Slim 2 Form A Miniature PC Board Relay
logo
VIGO Photonics S.A.
PCI VIGO-PCI Datasheet
695Kb / 2P
   1.0 – 12.0 μm HgCdTe ambient temperature, optically immersed photoconductive detectors
08/11/2020
PCI-10.6 VIGO-PCI-10.6 Datasheet
695Kb / 2P
   1.0 – 12.0 μm HgCdTe ambient temperature, optically immersed photoconductive detectors
08/11/2020
logo
Advantech Co., Ltd.
PCI-1202U ADVANTECH-PCI-1202U Datasheet
536Kb / 1P
   2-port AMONet RS-485 PCI Master Card
PCI-1202U ADVANTECH-PCI-1202U Datasheet
405Kb / 1P
   2-port AMONet RS-485 PCI Master Card
27-Jul-2016
More results

Similar Description - PCINT10

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48 ATMEL-ATMEGA48_11 Datasheet
8Mb / 377P
   High performance, low power Atmel AVR 8-bit microcontroller Advanced RISC architecture
ATMEGA8 ATMEL-ATMEGA8_13 Datasheet
6Mb / 331P
   High-performance, Low-power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
ATTINY15L ATMEL-ATTINY15L_07 Datasheet
1Mb / 85P
   High-performance, Low-power AVR 8-bit Microcontroller Advanced RISC Architecture
ATMEGA16U4 ATMEL-ATMEGA16U4_10 Datasheet
694Kb / 26P
   High Performance, Low Power AVR 8-Bit Microcontroller Advanced RISC Architecture
AT32UC3A0512 ATMEL-AT32UC3A0512_14 Datasheet
1Mb / 98P
   High Performance, Low Power 32-Bit Atmel AVR Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_14 Datasheet
1Mb / 94P
   High Performance, Low Power 32-bit Atmel AVR Microcontroller
AT32UC3B0512 ATMEL-AT32UC3B0512_14 Datasheet
1Mb / 107P
   High Performance, Low Power 32-Bit Atmel AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_14 Datasheet
1Mb / 113P
   High-performance, Low-power 32-bit Atmel AVR Microcontroller
ATMEGA103 ATMEL-ATMEGA103_14 Datasheet
2Mb / 4P
   AVR ??High-performance and Low-power RISC Architecture
AT90LS2343 ATMEL-AT90LS2343_14 Datasheet
1Mb / 64P
   AVR ??High-performance and Low-power RISC Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com