Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OC1BI Datasheet(PDF) 8 Page - ATMEL Corporation

Part # OC1BI
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
Download  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

OC1BI Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button OC1BI Datasheet HTML 4Page - ATMEL Corporation OC1BI Datasheet HTML 5Page - ATMEL Corporation OC1BI Datasheet HTML 6Page - ATMEL Corporation OC1BI Datasheet HTML 7Page - ATMEL Corporation OC1BI Datasheet HTML 8Page - ATMEL Corporation OC1BI Datasheet HTML 9Page - ATMEL Corporation OC1BI Datasheet HTML 10Page - ATMEL Corporation OC1BI Datasheet HTML 11Page - ATMEL Corporation OC1BI Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 294 page
background image
8
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
28
PB0
PCINT8
OC1AU
DI
SDA
GPIO Port B – Pin 0
PCINT8 (Pin Change Interrupt 8)
OC1AU (Output Compare and PWM Output A-U for Timer/Counter 1)
DI (Three-wire Mode USI Default Data Input)
SDA (Two-wire Mode USI Default Data Input / Output)
29
PA0
PCINT0
ADC0
RXD
RXLIN
GPIO Port A – Pin 0
PCINT0 (Pin Change Interrupt 0)
ADC0 (ADC Input Channel 0)
RXD (UART Receive Pin)
RXLIN (LIN Receive Pin)
30
PA1
PCINT1
ADC1
TXD
TXLIN
GPIO Port A – Pin 1
PCINT1 (Pin Change Interrupt 1)
ADC1 (ADC Input Channel 1)
TXD (UART Transmit Pin)
TXLIN (LIN Transmit Pin)
31
GND
Ground
32
GND
Ground
33
GND
Ground
34
PA2
PCINT2
ADC2
OCA0A
DO
MISO
GPIO Port A – Pin 2
PCINT2 (Pin Change Interrupt 2)
ADC2 (ADC Input Channel 2)
OC0A (Output Compare and PWM Output A for Timer/Counter 0)
DO (Three-wire Mode USI Alternate Data Output)
MISO (SPI Master Input/Slave Output)
35
PA3
PCINT3
ADC3
ISRC
INT1
GPIO Port A – Pin 3
PCINT3 (Pin Change Interrupt 3)
ADC3 (ADC Input Channel 3)
ISRC (Current Source Pin)
INT1 (External Interrupt1 Input)
36
AVCC
Analog Supply Voltage
37
AGND
Analog Ground
38
PA4
PCINT4
ADC4
ICP1
DI
SDA
MOSI
GPIO Port A – Pin 4
PCINT4 (Pin Change Interrupt 4)
ADC4 (ADC Input Channel 4)
ICP1 (Timer/Counter 1 Input Capture Trigger)
DI (Three-wire Mode USI Alternate Data Input)
SDA (Two-wire Mode USI Alternate Data Input/Output)
MOSI (SPI Master Output/Slave Input)
Table 1-1.
Pin Description
Pin
Symbol
Function


Similar Part No. - OC1BI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OC100 ETC-OC100 Datasheet
157Kb / 2P
   Opto Coupler
logo
Voltage Multipliers Inc...
OC100 VMI-OC100 Datasheet
122Kb / 2P
   Opto Coupler
logo
Lumins Inc.
OC100 LUMINIS-OC100 Datasheet
186Kb / 4P
   Ceiling mount
logo
Voltage Multipliers Inc...
OC100 VMI-OC100 Datasheet
170Kb / 2P
   Optocoupler ??Axial Leaded ??Epoxy Molded
logo
NXP Semiconductors
OC1005 NXP-OC1005 Datasheet
88Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-10 December 2007
More results

Similar Description - OC1BI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48 ATMEL-ATMEGA48_11 Datasheet
8Mb / 377P
   High performance, low power Atmel AVR 8-bit microcontroller Advanced RISC architecture
ATMEGA8 ATMEL-ATMEGA8_13 Datasheet
6Mb / 331P
   High-performance, Low-power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
ATTINY15L ATMEL-ATTINY15L_07 Datasheet
1Mb / 85P
   High-performance, Low-power AVR 8-bit Microcontroller Advanced RISC Architecture
ATMEGA16U4 ATMEL-ATMEGA16U4_10 Datasheet
694Kb / 26P
   High Performance, Low Power AVR 8-Bit Microcontroller Advanced RISC Architecture
AT32UC3A0512 ATMEL-AT32UC3A0512_14 Datasheet
1Mb / 98P
   High Performance, Low Power 32-Bit Atmel AVR Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_14 Datasheet
1Mb / 94P
   High Performance, Low Power 32-bit Atmel AVR Microcontroller
AT32UC3B0512 ATMEL-AT32UC3B0512_14 Datasheet
1Mb / 107P
   High Performance, Low Power 32-Bit Atmel AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_14 Datasheet
1Mb / 113P
   High-performance, Low-power 32-bit Atmel AVR Microcontroller
ATMEGA103 ATMEL-ATMEGA103_14 Datasheet
2Mb / 4P
   AVR ??High-performance and Low-power RISC Architecture
AT90LS2343 ATMEL-AT90LS2343_14 Datasheet
1Mb / 64P
   AVR ??High-performance and Low-power RISC Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com