Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC212-M Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MOC212-M
Description  SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC212-M Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MOC212-M Datasheet HTML 1Page - Fairchild Semiconductor MOC212-M Datasheet HTML 2Page - Fairchild Semiconductor MOC212-M Datasheet HTML 3Page - Fairchild Semiconductor MOC212-M Datasheet HTML 4Page - Fairchild Semiconductor MOC212-M Datasheet HTML 5Page - Fairchild Semiconductor MOC212-M Datasheet HTML 6Page - Fairchild Semiconductor MOC212-M Datasheet HTML 7Page - Fairchild Semiconductor MOC212-M Datasheet HTML 8Page - Fairchild Semiconductor MOC212-M Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
4/10/03
Page 2 of 9
© 2002 Fairchild Semiconductor Corporation
SMALL OUTLINE OPTOCOUPLERS
TRANSISTOR OUTPUT
MOC211-M
MOC212-M
MOC213-M
ABSOLUTE MAXIMUM RATINGS (TA = 25°C Unless otherwise specified)
Rating
Symbol
Value
Unit
EMITTER
Forward Current – Continuous
IF
60
mA
Forward Current – Peak (PW = 100 µs, 120 pps)
IF (pk)
1.0
A
Reverse Voltage
VR
6.0
V
LED Power Dissipation @ TA = 25°C
Derate above 25°C
PD
90
0.8
mW
mW/°C
DETECTOR
Collector-Emitter Voltage
VCEO
30
V
Emitter-Collector Voltage
VECO
7.0
V
Collector-Base Voltage
VCBO
70
V
Collector Current-Continuous
IC
150
mA
Detector Power Dissipation @ TA = 25°C
Derate above 25°C
PD
150
1.76
mW
mW/°C
TOTAL DEVICE
Input-Output Isolation Voltage (1,2,3)
(f = 60 Hz, t = 1 min.)
VISO
2500
Vac(rms)
Total Device Power Dissipation @ TA = 25°C
Derate above 25°C
PD
250
2.94
mW
mW/°C
Ambient Operating Temperature Range
TA
-40 to +100
°C
Storage Temperature Range
Tstg
-40 to +150
°C


Similar Part No. - MOC212-M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC212-M FAIRCHILD-MOC212-M Datasheet
515Kb / 10P
   SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
More results

Similar Description - MOC212-M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC207M FAIRCHILD-MOC207M Datasheet
2Mb / 10P
   Small Outline Optocouplers Transistor Output
MOC211-M FAIRCHILD-MOC211-M Datasheet
515Kb / 10P
   SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
MOC205 FAIRCHILD-MOC205 Datasheet
520Kb / 10P
   SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
MOC205-M FAIRCHILD-MOC205-M Datasheet
518Kb / 10P
   SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
MOC207R1M FAIRCHILD-MOC207R1M Datasheet
2Mb / 10P
   Small Outline Optocouplers Transistor Output
MOC207R2M FAIRCHILD-MOC207R2M Datasheet
2Mb / 10P
   Small Outline Optocouplers Transistor Output
MOC223 FAIRCHILD-MOC223 Datasheet
361Kb / 7P
   SMALL OUTLINE OPTOCOUPLERS DARLINGTON OUTPUT
MOC223-M FAIRCHILD-MOC223-M Datasheet
503Kb / 9P
   Small Outline Optocouplers Darlington Output
MOC213R2M FAIRCHILD-MOC213R2M Datasheet
2Mb / 10P
   Small Ouline Optocouplers Transistor Output
MOC212M FAIRCHILD-MOC212M Datasheet
2Mb / 10P
   Small Ouline Optocouplers Transistor Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com