Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6-103975-0 Datasheet(PDF) 17 Page - Tyco Electronics

Part # 6-103975-0
Description  Wire-to-Board, .100 [2.54] Centerline Products
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6-103975-0 Datasheet(HTML) 17 Page - Tyco Electronics

Back Button 6-103975-0 Datasheet HTML 13Page - Tyco Electronics 6-103975-0 Datasheet HTML 14Page - Tyco Electronics 6-103975-0 Datasheet HTML 15Page - Tyco Electronics 6-103975-0 Datasheet HTML 16Page - Tyco Electronics 6-103975-0 Datasheet HTML 17Page - Tyco Electronics 6-103975-0 Datasheet HTML 18Page - Tyco Electronics 6-103975-0 Datasheet HTML 19Page - Tyco Electronics 6-103975-0 Datasheet HTML 20Page - Tyco Electronics 6-103975-0 Datasheet HTML 21Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
239
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
MTE Pin Assemblies—Strip Form with Guide Ribs,
Single-Row, .100 [2.54] Centerline (Continued)
MTE Pin Assemblies—Individual Form with Guide Ribs,
Single-Row, .100 [2.54] Centerline
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
No. of
Dimensions
Individual Pin Assembly
Individual Pin Assembly
Unloaded
Pos.
B
30-26 AWG [0.05-0.15mm2] Wire
26-22 AWG [0.12-0.3mm2] Wire
Housings
Plating A
Plating B
Plating C
Plating A
Plating B
Plating C
13
1.398 [35.51]
6-103896-2
6-103657-2
6-103656-2
6-103895-2
6-103655-2
6-103654-2
1-104503-2
14
1.498 [38.05]
6-103896-3
6-103657-3
6-103656-3
6-103895-3
6-103655-3
6-103654-3
1-104503-3
15
1.598 [40.59]
6-103896-4
6-103657-4
6-103656-4
6-103895-4
6-103655-4
6-103654-4
1-104503-4
16
1.698 [43.13]
6-103896-5
6-103657-5
6-103656-5
6-103895-5
6-103655-5
6-103654-5
1-104503-5
17
1.798 [45.67]
6-103896-6
6-103657-6
6-103656-6
6-103895-6
6-103655-6
6-103654-6
1-104503-6
18
1.898 [48.20]
6-103896-7
6-103657-7
6-103656-7
6-103895-7
6-103655-7
6-103654-7
1-104503-7
19
1.998 [50.75]
6-103896-8
6-103657-8
6-103656-8
6-103895-8
6-103655-8
6-103654-8
1-104503-8
20
2.098 [53.29]
6-103896-9
6-103657-9
6-103656-9
6-103895-9
6-103655-9
6-103654-9
1-104503-9
21
2.198 [55.83]
7-103896-0
7-103657-0
7-103656-0
7-103895-0
7-103655-0
7-103654-0
2-104503-0
22
2.298 [58.37]
7-103896-1
7-103657-1
7-103656-1
7-103895-1
7-103655-1
7-103654-1
2-104503-1
23
2.398 [60.91]
7-103896-2
7-103657-2
7-103656-2
7-103895-2
7-103655-2
7-103654-2
2-104503-2
24
2.498 [63.45]
7-103896-3
7-103657-3
7-103656-3
7-103895-3
7-103655-3
7-103654-3
2-104503-3
25
2.598 [65.99]
7-103896-4
7-103657-4
7-103656-4
7-103895-4
7-103655-4
7-103654-4
2-104503-4
Notes: 1. Pin assemblies are furnished with strip contacts partially inserted into housing—contacts latched into “preload” windows. Contacts are fully inserted
into housings automatically when terminated with Tyco Electronics application machines, or manually when terminated with Tyco Electronics pistol grip
hand tool.
2. Use Extraction/Lance Reset Tool No. 843477-1 to remove pin contacts.
Housing
Strip Form Pin Assembly
Strip Form Pin Assembly
No. of
Dimensions
Quantities
30-26 AWG [0.05-0.15mm2] Wire
26-22 AWG [0.12-0.3mm2] Wire
Unloaded
Pos.
AB
Per Strip
Plating A
Plating B
Plating C
Plating A
Plating B
Plating C
Housings
Segment
2
1.980 [50.29]
0.198 [5.03]
10
5-103955-1
5-103954-1
5-103953-1
5-103952-1
5-103951-1
5-103950-1
104503-1
3
1.490 [37.85]
0.298 [7.57]
5
5-103955-2
5-103954-2
5-103953-2
5-103952-2
5-103951-2
5-103950-2
104503-2
4
1.990 [50.55] 0.398 [10.11]
5
5-103955-3
5-103954-3
5-103953-3
5-103952-3
5-103951-3
5-103950-3
104503-3
5
1.990 [50.55] 0.498 [12.65]
4
5-103955-4
5-103954-4
5-103953-4
5-103952-4
5-103951-4
5-103950-4
104503-4
6
2.390 [60.71] 0.598 [15.19]
4
5-103955-5
5-103954-5
5-103953-5
5-103952-5
5-103951-5
5-103950-5
104503-5
7
1.400 [35.56] 0.698 [17.73]
2
5-103955-6
5-103954-6
5-103953-6
5-103952-6
5-103951-6
5-103950-6
104503-6
8
1.600 [40.64] 0.798 [20.27]
2
5-103955-7
5-103954-7
5-103953-7
5-103952-7
5-103951-7
5-103950-7
104503-7
9
1.800 [45.72] 0.898 [22.81]
2
5-103955-8
5-103954-8
5-103953-8
5-103952-8
5-103951-8
5-103950-8
104503-8
10
2.000 [50.80] 0.998 [25.35]
2
5-103955-9
5-103954-9
5-103953-9
5-103952-9
5-103951-9
5-103950-9
104503-9
11
2.200 [55.88] 1.098 [27.89]
2
6-103955-0
6-103954-0
6-103953-0
6-103952-0
6-103951-0
6-103950-0
1-104503-0
12
2.400 [60.96] 1.198 [30.43]
2
6-103955-1
6-103954-1
6-103953-1
6-103952-1
6-103951-1
6-103950-1
1-104503-1


Similar Part No. - 6-103975-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6-103975-0 MACOM-6-103975-0 Datasheet
147Kb / 1P
   ASSY, AMPMODU MTE, RECEPTACLE, SINGLE ROW, .100 C/L, FOR NO 22-NO 26 AWG WIRE SIZE, STRIP FORM
More results

Similar Description - 6-103975-0

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
PH1-40-UA ADAM-TECH-PH1-40-UA Datasheet
731Kb / 4P
   .100 2.54 CENTERLINE
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
MSA ADAM-TECH-MSA Datasheet
154Kb / 1P
   .100 MINI SHUNTS .100 [2.54] CENTERLINE
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
PH2-10-SGA ADAM-TECH-PH2-10-SGA Datasheet
623Kb / 5P
   100 2.54 CENTERLINE PH SERIES
FCE-20-SG ADAM-TECH-FCE-20-SG Datasheet
109Kb / 1P
   .100 IDC CARD EDGE .100 [2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com